Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Wi.232FHSS-250-FCC-R Datasheet(PDF) 17 Page - Radiometrix Ltd

Part # Wi.232FHSS-250-FCC-R
Description  Document Created from Rev G Specification
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

Wi.232FHSS-250-FCC-R Datasheet(HTML) 17 Page - Radiometrix Ltd

Back Button Wi.232FHSS-250-FCC-R Datasheet HTML 13Page - Radiometrix Ltd Wi.232FHSS-250-FCC-R Datasheet HTML 14Page - Radiometrix Ltd Wi.232FHSS-250-FCC-R Datasheet HTML 15Page - Radiometrix Ltd Wi.232FHSS-250-FCC-R Datasheet HTML 16Page - Radiometrix Ltd Wi.232FHSS-250-FCC-R Datasheet HTML 17Page - Radiometrix Ltd Wi.232FHSS-250-FCC-R Datasheet HTML 18Page - Radiometrix Ltd Wi.232FHSS-250-FCC-R Datasheet HTML 19Page - Radiometrix Ltd Wi.232FHSS-250-FCC-R Datasheet HTML 20Page - Radiometrix Ltd Wi.232FHSS-250-FCC-R Datasheet HTML 21Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 67 page
background image
WI.232FHSS-25-R/ WI.232FHSS-250-R DATASHEET
16
Revision 1.1.0
0x3000
0xE000
Data sent to UART. RF ACK sent
to 0x1000 by GUID.
0x06
0x1000
0x3000
0x2000
0xF000
Not processed- discarded.
0x3000
0xF000
Data sent to UART. No RF ACK
sent.
Table 3, User Addressing Examples
2.4.3. Extended User Addressing Mode
When Extended User Network mode is selected, transmitted packets locate endpoints using the customer ID
and destination User ID (specified in regCUSTID[1-0] and regUSERDESTID[3-0], respectively). An RF
packet sent with Extended User Network mode enabled carries 20 bytes of overhead. On the receiving side,
each module has a User ID mask (regUSERIDMASK[3-0]) that it applies to both its own User ID
(regUSERSRCID[3-0]) and the incoming destination User ID. Once both are masked, if the results are
equal, the receiving module will pass the payload data to the application for presentation to the host.
Additionally, if the incoming address, once masked, equals the mask itself, its payload will be presented to
the host. If an acknowledgement is requested, the receiving module will respond only if the unmasked User
IDs are equal. When using extended user network mode to send packets to multiple users (mask not equal
to 0xFFFFFFFF), assured delivery must be disabled. Failure to do so could cause extreme delays in
transmission and loss of data. The following table shows some examples of extended user addressing at
work.
Sender
Receiver
Network
Mode
User SRCID
User DESTID
User SRCID
User
IDMASK
Response
0x07
0x10000000
0xFFFFFFFF
0x20000001
0xFFFFFFFF
Data sent to UART. No RF
ACK sent by either module.
0x20000002
0xFFFFFFFF
0x17
0x10000000
0xFFFFFFFF
0x20000001
0xFFFFFFFF
Data sent to UART in both
modules. No ACK sent by
either module. This
configuration will cause
transmission problems.
0x20000002
0xFFFFFFFF
0x17
0x10000000
0x30000001
0x20000001
0xE0000000
Data sent to UART. No RF
ACK sent.
0x30000001
0xE0000000
Data sent to UART. RF ACK
sent to 0x10000000 by GUID.
0x07
0x10000000
0x30000002
0x20000001
0xF0000000
Not processed- discarded.
0x30000001
0xF0000000
Data sent to UART. No RF
ACK sent.
Table 4, Extended User Addressing Examples
2.4.4. Assured Delivery (Acknowledgement)
While not an addressing mode on its own, assured delivery can be enabled for each of the above addressing
modes. When a module transmits with assured delivery enabled, it obligates the receiving module to return
an acknowledgement packet. The transmitting module will wait for this acknowledgement for a preset
amount of time based on the data rate. If acknowledgement is not received, it will retransmit the current
packet. If the receiver receives more than one of the same packet, it will discard the packet contents but
send an acknowledgment. This way, duplicate data is not presented to the receiver’s UART. It is extremely
important that assured delivery be used only when the unmasked user/extended user Destination ID or
Destination GUID points to a specific module. Failure to specifically address a valid endpoint could cause the
module to appear slow or unresponsive due to repeated retransmissions. This will also serve to congest the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com