Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RK-Wi.232FHSS-25-FCC-R Datasheet(PDF) 27 Page - Radiometrix Ltd

Part # RK-Wi.232FHSS-25-FCC-R
Description  Document Created from Rev G Specification
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

RK-Wi.232FHSS-25-FCC-R Datasheet(HTML) 27 Page - Radiometrix Ltd

Back Button RK-Wi.232FHSS-25-FCC-R Datasheet HTML 23Page - Radiometrix Ltd RK-Wi.232FHSS-25-FCC-R Datasheet HTML 24Page - Radiometrix Ltd RK-Wi.232FHSS-25-FCC-R Datasheet HTML 25Page - Radiometrix Ltd RK-Wi.232FHSS-25-FCC-R Datasheet HTML 26Page - Radiometrix Ltd RK-Wi.232FHSS-25-FCC-R Datasheet HTML 27Page - Radiometrix Ltd RK-Wi.232FHSS-25-FCC-R Datasheet HTML 28Page - Radiometrix Ltd RK-Wi.232FHSS-25-FCC-R Datasheet HTML 29Page - Radiometrix Ltd RK-Wi.232FHSS-25-FCC-R Datasheet HTML 30Page - Radiometrix Ltd RK-Wi.232FHSS-25-FCC-R Datasheet HTML 31Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 67 page
background image
WI.232FHSS-25-R/ WI.232FHSS-250-R DATASHEET
26
Revision 1.1.0
3.3.2. WI.232FHSS-250-R Evaluation Module Circuit
1
1
2
2
3
3
4
4
D
D
C
C
B
B
A
A
1
2
3
4
5
6
7
8
9
10
11
12
Header 10
JP1
1
2
3
4
5
6
7
8
9
10
11
12
Header 10
JP2
RXD0
TXD0
CTS0
RTS0
RXD1
TXD1
RTS1
DTR1
*DTR1
PROC_PKT
PD2
PD3
PD4
EX
RSSI
CMD_RSP
BE
GND
GND
SMA
J1
GND
CTS0
RTS1
TXD0
RXD0
GND
1
2
3
4
Header 10
JP3
GND
VCC
1k
1k
NC
1
TXD
2
EXT1
3
EXT2
4
NC
5
C2CK
6
C2D
7
NC
8
CMD_RSP
9
EX
10
RSSI
14
CMD
15
BE
16
NC
17
RTS
18
CTS
19
RXD
20
GND
21
ANT
22
GND
23
Wi.232FHSS-250-R
VCC
GND
RSSI
BE
PD5
CMD_RSP
VCC_IN
IN
1
OUT
3
MIC39100-
3.3V
U1
GND
GND
VCC_IN
VCC
Tantalum
47uF
GND
Ceramic
4.7uF
Ceramic
0.1uF
GND
GND
Ceramic
4.7uF
Ceramic
0.1uF
GND
GND
RTS0
PROC_PKT
EX
Steward MI0603J600R-10
1A Ferrite
Steward MI0603J600R-10
1A Ferrite
Steward MI0603J600R-10
1A Ferrite
Figure 11: WI.232FHSS-250-R Evaluation Module Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com