Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RK-Wi.232FHSS-25-FCC-R Datasheet(PDF) 11 Page - Radiometrix Ltd

Part # RK-Wi.232FHSS-25-FCC-R
Description  Document Created from Rev G Specification
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

RK-Wi.232FHSS-25-FCC-R Datasheet(HTML) 11 Page - Radiometrix Ltd

Back Button RK-Wi.232FHSS-25-FCC-R Datasheet HTML 7Page - Radiometrix Ltd RK-Wi.232FHSS-25-FCC-R Datasheet HTML 8Page - Radiometrix Ltd RK-Wi.232FHSS-25-FCC-R Datasheet HTML 9Page - Radiometrix Ltd RK-Wi.232FHSS-25-FCC-R Datasheet HTML 10Page - Radiometrix Ltd RK-Wi.232FHSS-25-FCC-R Datasheet HTML 11Page - Radiometrix Ltd RK-Wi.232FHSS-25-FCC-R Datasheet HTML 12Page - Radiometrix Ltd RK-Wi.232FHSS-25-FCC-R Datasheet HTML 13Page - Radiometrix Ltd RK-Wi.232FHSS-25-FCC-R Datasheet HTML 14Page - Radiometrix Ltd RK-Wi.232FHSS-25-FCC-R Datasheet HTML 15Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 67 page
background image
WI.232FHSS-25-R/ WI.232FHSS-250-R DATASHEET
10
Revision 1.1.0
2. Theory of Operation
2.1. General
The Wi.232FHSS module is one of a family of WiSE™ (Wireless Serial Engine) modules. A WiSE™
module combines a state-of-the-art FSK data transceiver and a high-performance protocol controller to
create a complete embedded wireless communications link in a small IC-style package.
The 250mW RF transceiver is built around the Analog Devices ADF7020 IC, whereas the 25mW version
uses the Semtech XE1203F transceiver IC. Both transceivers are designed with the components
necessary to facilitate operation in the 902-928MHz US ISM band.
Wireless Serial Engine (WiSE™) FHSS
Figure 2: WiSE Block Diagram
The Wi.232FHSS module has a UART-type serial interface and contains special application software to
create a transparent UART-to-antenna wireless solution capable of direct wire replacement in most
embedded RS-232/422/485 applications.
Note: Although the module is capable of supporting the typical serial communications required by RS-232,
RS-422, and RS-485 networks, it is not compatible with the electrical interfaces for these types of
networks. The module has CMOS inputs and outputs and would require an appropriate converter for the
particular type of network it is connected to.
Chapter
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com