Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RK-Wi.232FHSS-25-FCC-R Datasheet(PDF) 38 Page - Radiometrix Ltd

Part # RK-Wi.232FHSS-25-FCC-R
Description  Document Created from Rev G Specification
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

RK-Wi.232FHSS-25-FCC-R Datasheet(HTML) 38 Page - Radiometrix Ltd

Back Button RK-Wi.232FHSS-25-FCC-R Datasheet HTML 34Page - Radiometrix Ltd RK-Wi.232FHSS-25-FCC-R Datasheet HTML 35Page - Radiometrix Ltd RK-Wi.232FHSS-25-FCC-R Datasheet HTML 36Page - Radiometrix Ltd RK-Wi.232FHSS-25-FCC-R Datasheet HTML 37Page - Radiometrix Ltd RK-Wi.232FHSS-25-FCC-R Datasheet HTML 38Page - Radiometrix Ltd RK-Wi.232FHSS-25-FCC-R Datasheet HTML 39Page - Radiometrix Ltd RK-Wi.232FHSS-25-FCC-R Datasheet HTML 40Page - Radiometrix Ltd RK-Wi.232FHSS-25-FCC-R Datasheet HTML 41Page - Radiometrix Ltd RK-Wi.232FHSS-25-FCC-R Datasheet HTML 42Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 67 page
background image
WI.232FHSS-25-R/ WI.232FHSS-250-R DATASHEET
37
Revision 1.1.0
4.1.6. Transmit Wait Timeout (regTXTO)
regNVTXTO (0x05)
regTXTO (0x50)
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
D7
D6
D5
D4
D3
D2
D1
D0
7
6
5
4
3
2
1
0
Default Transmit Wait Timeout: 16 (15-16ms)
When a byte is received by the UART, the module will reset the UART Tx timeout millisecond timer to
regTXTO Underline and blue.. If the timer expires before another byte is received by the UART, the data is
queued for transmission. Normally, this value should be set to a value greater than one byte time at the
current UART data rate (rounding up) with a minimum of 0x02. regTXTO should never be set to a value of
0x01 or any value less than one byte time; unpredictable results will occur. If the timeout value is set to
0x00, the transmit wait timeout will be disabled, and a minimum of regUARTMTU bytes will be required for
transmission.
This register works in conjunction with the regUARTMTU register to determine when the module sends a
packet. A pseudo-code logical arrangement is:
if (UART_incoming_buffer_size >= regUARTMTU) or (UART_last_char_received_timer >
regTXTO) then SendPacket()
Wi.232FHSS-25-R / Wi.232FHSS-250-R
Baud Rate
Minimum TXTO
2400
6ms
9600
3ms
19200
2ms
38400
2ms
57600
2ms
115200
2ms
Table 14, Minimum TXTO Values
4.1.7. Maximum Transmit Retries (regMAXTXRETRY)
regNVMAXTXRETRY (0x07)
regMAXTXRETRY (0x52)
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
D7
D6
D5
D4
D3
D2
D1
D0
7
6
5
4
3
2
1
0
Default Maximum Transmit Retries: 26
Sets the number of transmission tries if an acknowledgement is not received. If an acknowledgement is
not received, EX_NORFACK is raised.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com