Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RK-Wi.232FHSS-25-FCC-R Datasheet(PDF) 64 Page - Radiometrix Ltd

Part # RK-Wi.232FHSS-25-FCC-R
Description  Document Created from Rev G Specification
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

RK-Wi.232FHSS-25-FCC-R Datasheet(HTML) 64 Page - Radiometrix Ltd

Back Button RK-Wi.232FHSS-25-FCC-R Datasheet HTML 59Page - Radiometrix Ltd RK-Wi.232FHSS-25-FCC-R Datasheet HTML 60Page - Radiometrix Ltd RK-Wi.232FHSS-25-FCC-R Datasheet HTML 61Page - Radiometrix Ltd RK-Wi.232FHSS-25-FCC-R Datasheet HTML 62Page - Radiometrix Ltd RK-Wi.232FHSS-25-FCC-R Datasheet HTML 63Page - Radiometrix Ltd RK-Wi.232FHSS-25-FCC-R Datasheet HTML 64Page - Radiometrix Ltd RK-Wi.232FHSS-25-FCC-R Datasheet HTML 65Page - Radiometrix Ltd RK-Wi.232FHSS-25-FCC-R Datasheet HTML 66Page - Radiometrix Ltd RK-Wi.232FHSS-25-FCC-R Datasheet HTML 67Page - Radiometrix Ltd  
Zoom Inzoom in Zoom Outzoom out
 64 / 67 page
background image
WI.232FHSS-25-R/ WI.232FHSS-250-R DATASHEET
63
Revision 1.1.0
6.4.3. DC Specifications for WI.232FHSS-250-R
Parameter
Min
Typ
Max
Units
Notes
Operating Temperature
-40
+85
oC
HW Revision C and later
Supply Voltage
2.7
3.3
3.6
VDC
Operating limits
Allowed Vdd Ramp Time
1
ms
from Vss to 2.7 V
Receive Current Consumption
25
mA
Continuous operation,
Vdd = 3.3 VDC, 2400 baud
Transmit Current Consumption
(+8 dBm)
54
mA
Output into 50 Ohm load,
Vdd= 3.3 VDC
(+13 dBm)
71
mA
(+18 dBm)
109
mA
(+23.5 dBm)
190
mA
Standby Current Consumption
1.5
mA
Vdd= 3.3 VDC
Sleep Current Consumption
1.5
mA
Vdd= 3.3 VDC
Deep Sleep Current Consumption
3
μA
Vdd= 3.3 VDC
Vih- Logic High Level Input
0.7*Vdd
5.0
VDC
Vil- Logic Low Level Input
0
0.3*Vcc
VDC
Voh- Logic High Level Output
2.5
Vcc
VDC
Vol- Logic Low Level Output
0
0.4
VDC
Table 38, DC Specifications for WI.232FHSS-250-R
6.5. Flash Specifications (Non-Volatile Registers)
Parameter
Min
Typ
Max
Units
Notes
Flash Write Duration
16
ms
Module stalled during operation
Flash Write Cycles
20k
100k
cycles
Table 39, Flash Specifications (Non-Volatile Registers)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com