Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RK-Wi.232FHSS-25-FCC-R Datasheet(PDF) 10 Page - Radiometrix Ltd

Part # RK-Wi.232FHSS-25-FCC-R
Description  Document Created from Rev G Specification
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

RK-Wi.232FHSS-25-FCC-R Datasheet(HTML) 10 Page - Radiometrix Ltd

Back Button RK-Wi.232FHSS-25-FCC-R Datasheet HTML 6Page - Radiometrix Ltd RK-Wi.232FHSS-25-FCC-R Datasheet HTML 7Page - Radiometrix Ltd RK-Wi.232FHSS-25-FCC-R Datasheet HTML 8Page - Radiometrix Ltd RK-Wi.232FHSS-25-FCC-R Datasheet HTML 9Page - Radiometrix Ltd RK-Wi.232FHSS-25-FCC-R Datasheet HTML 10Page - Radiometrix Ltd RK-Wi.232FHSS-25-FCC-R Datasheet HTML 11Page - Radiometrix Ltd RK-Wi.232FHSS-25-FCC-R Datasheet HTML 12Page - Radiometrix Ltd RK-Wi.232FHSS-25-FCC-R Datasheet HTML 13Page - Radiometrix Ltd RK-Wi.232FHSS-25-FCC-R Datasheet HTML 14Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 67 page
background image
WI.232FHSS-25-R/ WI.232FHSS-250-R DATASHEET
9
Revision 1.1.0
•
CSMA Medium Access Control
•
122.4 dB Link Budget for the WI.232FHSS-25-R
•
132.9 dB Link Budget for the WI.232FHSS-250-R
•
Command mode for the Volatile and Non-Volatile Configuration
•
32-bit Unique GUID/MAC Address
•
5 Volt Tolerant I/O
•
902 – 928 MHz ISM Band Requires No License
•
Adjustable Output Power
•
Automatic Gain Control for the WI.232FHSS-250-R Only
1.3. Applications
•
Direct RS-232/422/485 Wire Replacement (requires external conversion circuitry)
•
Asset Tracking
•
Automated Meter Reading (AMR)
•
Traffic and Display Signs
•
Mass-Transit Communications
•
Industrial and/ or Home Automation
•
RFID
•
Wireless Sensors
•
Remote Data Logging
•
Oil and Gas Sensing
•
Fleet Management
•
Vehicle Tracking
•
Toys
•
Long-range Data Links



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com