Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7858LBR Datasheet(PDF) 16 Page - Analog Devices

Part # AD7858LBR
Description  3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7858LBR Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7858LBR Datasheet HTML 12Page - Analog Devices AD7858LBR Datasheet HTML 13Page - Analog Devices AD7858LBR Datasheet HTML 14Page - Analog Devices AD7858LBR Datasheet HTML 15Page - Analog Devices AD7858LBR Datasheet HTML 16Page - Analog Devices AD7858LBR Datasheet HTML 17Page - Analog Devices AD7858LBR Datasheet HTML 18Page - Analog Devices AD7858LBR Datasheet HTML 19Page - Analog Devices AD7858LBR Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
REV. B
–16–
AD7858/AD7858L
require approximately 150 ms for the internal reference to settle
and for the automatic calibration on power-up to be completed.
For applications where power consumption is a major concern
then the
SLEEP pin can be connected to DGND. See Power-
Down section for more detail on low power applications.
ANALOG INPUT
The equivalent circuit of the analog input section is shown in
Figure 11. During the acquisition interval the switches are both
in the track position and the AIN(+) charges the 20 pF capacitor
through the 125
Ω resistance. On the rising edge of CONVST
switches SW1 and SW2 go into the hold position retaining
charge on the 20 pF capacitor as a sample of the signal on
AIN(+). The AIN(–) is connected to the 20 pF capacitor, and
this unbalances the voltage at node A at the input of the com-
parator. The capacitor DAC adjusts during the remainder of the
conversion cycle to restore the voltage at node A to the correct
value. This action transfers a charge, representing the analog
input signal, to the capacitor DAC which in turn forms a digital
representation of the analog input signal. The voltage on the
AIN(–) pin directly influences the charge transferred to the
capacitor DAC at the hold instant. If this voltage changes dur-
ing the conversion period, the DAC representation of the analog
input voltage will be altered. Therefore it is most important that
the voltage on the AIN(–) pin remains constant during the conver-
sion period. Furthermore it is recommended that the AIN(–)
pin is always connected to AGND or to a fixed dc voltage.
Acquisition Time
The track and hold amplifier enters its tracking mode on the
falling edge of the BUSY signal. The time required for the track
and hold amplifier to acquire an input signal will depend on
how quickly the 20 pF input capacitance is charged. The acqui-
sition time is calculated using the formula:
tACQ
= 9 × (RIN + 125 Ω)× 20 pF
where RIN is the source impedance of the input signal, and
125
Ω, 20 pF is the input R, C.
HOLD
CAPACITOR
DAC
COMPARATOR
TRACK
NODE A
SW2
HOLD
TRACK
SW1
125
125
20pF
CREF2
AIN(–)
AIN(+)
Figure 11. Analog Input Equivalent Circuit
DC/AC Applications
For dc applications high source impedances are acceptable
provided there is enough acquisition time between conversions
to charge the 20 pF capacitor. The acquisition time can be
calculated from the above formula for different source imped-
ances. For example with RIN = 5 k
Ω, the required acquisition
time will be 922 ns.
For ac applications, removing high frequency components from
the analog input signal is recommended by use of an RC low-
pass filter on the AIN(+) pin as shown in Figure 13. In applica-
tions where harmonic distortion and signal to noise ratio are
critical the analog input should be driven from a low impedance
source. Large source impedances will significantly affect the ac
performance of the ADC. This may necessitate the use of an
input buffer amplifier. The choice of the op amp will be a func-
tion of the particular application.
When no amplifier is used to drive the analog input the source
impedance should be limited to low values. The maximum
source impedance will depend on the amount of total harmonic
distortion (THD) that can be tolerated. The THD will increase
as the source impedance increases and performance will de-
grade. Figure 12 shows a graph of the total harmonic distortion
versus analog input signal frequency for different source imped-
ances. With the setup as in Figure 13, the THD is at the –90 dB
level. With a source impedance of 1 k
Ω and no capacitor on the
AIN(+) pin, the THD increases with frequency.
INPUT FREQUENCY – kHz
–72
–76
–92
0
100
20
40
60
–80
–84
–88
80
THD vs. FREQUENCY FOR DIFFERENT
SOURCE IMPEDANCES
RIN = 1k
RIN = 50 , 10nF
AS IN FIGURE 13
Figure 12. THD vs. Analog Input Frequency
In a single supply application (both 3 V and 5 V), the V+ and
V– of the op amp can be taken directly from the supplies to the
AD7858/AD7858L which eliminates the need for extra external
power supplies. When operating with rail-to-rail inputs and
outputs, at frequencies greater than 10 kHz care must be taken
in selecting the particular op amp for the application. In particu-
lar for single supply applications the input amplifiers should be
connected in a gain of –1 arrangement to get the optimum per-
formance. Figure 13 shows the arrangement for a single supply
application with a 50
Ω and 10 nF low-pass filter (cutoff fre-
quency 320 kHz) on the AIN(+) pin. Note that the 10 nF is a
capacitor with good linearity to ensure good ac performance.
Recommended single supply op amps are the AD820 and the
AD820-3 V.
+3V TO +5V
10k
10k
10k
10k
10 F
0.1 F
50
V+
V+
VREF
TO AIN(+) OF
AD7858/AD7858L
10nF
(NPO)
AD820
AD820-3V
VIN
(0 TO VREF)
Figure 13. Analog Input Buffering



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com