Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7858LBR Datasheet(PDF) 28 Page - Analog Devices

Part # AD7858LBR
Description  3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7858LBR Datasheet(HTML) 28 Page - Analog Devices

Back Button AD7858LBR Datasheet HTML 24Page - Analog Devices AD7858LBR Datasheet HTML 25Page - Analog Devices AD7858LBR Datasheet HTML 26Page - Analog Devices AD7858LBR Datasheet HTML 27Page - Analog Devices AD7858LBR Datasheet HTML 28Page - Analog Devices AD7858LBR Datasheet HTML 29Page - Analog Devices AD7858LBR Datasheet HTML 30Page - Analog Devices AD7858LBR Datasheet HTML 31Page - Analog Devices AD7858LBR Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
REV. B
–28–
AD7858/AD7858L
MICROPROCESSOR INTERFACING
In many applications, the user may not require the facility of
writing to most of the on-chip registers. The only writing neces-
sary is to set the input channel configuration. After this the
CONVST is applied, a conversion is performed, and the result
may be read using the SCLK to clock out the data from the
output register on to the DOUT pin. At the same time a write
operation occurs and this may consist of all 0s where no data is
written to the part or may set a different input channel configu-
ration for the next conversion. The SCLK may be connected to
the CLKIN pin if the user does not want to have to provide
separate serial and master clocks. With this arrangement the
SYNC signal must be low for 16 SCLK cycles for the read and
write operations.
DIN
DOUT
SYNC
CONVST
CLKIN
SCLK
AD7858/
AD7858L
4MHz/1.8MHz
MASTER CLOCK
SYNC SIGNAL TO
GATE THE SCLK
SERIAL DATA
OUTPUT
CONVERSION START
SERIAL DATA INPUT
Figure 36. Simplified Interface Diagram
AD7858/AD7858L to 8XC51 Interface
Figure 37 shows the AD7858/AD7858L interface to the
8XC51. The 8XL51 is for interfacing to the AD7858/AD7858L
when the supply is at 3 V. The 8XC51 only runs at 5 V. The
8XC51 is in Mode 0 operation. This is a two-wire interface
consisting of the SCLK and the DIN which acts as a bidirec-
tional line. The
SYNC is tied low. The BUSY line can be used
to give an interrupt driven system but this would not normally
be the case with the 8XC51. For the 8XC51 12 MHz version
the serial clock will run at a maximum of 1 MHz so the serial
interface of the AD7858/AD7858L will only be running at
1 MHz. The CLKIN signal must be provided separately to the
AD7858/AD7858L from a port line on the 8XC51 or from a
source other than the 8XC51. Here the SCLK cannot be tied to
the CLKIN as the
SYNC is tied low permanently. The CONVST
signal can be provided from an external timer or conversion can
be started in software if required. The sequence of events would
typically be to write to the control register via the DIN line setting
a conversion start and the 2-wire interface mode (this would be
performed in two 8-bit writes), wait for the conversion to be
finished (4.6
µs with 4 MHz CLKIN), read the conversion result
data on the DIN line (this would be performed in two 8-bits
reads), and repeat the sequence. The maximum serial frequency
will be determined by the data access and hold times of the
8XC51 and the AD7858/AD7858L.
8XC51/L51
P3.0
P3.1
AD7858/AD7858L
CONVST
CLKIN
SCLK
DIN
SYNC
OPTIONAL
4MHz/1.8MHz
BUSY
(INT0/P3.2)
MASTER
SLAVE
OPTIONAL
Figure 37. 8XC51/PIC16C42 Interface
AD7858/AD7858L to 68HC11/16/L11/PIC16C42 Interface
Figure 38 shows the AD7858/AD7858L SPI/QSPI interface to
the 68HC11/16/L11/PIC16C42. The 68L11 is for interfacing to
the AD7858/AD7858L when the supply is 3 V. The AD7858/
AD7858L is in Interface Mode 2. The
SYNC line is not used
and is tied to DGND. The
µController is configured as the mas-
ter, by setting the MSTR bit in the SPCR to 1, and provides the
serial clock on the SCK pin. For all the
µControllers the CPOL
bit is set to 1 and for the 68HC11/16/L11 the CPHA bit is set to
1. The CLKIN and
CONVST signals can be supplied from the
µController or from separate sources. The BUSY signal can be
used as an interrupt to tell the
µController when the conversion
is finished, then the reading and writing can take place. If re-
quired the reading and writing can take place during conversion
and there will be no need for the BUSY signal in this case.
68HC11/L11/16
SCK
SS
CONVST
CLKIN
SCLK
DIN
SYNC
OPTIONAL
4MHz/1.8MHz
BUSY
IRQ
MASTER
SLAVE
OPTIONAL
DOUT
MISO
MOSI
SPI
DVDD
HC16, QSPI
AD7858/AD7858L
Figure 38. 68HC11 and 68HC16 Interface
For the 68HC16 the word length should be set to 16 bits, and
the
SS line should be tied to the SYNC pin for the QSPI inter-
face. The micro-sequencer and RAM associated with the
68HC16 QSPI port can be used to perform a number of read
and write operations, and store the conversion results in
memory, independent of the CPU. This is especially useful when
reading the conversion results from all eight channels consecu-
tively. The command section of the QSPI port RAM would be
programmed to perform a conversion on one channel, read the
conversion result, perform a conversion on the next channel,
read the conversion result, and so on until all eight conversion
results are stored into the QSPI RAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com