Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7858LBR Datasheet(PDF) 25 Page - Analog Devices

Part # AD7858LBR
Description  3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7858LBR Datasheet(HTML) 25 Page - Analog Devices

Back Button AD7858LBR Datasheet HTML 21Page - Analog Devices AD7858LBR Datasheet HTML 22Page - Analog Devices AD7858LBR Datasheet HTML 23Page - Analog Devices AD7858LBR Datasheet HTML 24Page - Analog Devices AD7858LBR Datasheet HTML 25Page - Analog Devices AD7858LBR Datasheet HTML 26Page - Analog Devices AD7858LBR Datasheet HTML 27Page - Analog Devices AD7858LBR Datasheet HTML 28Page - Analog Devices AD7858LBR Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
AD7858/AD7858L
REV. B
–25–
Mode 2 (3-Wire SPI/QSPI Interface Mode)
This is the DEFAULT INTERFACE MODE.
In Figure 33 below we have the timing diagram for interface
Mode 2 which is the SPI/QSPI interface mode. Here the
SYNC
input is active low and may be pulsed or tied permanently low.
If
SYNC is permanently low, 16 clock pulses must be applied to
the SCLK pin for the part to operate correctly, otherwise with a
pulsed
SYNC input a continuous SCLK may be applied pro-
vided
SYNC is low for only 16 SCLK cycles. In Figure 33 the
SYNC going low disables the three-state on the DOUT pin.
The first falling edge of the SCLK after the
SYNC going low
clocks out the first leading zero on the DOUT pin. The DOUT
pin is three-stated again a time t12 after the SYNC goes high.
With the DIN pin the data input has to be set up a time t7 be-
fore the SCLK rising edge as the part samples the input data on
the SCLK rising edge in this case. If resetting the interface is
required, the
SYNC must be taken high and then low.
t11
t12
16
6
5
4
3
2
1
t10
t8
t6
t9
t8
t6
t3
t5
THREE-STATE
THREE-STATE
DB0
DB10
DB11
DB12
DB13
DB14
DB15
DB14
DB13
DB12
DB11
DB10
DB0
SYNC (I/P)
SCLK (I/P)
DOUT (O/P)
DIN (I/P)
POLARITY PIN LOGIC HIGH
t3 = –0.4tSCLK MIN (NONCONTINUOUS SCLK) 0.4tSCLK ns MIN/MAX (CONTINUOUS SCLK),
t6 = 75/115ns MAX (5V/3V), t7 = 40/60ns MIN (5V/3V), t8 = 20/30ns MIN (5V/3V),
t11 = 30/50ns MIN (NONCONTINUOUS SCLK) (5V/3V), (30/50)/0.4tSCLK ns MIN/MAX
(CONTINUOUS SCLK) (5V/3V)
DB15
t7
Figure 33. SPI/QSPI Mode 2 Timing Diagram for Read/Write Operation
with DIN Input, DOUT Output, and
SYNC Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com