Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7858LBR Datasheet(PDF) 22 Page - Analog Devices

Part # AD7858LBR
Description  3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7858LBR Datasheet(HTML) 22 Page - Analog Devices

Back Button AD7858LBR Datasheet HTML 18Page - Analog Devices AD7858LBR Datasheet HTML 19Page - Analog Devices AD7858LBR Datasheet HTML 20Page - Analog Devices AD7858LBR Datasheet HTML 21Page - Analog Devices AD7858LBR Datasheet HTML 22Page - Analog Devices AD7858LBR Datasheet HTML 23Page - Analog Devices AD7858LBR Datasheet HTML 24Page - Analog Devices AD7858LBR Datasheet HTML 25Page - Analog Devices AD7858LBR Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
REV. B
–22–
AD7858/AD7858L
Figure 27 shows a system gain calibration (assuming a system
full scale greater than the reference voltage) where the analog
input range has been increased after the system gain calibration
is completed. A system full-scale voltage less than the reference
voltage may also be accounted for by a system gain calibration.
MAX SYSTEM FULL SCALE
IS
2.5% FROM VREF
AGND
SYS F.S.
VREF – 1LSB
ANALOG
INPUT
RANGE
SYSTEM GAIN
CALIBRATION
MAX SYSTEM FULL SCALE
IS
2.5% FROM VREF
AGND
SYS F.S.
VREF – 1LSB
ANALOG
INPUT
RANGE
Figure 27. System Gain Calibration
Finally in Figure 28 both the system offset and gain are ac-
counted for by the a system offset followed by a system gain
calibration. First the analog input range is shifted upwards by
the positive system offset and then the analog input range is
adjusted at the top end to account for the system full scale.
MAX SYSTEM OFFSET
IS
5% OF VREF
VREF –1LSB
SYS OFFSET
AGND
ANALOG
INPUT
RANGE
SYSTEM OFFSET
CALIBRATION
FOLLOWED BY
SYSTEM GAIN
CALIBRATION
MAX SYSTEM OFFSET
IS
5% OF VREF
SYS OFFSET
AGND
SYS F.S.
VREF – 1LSB
ANALOG
INPUT
RANGE
MAX SYSTEM FULL SCALE
IS
2.5% FROM VREF
VREF + SYS OFFSET
MAX SYSTEM FULL SCALE
IS
2.5% FROM VREF
SYS F.S.
Figure 28. System (Gain + Offset) Calibration
System Gain and Offset Interaction
The inherent architecture of the AD7858/AD7858L leads to an
interaction between the system offset and gain errors when a
system calibration is performed. Therefore, it is recommended
to perform the cycle of a system offset calibration followed by a
system gain calibration twice. Separate system offset and system
gain calibrations reduce the offset and gain errors to at least the
12-bit level. By performing a system offset
CAL first and a
system gain calibration second, priority is given to reducing the
gain error to zero before reducing the offset error to zero. If the
system errors are small, a system offset calibration would be
performed, followed by a system gain calibration. If the system
errors are large (close to the specified limits of the calibration
range), this cycle would be repeated twice to ensure that the
offset and gain errors were reduced to at least the 12-bit level.
The advantage of doing separate system offset and system gain
calibrations is that the user has more control over when the
analog inputs need to be at the required levels, and the
CONVST signal does not have to be used.
Alternatively, a system (gain + offset) calibration can be
performed. It is recommended to perform three system (gain +
offset) calibrations to reduce the offset and gain errors to the
12-bit level. For the system (gain + offset) calibration priority is
given to reducing the offset error to zero before reducing the
gain error to zero. Thus if the system errors are small then two
system (gain + offset) calibrations will be sufficient. If the sys-
tem errors are large (close to the specified limits of the calibra-
tion range) three system (gain + offset) calibrations may be
required to reduced the offset and gain errors to at least the 12-
bit level. There will never be any need to perform more than
three system (offset + gain) calibrations.
The zero scale error is adjusted for an offset calibration and the
positive full-scale error is adjusted for a gain calibration.
System Calibration Timing
The calibration timing diagram in Figure 29 is for a full system
calibration where the falling edge of
CAL initiates an internal
reset before starting a calibration (note that if the part is in power-
down mode the
CAL pulsewidth must take account of the power-up
time). If a full system calibration is to be performed in software
it is easier to perform separate gain and offset calibrations so
that the CONVST bit in the control register does not have to be
programmed in the middle of the system calibration sequence.
The rising edge of
CAL starts calibration of the internal DAC
and causes the BUSY line to go high. If the control register is
set for a full system calibration, the
CONVST must be used
also. The full-scale system voltage should be applied to the
analog input pins from the start of calibration. The BUSY line
will go low once the DAC and System Gain Calibration are
complete. Next the system offset voltage is applied to the AIN
pin for a minimum setup time (tSETUP) of 100 ns before the
rising edge of the
CONVST and remain until the BUSY signal
goes low. The rising edge of the
CONVST starts the system
offset calibration section of the full system calibration and also
causes the BUSY signal to go high. The BUSY signal will go
low after a time tCAL2 when the calibration sequence is com-
plete. In some applications not all the input channels may be
used. In this case it may be useful to dedicate two input chan-
nels for the system calibration, one which has the system offset
voltage applied to it, and one which has the system full scale
voltage applied to it. When a system offset or gain calibration is
performed, the channel selected should correspond to the sys-
tem offset or system full-scale voltage channel.
The timing for a system (gain + offset) calibration is very similar
to that of Figure 29 the only difference being that the time tCAL1
will be replaced by a shorter time of the order of tCAL2 as the
internal DAC will not be calibrated. The BUSY signal will
signify when the gain calibration is finished and when the part is
ready for the offset calibration.
t1 = 100ns MIN, t14 = 50/90ns MIN 5V/3V,
t15 = 2.5 tCLKIN MAX, tCAL1 = 111114 tCLKIN,
tCAL2 = 13899 tCLKIN
t1
t15
tCAL1
tCAL2
t16
tSETUP
VSYSTEM FULL SCALE
VOFFSET
CAL (I/P)
BUSY (O/P)
CONVST (I/P)
AIN (I/P)
Figure 29. Timing Diagram for Full System Calibration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com