Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7858LBR Datasheet(PDF) 20 Page - Analog Devices

Part # AD7858LBR
Description  3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7858LBR Datasheet(HTML) 20 Page - Analog Devices

Back Button AD7858LBR Datasheet HTML 16Page - Analog Devices AD7858LBR Datasheet HTML 17Page - Analog Devices AD7858LBR Datasheet HTML 18Page - Analog Devices AD7858LBR Datasheet HTML 19Page - Analog Devices AD7858LBR Datasheet HTML 20Page - Analog Devices AD7858LBR Datasheet HTML 21Page - Analog Devices AD7858LBR Datasheet HTML 22Page - Analog Devices AD7858LBR Datasheet HTML 23Page - Analog Devices AD7858LBR Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
REV. B
–20–
AD7858/AD7858L
The recommended value of the external capacitor is 100 nF;
this gives a power-up time of approximately 135 ms before a
calibration is initiated and normal operation should commence.
When CREF is fully charged, the power-up time from a hardware
or software power-down reduces to 5
µs. This is because an
internal switch opens to provide a high impedance discharge
path for the reference capacitor during power-down—see Figure
23. An added advantage of the low charge leakage from the
reference capacitor during power-down is that even though the
reference is being powered down between conversions, the
reference capacitor holds the reference voltage to within
0.5 LSBs with throughput rates of 100 samples/second and
over with a full power-down between conversions. A high input
impedance op amp like the AD707 should be used to buffer this
reference capacitor if it is being used externally. Note, if the
AD7858 is left in its power-down state for more than 100 ms,
the charge on CREF will start to leak away and the power-up
time will increase. If this long power-up time is a problem, the
user can use a partial power-down for the last conversion so the
reference remains powered up.
AD7858
REFIN/REFOUT
EXTERNAL
CAPACITOR
SWITCH OPENS
DURING POWER-DOWN
BUF
ON-CHIP
REFERENCE
TO OTHER
CIRCUITRY
Figure 23. On-Chip Reference During Power-Down
POWER VS. THROUGHPUT RATE
The main advantage of a full power-down after a conversion is
that it significantly reduces the power consumption of the part
at lower throughput rates. When using this mode of operation,
the AD7858 is only powered up for the duration of the conver-
sion. If the power-up time of the AD7858 is taken to be 5
µs
and it is assumed that the current during power-up is 4 mA typ,
then power consumption as a function of throughput can easily
be calculated. The AD7858 has a conversion time of 4.6
µs
with a 4 MHz external clock. This means the AD7858 con-
sumes 4 mA typ, (or 12 mW typ VDD = 3 V) for 9.6
µs in every
conversion cycle if the device is powered down at the end of a
conversion. If the throughput rate is 1 kSPS, the cycle time is
1000
µs and the average power dissipated during each cycle is
(9.6/1000)
× (12 mW) = 115 µW. The graph, Figure 24, shows
the power consumption of the AD7858 as a function of through-
put. Table VII lists the power consumption for various through-
put rates.
Table VII. Power Consumption vs. Throughput
Throughput Rate
Power
1 kSPS
115
µW
10 kSPS
1.15 mW
0.01
1
10
THROUGHPUT – kSPS
0
10
20
30
40
50
0.1
515
25
35
45
AD7858 (4MHz CLK)
AD7858L (1.8MHz CLK)
Figure 24. Power vs. Throughput Rate
CALIBRATION SECTION
Calibration Overview
The automatic calibration that is performed on power-up en-
sures that the calibration options covered in this section will not
be required in a significant amount of applications. The user
will not have to initiate a calibration unless the operating condi-
tions change (CLKIN frequency, analog input mode, reference
voltage, temperature, and supply voltages). The AD7858/
AD7858L have a number of calibration features that may be
required in some applications and there are a number of advan-
tages in performing these different types of calibration. First,
the internal errors in the ADC can be reduced significantly to
give superior dc performance, and secondly, system offset and
gain errors can be removed. This allows the user to remove
reference errors (whether it be internal or external reference)
and to make use of the full dynamic range of the AD7858/
AD7858L by adjusting the analog input range of the part for a
specific system.
There are two main calibration modes on the AD7858/AD7858L,
self-calibration and system calibration. There are various op-
tions in both self-calibration and system calibration as outlined
previously in Table IV. All the calibration functions can be
initiated by pulsing the
CAL pin or by writing to the control
register and setting the STCAL bit to one. The timing diagrams
that follow involve using the
CAL pin.
The duration of each of the different types of calibrations is
given in Table VIII for the AD7858 with a 4 MHz master clock.
These calibration times are master clock dependent. Therefore,
the calibrating times for the AD7858L (CLKIN = 1.8 MHz)
will be longer than those quoted in Table VIII.
Table VIII. Calibration Times (AD7858 with 4 MHz CLKIN)
Type of Self- or
System Calibration
Time
Full
31.25 ms
Offset + Gain
6.94 ms
Offset
3.47 ms
Gain
3.47 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com