Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7883 Datasheet(PDF) 6 Page - Analog Devices

Part # AD7883
Description  LC2MOS 12-Bit, 3.3 V Sampling ADC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7883 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7883 Datasheet HTML 2Page - Analog Devices AD7883 Datasheet HTML 3Page - Analog Devices AD7883 Datasheet HTML 4Page - Analog Devices AD7883 Datasheet HTML 5Page - Analog Devices AD7883 Datasheet HTML 6Page - Analog Devices AD7883 Datasheet HTML 7Page - Analog Devices AD7883 Datasheet HTML 8Page - Analog Devices AD7883 Datasheet HTML 9Page - Analog Devices AD7883 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AD7883
REV. 0
–6–
The AD7883 has one unipolar input range, 0 V to VREF. Figure
4 shows the analog input for this range. The designed code
transitions occur midway between successive integer LSB val-
ues (i.e., 1/2 LSB, 3/2 LSBs, 5/2 LSBs . . . FS –3/2 LSBs). The
output code is straight binary with 1 LSB = FS/4096 = 3.3 V/
4096 = 0.8 mV when VREF = 3.3 V. The ideal input/output
transfer characteristic for the unipolar range is shown in Figure 6.
1LSB =
FS
4096
OUTPUT
CODE
0V
111...111
111...110
111...101
111...100
000...011
000...001
000...000
000...010
VIN INPUT VOLTAGE
1LSB
FS – 1LSB
+
Figure 6. Unipolar Transfer Characteristics
Figure 5 shows the AD7883’s
±V
REF bipolar analog input con-
figuration. Once again the designed code transitions occur mid-
way between successive integer LSB values. The output code is
straight binary with 1 LSB = FS/4096 = 6.6 V/4096 = 1.6 mV.
The ideal bipolar input/output transfer characteristic is shown
in Figure 7.
–FS
2
FS = 10V
1LSB =
FS
4096
OUTPUT
CODE
111...111
111...110
100...101
100...000
011...111
011...110
000...001
000...000
+FS
2
– 1LSB
0V
VIN INPUT VOLTAGE
–1LSB
+1LSB
Figure 7. Bipolar Transfer Characteristic
CLOCK INPUT
The AD7883 is specified to operate with a 2 MHz clock con-
nected to the CLKIN input pin. This pin may be driven directly
by CMOS buffers. The mark/space ratio on the clock can vary
from 40/60 to 60/40. As the clock frequency is slowed down, it
can result in slightly degraded accuracy performance. This is
due to leakage effects on the hold capacitor in the internal
track-and-hold amplifier. Figure 8 is a typical plot of accuracy
versus clock frequency for the ADC.
2.5
2.0
1.5
1.0
0.5
0.0
1.0
2.0
3.0
CLOCK FREQUENCY – MHz
Figure 8. Normalized Linearity Error vs. Clock Frequency
TRACK/HOLD AMPLIFIER
The charge balanced comparator used in the AD7883 for the
A/D conversion provides the user with an inherent track/hold
function. The track/hold amplifier acquires an input signal to
12-bit accuracy in less than 5
µs. The overall throughput time is
equal to the conversion time plus the track/hold amplifier acqui-
sition time. For a 2 MHz input clock, the throughput time is
20
µs.
The operation of the track/hold amplifier is essentially transpar-
ent to the user. The track/hold amplifier goes from its tracking
mode to its hold mode at the start of conversion, i.e., on the ris-
ing edge of CONVST as shown in Figure 1.
OFFSET AND FULL-SCALE ADJUSTMENT
In most Digital Signal Processing (DSP) applications, offset and
full-scale errors have little or no effect on system performance.
Offset error can always be eliminated in the analog domain by
ac coupling. Full-scale error effect is linear and does not cause
problems as long as the input signal is within the full dynamic
range of the ADC. Some applications will require that the input
signal range match the maximum possible dynamic range of the
ADC. In such applications, offset and full-scale error will have
to be adjusted to zero.
The following sections describe suggested offset and full-scale
adjustment techniques which rely on adjusting the inherent off-
set of the op amp driving the input to the ADC as well as tweak-
ing an additional external potentiometer as shown in Figure 9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com