Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7883 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7883
Description  LC2MOS 12-Bit, 3.3 V Sampling ADC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7883 Datasheet(HTML) 1 Page - Analog Devices

  AD7883 Datasheet HTML 1Page - Analog Devices AD7883 Datasheet HTML 2Page - Analog Devices AD7883 Datasheet HTML 3Page - Analog Devices AD7883 Datasheet HTML 4Page - Analog Devices AD7883 Datasheet HTML 5Page - Analog Devices AD7883 Datasheet HTML 6Page - Analog Devices AD7883 Datasheet HTML 7Page - Analog Devices AD7883 Datasheet HTML 8Page - Analog Devices AD7883 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
LC2MOS
12-Bit, 3.3 V Sampling ADC
AD7883
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
FUNCTIONAL BLOCK DIAGRAM
+
–
SAMPLING
COMPARATOR
CONTROL
LOGIC
SAR +
COUNTER
CLKIN
CS
CONVST
RD
BUSY
MODE
VDD
LOW POWER
CONTROL
CIRCUIT
VINA
VINB
VREF
AGND
DGND
DB0
DB11
12-BIT DAC
AD7883
THREE
STATE
BUFFERS
FEATURES
Battery-Compatible Supply Voltage: Guaranteed Specs
for VDD of 3 V to 3.6 V
12-Bit Monolithic A/D Converter
50 kHz Throughput Rate
15
s Conversion Time
5
s On-Chip Track/Hold Amplifier
Low Power
Power Save Mode: 1 mW typ
Normal Operation: 8 mW typ
70 dB SNR
Small 24-Lead SOIC and 0.3" DIP Packages
APPLICATIONS
Battery Powered Portable Systems
Laptop Computers
GENERAL DESCRIPTION
The AD7883 is a high speed, low power, 12-bit A/D converter
which operates from a single +3 V to +3.6 V supply. It consists
of a 5
µs track/hold amplifier, a 15 µs successive-approximation
ADC, versatile interface logic and a multiple-input-range circuit.
The part also includes a power save feature.
Fast bus access times and standard control inputs ensure easy
interfacing to modern microprocessors and digital signal
processors.
The AD7883 features a total throughput time of 20
µs and can
convert full power signals up to 25 kHz with a sampling fre-
quency of 50 kHz.
In addition to the traditional dc accuracy specifications such as
linearity, full-scale and offset errors, the AD7883 is also fully
specified for dynamic performance parameters including har-
monic distortion and signal-to-noise ratio.
The AD7883 is fabricated in Analog Devices’ Linear Com-
patible CMOS (LC
2MOS) process, a mixed technology process
that combines precision bipolar circuits with low power CMOS
logic. The part is available in a 24-pin, 0.3 inch-wide, plastic
dual-in-line package (DIP) as well as a small 24-lead SOIC
package.
PRODUCT HIGHLIGHTS
1. 3 V Operation
The AD7883 is guaranteed and tested with a supply voltage
of 3 V to 3.6 V. This makes it ideal for battery-powered ap-
plications where 12-bit A/D conversion is required.
2. Fast Conversion Time
15
µs conversion time and 5 µs acquisition time allow for
large input signal bandwidth. This performance is ideally
suited for applications in areas such as telecommunications,
audio, sonar and radar signal processing.
3. Low Power Consumption
1 mW power consumption in the power-down mode makes
the part ideally suited for portable, hand held, battery pow-
ered applications.


Similar Part No. - AD7883

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7883 AD-AD7883_15 Datasheet
352Kb / 12P
LC MOS 12-Bit, 3.3 V Sampling ADC
REV. 0
More results

Similar Description - AD7883

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7672 AD-AD7672 Datasheet
1Mb / 20P
LC2MOS HIGH-SPEED 12-BIT ADC
AD7870A AD-AD7870A Datasheet
250Kb / 12P
LC2MOS Complete, 12-Bit, 100 kHz , Sampling ADC
REV.0
AD7878 AD-AD7878 Datasheet
417Kb / 16P
LC2MOS Complete 12-Bit 100 kHz Sampling ADC with DSP Interface
REV.A
AD7880 AD-AD7880 Datasheet
337Kb / 16P
LC2MOS Single 5 V Supply, Low Power, 12-Bit Sampling ADC
REV.0
AD7886 AD-AD7886 Datasheet
400Kb / 16P
LC2MOS 12-Bit, 750 kHz/1 MHz, Sampling ADC
REV.B
logo
Linear Technology
LTC1405 LINER-LTC1405 Datasheet
218Kb / 16P
12-Bit, 5Msps, Sampling ADC
logo
Analog Devices
AD7880BRZ AD-AD7880BRZ Datasheet
340Kb / 16P
LC2MOS Single 5 V Supply, Low Power, 12-Bit Sampling ADC
REV. 0
AD7880CRZ AD-AD7880CRZ Datasheet
253Kb / 16P
LC2MOS Single 5 V Supply, Low Power, 12-Bit Sampling ADC
REV. 0
AD7883 AD-AD7883_15 Datasheet
352Kb / 12P
LC MOS 12-Bit, 3.3 V Sampling ADC
REV. 0
AD7878 AD-AD7878_17 Datasheet
450Kb / 17P
LC2MOS Complete 12-Bit 100 kHz Sampling ADC with DSP Interface
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com