Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7883 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7883
Description  LC2MOS 12-Bit, 3.3 V Sampling ADC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7883 Datasheet(HTML) 3 Page - Analog Devices

  AD7883 Datasheet HTML 1Page - Analog Devices AD7883 Datasheet HTML 2Page - Analog Devices AD7883 Datasheet HTML 3Page - Analog Devices AD7883 Datasheet HTML 4Page - Analog Devices AD7883 Datasheet HTML 5Page - Analog Devices AD7883 Datasheet HTML 6Page - Analog Devices AD7883 Datasheet HTML 7Page - Analog Devices AD7883 Datasheet HTML 8Page - Analog Devices AD7883 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AD7883
REV. 0
–3–
TIMING CHARACTERISTICS1
Limit at +25 C
Limit at TMIN, TMAX
Parameter
(All Versions)
(All Versions)
Units
Conditions/Comments
t1
50
60
ns min
CONVST
Pulse Width
t2
200
200
ns max
CONVST
to BUSY Falling Edge
t3
0
0
ns min
BUSY
to CS Setup Time
t4
0
0
ns min
CS
to RD Setup Time
t5
0
0
ns min
CS
to RD Hold Time
t6
110
150
ns min
RD
Pulse Width
t7
2
100
140
ns max
Data Access Time after RD
t8
3
55
ns min
Bus Relinquish Time after RD
90
90
ns max
NOTES
1Timing specifications in bold print are 100% production tested. All other times are sample tested at +25
°C to ensure compliance. All input signals are specified with
tr = tf = 5 ns (10% to 90% of 5 V) and timed from a voltage level of 1.6 V.
2t
7 is measured with the load circuit of Figure 2 and defined as the time required for an output to cross 0.8 V or 2.4 V.
3t
8 is derived from the measured time taken by the data outputs to change by 0.5 V when loaded with the circuit of Figure 2. The measured number is then extrapo-
lated back to remove the effects of charging the 50 pF capacitor. This means that the time, t 8, quoted in the timing characteristics is the true bus relinquish time of
the part and as such is independent of external bus loading capacitances.
(VSS = +3 V to +3.6 V, VREF = VDD, AGND = DGND = 0 V)
DB0 – DB11
DATA
VALID
t1
tCONVERT
t2
t3
t4
t5
t6
t7
t8
CONVST
BUSY
CS
RD
THREE-STATE
TRACK/HOLD
GOES INTO HOLD
Figure 1. Timing Diagram
TO
OUTPUT
PIN
0.8mA
+1.6V
200
µA
50pF
Figure 2. Load Circuit for Access and Relinquish Time
Table I. Truth Table
CS
CONVT
RD
Function
1
1
X
Not Selected
1
j
1
Start Conversion
g
0
1
0
Enable ADC Data
0
1
1
Data Bus Three Stated
ORDERING GUIDE
Model
Temperature Range
Package Option*
AD7883BN
–40
°C to +85°C
N-24
AD7883BR
–40
°C to +85°C
R-24
*N = Plastic DIP; R = SOIC (Small Outline Integrated Circuit).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com