Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7883 Datasheet(PDF) 2 Page - Analog Devices

Part # AD7883
Description  LC2MOS 12-Bit, 3.3 V Sampling ADC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7883 Datasheet(HTML) 2 Page - Analog Devices

  AD7883 Datasheet HTML 1Page - Analog Devices AD7883 Datasheet HTML 2Page - Analog Devices AD7883 Datasheet HTML 3Page - Analog Devices AD7883 Datasheet HTML 4Page - Analog Devices AD7883 Datasheet HTML 5Page - Analog Devices AD7883 Datasheet HTML 6Page - Analog Devices AD7883 Datasheet HTML 7Page - Analog Devices AD7883 Datasheet HTML 8Page - Analog Devices AD7883 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
REV. 0
–2–
AD7883–SPECIFICATIONS (V
DD = +3 V to +3.6 V, VREF = VDD, AGND = DGND = 0 V, fCLKIN = 2 MHz,
MODE = Logic High. All specifications TMIN to TMAX unless othewise noted.)
Parameter
B Versions
1
Units
Test Conditions/Comments
DYNAMIC PERFORMANCE
2
Signal-to-Noise Ratio
3 (SNR)
69
dB min
Typically SNR Is 71 dB
VIN = 1 kHz Sine Wave, fSAMPLE = 50 kHz
Total Harmonic Distortion (THD)
–80
dB typ
VIN = 1 kHz Sine Wave, fSAMPLE = 50 kHz
Peak Harmonic or Spurious Noise
–80
dB typ
VIN = 1 kHz, fSAMPLE = 50 kHz
Intermodulation Distortion (IMD)
Second Order Terms
–80
dB typ
fa = 0.983 kHz, fb = 1.05 kHz, fSAMPLE = 50 kHz
Third Order Terms
–80
dB typ
fa = 0.983 kHz, fb = 1.05 kHz, fSAMPLE = 50 kHz
DC ACCURACY
Resolution
12
Bits
All DC ACCURACY Specifications Apply for the Two
Analog Input Ranges
Integral Nonlinearity
±2
LSB max
Differential Nonlinearity
±1
LSB max
Guaranteed Monotonic
Full-Scale Error
±20
LSB max
Bipolar Zero Error
±12
LSB max
Unipolar Offset Error
±3
LSB max
ANALOG INPUT
Input Voltage Ranges
0 to VREF
Volts
See Figure 4
±V
REF
Volts
See Figure 5
Input Resistance
10
M
Ω min
0 to VREF Range
5/12
k
Ω min/max
8 k
Ω typical: ±V
REF Range
REFERENCE INPUT
VREF (For Specified Performance)
VDD
V
IREF
1.2
mA max
LOGIC INPUTS
CONVST
, RD, CS, CLKIN
Input High Voltage, VINH
2.1
V min
Input Low Voltage, VINL
0.6
V max
Input Current, IIN
±10
µA max
VIN = 0 V or VDD
Input Capacitance, C
IN
4
10
pF max
MODE INPUT
Input High Voltage, VINH
VDD –0.2
V
Input Low Voltage, VINL
0.2
V
Input Current, IIN
±100
µA max
VIN = 0 V or VDD
Input Capacitance, C
IN
4
10
pF max
LOGIC OUTPUTS
DB11–DB0, BUSY
Output High Voltage, VOH
2.4
V min
ISOURCE = 200 µA
Output Low Voltage, VOL
0.4
V max
ISINK = 0.8 mA
DB11–DB0
Floating-State Leakage Current
±10
µA max
Floating-State Output Capacitance
4
10
pF max
CONVERSION
Conversion Time
15
µs max
fCLKIN = 2 MHz
Track/Hold Acquisition Time
5
µs max
POWER REQUIREMENTS
VDD
+3.3
V nom
+3 V to +3.6 V for Specified Performance
IDD
Normal Power Mode @ +25
°C
3
mA max
Typically 2 mA; MODE = VDD
TMIN to TMAX
4
mA max
Typically 2.5 mA; MODE = VDD
Power Save Mode @ +25
°C
400
µA max
Logic Inputs @ 0 V or VDD; MODE = 0 V; Typically 250 µA
TMIN to TMAX
800
µA max
Logic Inputs @ 0 V or VDD; MODE = 0 V; Typically 300 µA
Power Dissipation
Normal Power Mode @ +25
°C
11
mW max
VDD = 3.6 V: Typically 8 mW; MODE = VDD
TMIN to TMAX
15
mW max
VDD = 3.6 V: Typically 9 mW; MODE = VDD
Power Save Mode @ +25
°C
1.5
mW max
VDD = 3.6 V: Typically 1 mW; MODE = 0 V
TMIN to TMAX
3
mW max
VDD = 3.6 V: Typically 1 mW; MODE = 0 V
NOTES
1Temperature range is as follows: B Versions, –40
°C to +85°C.
2V
IN = 0 to VREF.
3SNR calculation includes distortion and noise components.
4Sample tested @ +25
°C to ensure compliance.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com