Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7883 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7883
Description  LC2MOS 12-Bit, 3.3 V Sampling ADC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7883 Datasheet(HTML) 4 Page - Analog Devices

  AD7883 Datasheet HTML 1Page - Analog Devices AD7883 Datasheet HTML 2Page - Analog Devices AD7883 Datasheet HTML 3Page - Analog Devices AD7883 Datasheet HTML 4Page - Analog Devices AD7883 Datasheet HTML 5Page - Analog Devices AD7883 Datasheet HTML 6Page - Analog Devices AD7883 Datasheet HTML 7Page - Analog Devices AD7883 Datasheet HTML 8Page - Analog Devices AD7883 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AD7883
REV. 0
–4–
ABSOLUTE MAXIMUM RATINGS*
VDD to AGND . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
VDD to DGND . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
AGND to DGND . . . . . . . . . . . . . . . . –0.3 V to VDD + 0.3 V
VINA, VINB to AGND (Figure 4) . . . . . –0.3 V to VDD + 0.3 V
VINA to AGND (Figure 5) . . . . . . –VDD –0.3 V to VDD + 0.3 V
VREF to AGND . . . . . . . . . . . . . . . . . . . . . . . . . . 0.3 V to VDD
Digital Inputs to DGND . . . . . . . . . . . –0.3 V to VDD + 0.3 V
Digital Outputs to DGND . . . . . . . . . . –0.3 V to VDD + 0.3 V
Operating Temperature Range
Industrial (B Version) . . . . . . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering, 10 secs) . . . . . . . . . . . . +300
°C
Power Dissipation (Any Package) to +75
°C . . . . . . . 450 mW
Derates above +75
°C by . . . . . . . . . . . . . . . . . . . . 10 mW/°C
*Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those listed in the
operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
PIN CONFIGURATION
TOP VIEW
(Not to Scale)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
24
23
22
21
20
19
18
17
16
15
AD7883
AGND
CLKIN
DGND
DB0
DB1
DB2
DB3
DB4
DB5
DB6
VDD
DB8
VINA
VINB
DB7
DB9
DB10
DB11
MODE
CS
CONVST
RD
BUSY
VREF
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD7883 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
PIN FUNCTION DESCRIPTION
Pin
Pin
No.
Mnemonic
Function
11VINA
Analog Input.
12VINB
Analog Input.
13
AGND
Analog Ground.
14VREF
Voltage Reference Input. This is normally tied to VDD.
15
CS
Chip Select. Active Low Logic input. The device is selected when this input is active.
16
CONVST
Convert Start. A low to high transition on this input puts the track/hold into hold mode and starts
conversion. This input is asynchronous to the CLKIN and is independent of CS and RD.
17
RD
Read. Active Low Logic Input. This input is used in conjunction with CS low to enable data outputs.
18
BUSY
Active Low Logic Output. This status line indicates converter status. BUSY is low during conversion.
19
CLKIN
Clock Input. TTL-compatible logic input. Used as the clock source for the A/D converter. The mark/
space ratio of the clock can vary from 40/60 to 60/40.
10
DGND
Digital Ground.
11 . . . 22 DB0–DB11
Three-State Data Outputs. These become active when CS and RD are brought low.
23
MODE
MODE Input. This input is used to put the device into the power save mode (MODE = 0 V). During
normal operation, the MODE input will be a logic high (MODE = VDD).
24
VDD
Power Supply. This is nominally +3.3 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com