Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7884AP Datasheet(PDF) 6 Page - Analog Devices

Part # AD7884AP
Description  LC2MOS 16-Bit, High Speed Sampling ADCs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7884AP Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7884AP Datasheet HTML 2Page - Analog Devices AD7884AP Datasheet HTML 3Page - Analog Devices AD7884AP Datasheet HTML 4Page - Analog Devices AD7884AP Datasheet HTML 5Page - Analog Devices AD7884AP Datasheet HTML 6Page - Analog Devices AD7884AP Datasheet HTML 7Page - Analog Devices AD7884AP Datasheet HTML 8Page - Analog Devices AD7884AP Datasheet HTML 9Page - Analog Devices AD7884AP Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD7884/AD7885
REV. C
–6–
PIN FUNCTION DESCRIPTION
AD7884
AD7885
AD7885A
Description
VINV
VINV
VINV
This pin is connected to the inverting terminal of an op amp, as in Figure 6, and allows
the inversion of the supplied +3 V reference.
VREF–
VREF–
VREF–
This is the negative reference input, and it can be obtained by using an external amplifier
to invert the positive reference input. In this case, the amplifier output is connected to
VREF–. See Figure 6.
±3 V
INS_
±3 V
INS
This is the analog input sense pin for the
±3 volt analog input range on the AD7884 and
AD7885A.
±3 V
INF_
±3 V
INF
This is the analog input force pin for the
±3 volt analog input range on the AD7884 and
AD7885A. When using this input range, the
±5 V
INF and ± 5 VINS pins should be tied to
AGND.
–
±3 V
IN
–
This is the analog input pin for the
±3 volt analog input range on the AD7885. When us-
ing this input range, the
±5 V
INF and
±5 V
INS pins should be tied to AGND.
±5 V
INS
±5 V
INS
±5 V
INS
This is the analog input sense pin for the
±5 volt analog input range on both the AD7884,
AD7885 and AD7885A.
±5 V
INF
±5 V
INF
±5 V
INF
This is the analog input force pin for the
±5 volt analog input range on both the AD7884,
AD7885 and AD7885A. When using this input range, the
±3 V
INF and
±3 V
INS pins
should be tied to AGND.
AGNDS
AGNDS
AGNDS
This is the ground return sense pin for the 9-bit ADC and the on-chip residue amplifier.
AGNDF
AGNDF
AGNDF
This is the ground return force pin for the 9-bit ADC and the on-chip residue amplifier.
AVDD
AVDD
AVDD
Positive analog power rail for the sample-and-hold amplifier and the residue amplifier.
AVSS
AVSS
AVSS
Negative analog power rail for the sample-and-hold amplifier and the residue amplifier.
GND
GND
GND
This is the ground return for sample-and-hold section.
VSS
VSS
VSS
Negative supply for the 9-bit ADC.
VDD
VDD
VDD
Positive supply for the 9-bit ADC and all device logic.
CONVST
CONVST
CONVST
This asynchronous control input starts conversion.
CS
CS
CS
Chip Select control input.
RD
RD
RD
Read control input. This is used in conjunction with CS to read the conversion result
from the device output latch.
–
HBEN
HBEN
High Byte Enable. Active high control input for the AD7885. It selects either the high or
the low byte of the conversion for reading.
BUSY
BUSY
BUSY
Busy output. The Busy output goes low when conversion begins and stays low until it is
completed, at which time it goes high.
DB0–DB15
–
–
Sixteen-bit parallel data word output on the AD7884.
–
DB0–DB7
DB0–DB7
Eight-bit parallel data byte output on the AD7885.
DGND
DGND
DGND
Ground return for all device logic.
VREF+FVREF+FVREF+F
Reference force input.
VREF+SVREF+SVREF+S
Reference sense input. The device operates from a +3 V reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com