Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7884AP Datasheet(PDF) 9 Page - Analog Devices

Part # AD7884AP
Description  LC2MOS 16-Bit, High Speed Sampling ADCs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7884AP Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7884AP Datasheet HTML 5Page - Analog Devices AD7884AP Datasheet HTML 6Page - Analog Devices AD7884AP Datasheet HTML 7Page - Analog Devices AD7884AP Datasheet HTML 8Page - Analog Devices AD7884AP Datasheet HTML 9Page - Analog Devices AD7884AP Datasheet HTML 10Page - Analog Devices AD7884AP Datasheet HTML 11Page - Analog Devices AD7884AP Datasheet HTML 12Page - Analog Devices AD7884AP Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AD7884/AD7885
REV. C
–9–
Timing and Control Section
Figure 9 shows the timing and control sequence for the
AD7884/AD7885. When the part receives a CONVST pulse,
the conversion begins. The input sample-and-hold goes into the
hold mode 50 ns after the rising edge of CONVST and BUSY
goes low. This is the first phase of conversion and takes 3.35
µs
to complete. The second phase of conversion begins when SW2
is turned off and SW3 turned on. The Residue Amplifier and
SHA section (A2 in Figure 8) goes into hold mode at this point
and allows the input sample-and-hold to go back into sample
mode. Thus, while the second phase of conversion is ongoing,
the input sample-and-hold is also acquiring the input signal for
the next conversion. This overlap between conversion and ac-
quisition allows throughput rates of 166 kSPS to be achieved.
CONVST
BUSY
SAMPLE
HOLD
INPUT
SHA
FIRST PHASE
3.5
µs
TACQ
2.5
µs
SECOND
PHASE
FIRST PHASE OF CONVERSION
1ST 9-BIT CONVERSION
DAC SETTLING TIME
RESIDUE AMPLIFIER
SETTLING TIME
SECOND PHASE OF CONVERSION
2ND 9-BIT CONVERSION
ERROR CORRECTION
OUTPUT LATCH UPDATE
1.8
µs
Figure 9. Timing and Control Sequence
USING THE AD7884/AD7885 ANALOG INPUT RANGES
The AD7884/AD7885 can be set up to have either a
±3 volts
analog input range or a
±5 volts analog input range. Figures 10
and 11 show the necessary corrections for each of these. The
output code is 2s complement and the ideal code table for both
input ranges is shown in Table I.
Reference Considerations
The AD7884/AD7885 operates from a
±3 volt reference. This
can be derived simply using the AD780 as shown in Figure 6.
A1
VINV
±3V S
IN
IN
±3V F
±5V S
IN
IN
±5V F
Figure 10.
±5 V Input Range Connection
±3V S
IN
IN
±3V F
±5V S
IN
IN
±5V F
A1
V INV
Figure 11.
±3 V Input Range Connections
The critical performance specification for a reference in a 16-bit
application is noise. The reference pk-pk noise should be insig-
nificant in comparison to the ADC noise. The AD7884/
AD7885 has a typical rms noise of 120
µV. For example a rea-
sonable target would be to keep the total rms noise less than
125
µV. To do this the reference noise needs to be less than
35
µV rms. In the 100 kHz band, the AD780 noise is less than
30
µV rms, making it a very suitable reference.
The buffer amplifier used to drive the device VREF+ should have
low enough noise performance so as not to affect the overall
system noise requirement. The AD845 and AD817 achieve
this.
Table I. Ideal Output Code Table for the AD7884/AD7885
Analog Input
Digital Output
In Terms of FSR2
3 V Range3
5 V Range4
Code Transitionl
+FSR/2 – 1 LSB
2.999908
4.999847
011 . . . 111 to 111 . . . 110
+FSR/2 – 2 LSBs
2.999817
4.999695
011 . . . 110 to 011 . . . 101
+FSR/2 – 3 LSBs
2.999726
4.999543
011 . . . 101 to 011 . . . 100
AGND + 1 LSB
0.000092
0.000153
000 . . . 001 to 000 . . . 000
AGND
0.000000
0.000000
000 . . . 000 to 111 . . . 111
AGND – 1 LSB
–0.000092
–0.000153
111 . . . 111 to 111 . . . 110
–(FSR/2 – 3 LSBs)
–2.999726
–4.999543
100 . . . 011 to 100 . . . 010
–(FSR/2 – 2 LSBs)
–2.999817
–4.999695
100 . . . 010 to 100 . . . 001
–(FSR/2 – 1 LSB)
–2.999908
–4.999847
100 . . . 001 to 100 . . . 000
NOTES
1This table applies for V
REF+S = +3 V.
2FSR (Full-Scale Range) is 6 volts for the
± 3 V input range and 10 volts for the ±5 V input range.
31 LSB on the
±3 V range is FSR/216 and is equal to 91.5 µV.
41 LSB on the
±5 V range is FSR/216 and is equal to 152.6 µV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com