Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7884AP Datasheet(PDF) 10 Page - Analog Devices

Part # AD7884AP
Description  LC2MOS 16-Bit, High Speed Sampling ADCs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7884AP Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7884AP Datasheet HTML 6Page - Analog Devices AD7884AP Datasheet HTML 7Page - Analog Devices AD7884AP Datasheet HTML 8Page - Analog Devices AD7884AP Datasheet HTML 9Page - Analog Devices AD7884AP Datasheet HTML 10Page - Analog Devices AD7884AP Datasheet HTML 11Page - Analog Devices AD7884AP Datasheet HTML 12Page - Analog Devices AD7884AP Datasheet HTML 13Page - Analog Devices AD7884AP Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD7884/AD7885
REV. C
–10–
Decoupling and Grounding
The AD7884 and AD7885A have one AVDD pin and two VDD
pins. They also have one AVSS pin and three VSS pins. The
AD7885 has one AVDD pin, one VDD pin, one AVSS pin and one
VSS pin. Figure 6 shows how a common +5 V supply should be
used for the positive supply pins and a common –5 V supply for
the negative supply pins.
For decoupling purposes, the critical pins on both devices are
the AVDD and AVSS pins. Each of these should be decoupled to
system AGND with 10
µF tantalum and 0.1 µF ceramic capaci-
tors right at the pins. With the VDD and VSS pins, it is sufficient
to decouple each of these with ceramic 1
µF capacitors.
AGNDS, AGNDF are the ground return points for the on-chip
9-bit ADC. They should be driven by a buffer amplifier as
shown in Figure 6. If they are tied directly together and then
to ground, there will he a marginal degradation in linearity
performance.
The GND pin is the analog ground return for the on-chip linear
circuitry. It should he connected to system analog ground.
The DGND pin is the ground return for the on-chip digital
circuitry. It should be connected to the ground terminal of the
VDD and VSS supplies. If a common analog supply is used for
AVDD and VDD then DGND should be connected to the com-
mon ground point.
Power Supply Sequencing
AVDD and VDD are connected to a common substrate and there
is typically 17
Ω resistance between them. If they are powered
by separate +5 V supplies, then these should come up simulta-
neously. Otherwise, the one that comes up first will have to
drive +5 V into a 17
Ω load for a short period of time. However,
the standard short-circuit protection on regulators like the 7800
series will ensure that there is no possibility of damage to the
driving device.
AVSS should always come up either before or at the same time
as VSS. If this cannot be guaranteed, Schottky diodes should be
used to ensure that VSS never exceeds AVSS by more than 0.3 V.
Arranging the power supplies as in Figure 6 and using the recom-
mended decoupling ensures that there are no power supply
sequencing issues as well as giving the specified noise performance.
AVDD
VDD
AVSS
VSS
+5V
+5V
–5V
–5V
AD7884/AD7885
HP5082-2810
OR
EQUIVALENT
Figure 12. Schottky Diodes Used to Protect Against
Incorrect Power Supply Sequencing
AD7884/AD7885 PERFORMANCE
Linearity
The linearity of the AD7884/AD7885 is determined by the
on-chip 16-bit D/A converter. This is a segmented DAC which
is laser trimmed for 16-bit DNL performance to ensure that
there are no missing codes in the ADC transfer function. Figure
13 shows a typical INL plot for the AD7884/AD7885.
0
16384
32768
49152
65535
0
0.5
1.0
1.5
2.0
OUTPUT CODE
V
= +5V
V
= –5V
T = +25
°C
DD
SS
A
Figure 13. AD7884/AD7885 Typical Linearity Performance
Noise
In an A/D converter, noise exhibits itself as code uncertainty in
dc applications and as the noise floor (in an FFT, for example)
in ac applications.
In a sampling A/D converter like the AD7884/AD7885, all in-
formation about the analog input appears in the baseband from
dc to 1/2 the sampling frequency. An antialiasing filter will re-
move unwanted signals above fS/2 in the input signal but the
converter wideband noise will alias into the baseband. In the
AD7884/AD7885, this noise is made up of sample-and-hold
noise and A/D converter noise. The sample-and-hold section
contributes 51
µV rms and the ADC section contributes 59 µV
rms. These add up to a total rms noise of 78
µV. This is the in-
put referred noise in the
±3 V analog input range. When operat-
ing in the
±5 V input range, the input gain is reduced to –0.6.
This means that the input referred noise is now increased by a
factor of 1.66 to 120
µV rms.
Figure 14 shows a histogram plot for 5000 conversions of a dc
input using the AD7884/AD7885 in the
±5 V input range. The
analog input was set as close as possible to the center of a code
transition. All codes other than the center code are due to the
ADC noise. In this case, the spread is six codes.
3000
0
2000
1000
(X – 2) (X – 1)
(X)
(X + 1) (X + 2) (X + 3)
CODE
Figure 14. Histogram of 5000 Conversions of a DC Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com