Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7884AP Datasheet(PDF) 7 Page - Analog Devices

Part # AD7884AP
Description  LC2MOS 16-Bit, High Speed Sampling ADCs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7884AP Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7884AP Datasheet HTML 3Page - Analog Devices AD7884AP Datasheet HTML 4Page - Analog Devices AD7884AP Datasheet HTML 5Page - Analog Devices AD7884AP Datasheet HTML 6Page - Analog Devices AD7884AP Datasheet HTML 7Page - Analog Devices AD7884AP Datasheet HTML 8Page - Analog Devices AD7884AP Datasheet HTML 9Page - Analog Devices AD7884AP Datasheet HTML 10Page - Analog Devices AD7884AP Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD7884/AD7885
REV. C
–7–
TERMINOLOGY
Integral Nonlinearity
This is the maximum deviation from a straight line passing
through the endpoints of the ADC transfer function.
Differential Nonlinearity
This is the difference between the measured and the ideal 1 LSB
change between any two adjacent codes in the ADC.
Bipolar Zero Error
This is the deviation of the midscale transition (all 0s to all 1s)
from the ideal (AGND).
Positive Gain Error
This is the deviation of the last code transition (01 . . . 110 to
01 . . . 111) from the ideal (+VREF+S – 1 LSB), after Bipolar
Zero Error has been adjusted out.
Negative Gain Error
This is the deviation of the first code transition (10 . . . 000 to
10 . . . 001) from the ideal (–VREF+S + 1 LSB), after Bipolar
Zero Error has been adjusted out.
Signal to (Noise + Distortion) Ratio
This is the measured ratio of signal to (noise + distortion) at the
output of the A/D converter. The signal is the rms amplitude of
the fundamental. Noise is the rms sum of all nonfundamental
signals up to half the sampling frequency (fS/2), excluding dc.
The ratio is dependent upon the number of quantization levels
in the digitization process; the more levels, the smaller the quan-
tization noise. The theoretical signal to (noise + distortion) ratio
for an ideal N-bit converter with a sine wave input is given by:
Signal to (Noise + Distortion) = (6.02N + 1.76) dB
Thus for an ideal 16-bit converter, this is 98 dB.
Total Harmonic Distortion
Total harmonic distortion (THD) is the ratio of the rms sum of
harmonics to the fundamental. For the AD7884/AD7885, it is
defined as:
THD (dB)
= 20 log
V
2
2
+V
3
2
+V
4
2
+V
5
2
+V
6
2
V1
where V1 is the rms amplitude of the fundamental and V2, V3,
V4, V5 and V6 are the rms amplitudes of the second through the
sixth harmonics.
Peak Harmonic or Spurious Noise
Peak harmonic or spurious noise is defined as the ratio of the
rms value of the next largest component in the ADC output
spectrum (up to fS/2 and excluding dc) to the rms value of the
fundamental. Normally, the value of this specification is deter-
mined by the largest harmonic in the spectrum, but for parts
where the harmonics are buried in the noise floor, it will be a
noise peak.
Intermodulation Distortion
With inputs consisting of sine waves at two frequencies, fa and
fb, any active device with nonlinearities will create distortion
products at sum and difference frequencies of mfa
± nfb where
m, n = 0, 1, 2, 3, etc. Intermodulation terms are those for which
neither m or n are equal to zero. For example, the second order
terms include (fa + fb) and (fa – fb), while the third order terms
include (2fa + fb), (2fa – fb), (fa + 2fb) and (fa – 2fb).
The AD7884/AD7885 is tested using the CCIFF standard
where two input frequencies near the top end of the input band-
width are used. In this case, the second and third order terms
are of different significance. The second order terms are usually
distanced in frequency from the original sine waves while the
third order terms are usually at a frequency close to the input
frequencies. As a result, the second and third order terms are
specified separately. The calculation of the intermodulation dis-
tortion is as per the THD specification where it is the ratio of
the rms sum of the individual distortion products to the rms am-
plitude of the fundamental expressed in dBs.
Power Supply Rejection Ratio
This is the ratio, in dBs, of the change in positive gain error to
the change in VDD or VSS. It is a dc measurement.
OPERATIONAL DIAGRAM
An operational diagram for the AD7884/AD7885 is shown in
Figure 6. It is set up for an analog input range of
±5 V. If a
±3 V input range is required, A1 should drive ±3 V
INS and
±3 V
INF with
±5 V
INS,
±5 V
INF being tied to system AGND.
±3VIN F
±5VIN F
–5V
+5V
AD817
AD711
AD817
AGNDS
AGNDF
AD7884
AD7885
A1
A3
A4
AD845, AD817 OR
EQUIVALENT
NOTE: POWER SUPPLY DECOUPLING NOT SHOWN
A2
GND
DGND
VDD = +5V
DATA
OUTPUTS
CONTROL
INPUTS
VINV
VREF+ S
VREF+ F
VREF–
±3VIN S
±5VIN S
AVSS
VDD
AVDD
VSS
VIN
AD845, AD817 OR
EQUIVALENT
AD780
2
6
8
4
10µF
Figure 6. AD7884/AD7885 Operational Diagram
The chosen input buffer amplifier (A1) should have low noise
and distortion and fast settling time for high bandwidth applica-
tions. Both the AD711 and the AD845 are suitable amplifiers.
A2 is the force, sense amplifier for AGND. The AGNDS pin
should be at zero potential. Therefore, the amplifier must have a
low input offset voltage and good noise performance. It must
also have the ability to deal with fast current transients on the
AGNDS pin. The AD817 has the required performance and is
the recommended amplifier.
If AGNDS and AGNDF are simply tied together to Star
Ground instead of buffering, the SNR and THD are not signifi-
cantly degraded. However, dc specifications like INL, Bipolar
Zero and Gain Error will be degraded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com