Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7884AP Datasheet(PDF) 1 Page - Analog Devices

Part # AD7884AP
Description  LC2MOS 16-Bit, High Speed Sampling ADCs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7884AP Datasheet(HTML) 1 Page - Analog Devices

  AD7884AP Datasheet HTML 1Page - Analog Devices AD7884AP Datasheet HTML 2Page - Analog Devices AD7884AP Datasheet HTML 3Page - Analog Devices AD7884AP Datasheet HTML 4Page - Analog Devices AD7884AP Datasheet HTML 5Page - Analog Devices AD7884AP Datasheet HTML 6Page - Analog Devices AD7884AP Datasheet HTML 7Page - Analog Devices AD7884AP Datasheet HTML 8Page - Analog Devices AD7884AP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. C
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
LC2MOS
16-Bit, High Speed Sampling ADCs
AD7884/AD7885
© Analog Devices, Inc., 1995
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
FUNCTIONAL BLOCK DIAGRAMS
±5V F
±5V S
±3V F ±3V S
16-BIT
ACCURATE
DAC
AD7884
TIMER
CONTROL
DGND
CS
RD
BUSY
DB15
V
S
REF+
REF+
V
F
VREF–
AGNDS
AGNDF AVDD
VSS
GND
DB0
V INV
CONVST
IN
VDD
AVSS
R7
2k
Ω
R8
2k
Ω
9
9
9
16
16
V REF–
5k
Ω
3k
Ω
3k
Ω
4k
Ω
4k
Ω
R1
R2
R3
R4
C1
SW1
R5
SW2
SW3
2k
Ω
R6
A1
A2
9-BIT
ADC
LATCH
+
ALU
O
U
T
P
U
T
D
R
I
V
E
R
S
IN
IN
IN
±5V F
±5V S
16-BIT
ACCURATE
DAC
AD7885
TIMER
CONTROL
DGND
CS
RD
BUSY
DB7
V
S
REF+
V
F
REF+
VREF–
AGNDS
AGNDF AVDD
VSS
GND
DB0
VINV
CONVST
IN
VDD
AVSS
R7
2k
Ω
R8
2k
Ω
9
9
9
16
8
VREF–
5k
Ω
3k
Ω
2k
Ω
4k
Ω
4k
Ω
R1
R2
3k
Ω
R3
R4
C1
SW1
R5
SW2
SW3
R6
A1
A2
9-BIT
ADC
LATCH
+
ALU
O
U
T
P
U
T
D
R
I
V
E
R
S
IN
IN
±3V
HBEN
FEATURES
Monolithic Construction
Fast Conversion: 5.3
s
High Throughput: 166 kSPS
Low Power: 250 mW
APPLICATIONS
Automatic Test Equipment
Medical Instrumentation
Industrial Control
Data Acquisition Systems
Robotics
GENERAL DESCRIPTION
The AD7884/AD7885 is a 16-bit monolithic analog-to-digital
converter with internal sample-and-hold and a conversion time
of 5.3
µs. The maximum throughput rate is 166 kSPS. It uses a
two pass flash architecture to achieve this speed. Two input
ranges are available:
±5 V and ±3 V. Conversion is initiated by
the CONVST signal. The result can be read into a microproces-
sor using the CS and RD inputs on the device. The AD7884 has
a 16-bit parallel reading structure while the AD7885 has a byte
reading structure. The conversion result is in 2s complement
code.
The AD7884/AD7885 has its own internal oscillator which con-
trols conversion. It runs from
±5 V supplies and needs a V
REF+
of +3 V.
The AD7884 is available in a 40-pin plastic DIP package and in
a 44-pin PLCC package.
The AD7885 is available in a 28-pin plastic DIP package and
the AD7885A is available in a 44-pin PLCC package.


Similar Part No. - AD7884AP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7884 AD-AD7884_15 Datasheet
262Kb / 16P
LC MOS 16-Bit, High Speed Sampling ADCs
REV. E
More results

Similar Description - AD7884AP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7824 AD-AD7824 Datasheet
270Kb / 16P
LC2MOS High Speed 4- & 8-Channel 8-Bit ADCs
1/03-Data Sheet changed from REV. E to REV. F.
AD7870 AD-AD7870 Datasheet
331Kb / 20P
LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV.B
AD7871 AD-AD7871 Datasheet
344Kb / 16P
LC2MOS Complete 14-Bit, Sampling ADCs
REV.D
AD7824KR-REEL AD-AD7824KR-REEL Datasheet
276Kb / 16P
LC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7872KRZ-REEL AD-AD7872KRZ-REEL Datasheet
324Kb / 16P
LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7872JRZ AD-AD7872JRZ Datasheet
267Kb / 16P
LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7875KNZ AD-AD7875KNZ Datasheet
621Kb / 28P
LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. C
AD7828KPZ AD-AD7828KPZ Datasheet
276Kb / 16P
LC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7884 AD-AD7884_15 Datasheet
262Kb / 16P
LC MOS 16-Bit, High Speed Sampling ADCs
REV. E
AD7885 AD-AD7885_15 Datasheet
262Kb / 16P
LC MOS 16-Bit, High Speed Sampling ADCs
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com