Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD809 Datasheet(PDF) 5 Page - Analog Devices

Part # AD809
Description  155.52 MHz Frequency Synthesizer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD809 Datasheet(HTML) 5 Page - Analog Devices

  AD809 Datasheet HTML 1Page - Analog Devices AD809 Datasheet HTML 2Page - Analog Devices AD809 Datasheet HTML 3Page - Analog Devices AD809 Datasheet HTML 4Page - Analog Devices AD809 Datasheet HTML 5Page - Analog Devices AD809 Datasheet HTML 6Page - Analog Devices AD809 Datasheet HTML 7Page - Analog Devices AD809 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AD809
REV. A
–5–
USING THE AD809
Ground Planes
Use of one ground plane for connections to both analog and
digital grounds is recommended.
Power Supply Connections
Use of a 10
µF capacitor between V
CC and ground is recom-
mended. Care should be taken to isolate the +5 V power trace
to VCC2 (Pin 3). The VCC2 pin is used inside the device to pro-
vide the CLKOUT/CLKOUTN signals.
Use of a trace connecting Pin 14 and Pin 6 (AVCC2 and VCC1
respectively) is recommended. Use of 0.1
µF capacitors between
IC power supply and ground is recommended. Power supply
decoupling should take place as close to the IC as possible.
Refer to the schematic, Figure 5, for advised connections.
Transmission Lines
Use of 50
Ω transmission lines are recommended for PECL
inputs.
Terminations
Termination resistors should be used for PECL input signals.
Metal, thick film, 1% tolerance resistors are recommended.
Termination resistors for the PECL input signals should be
placed as close as possible to the PECL input pins.
Connections from the power supply to load resistors for input
and output signals should be individual, not daisy chained. This
will avoid crosstalk on these signals.
Loop Damping Capacitor, CD
A ceramic capacitor may be used for the loop damping capaci-
tor. A 22 nF capacitor provides a damping factor of 10.
Synthesizer Input
TTL/CMOSIN
Synthesizer Input
CLKIN/CLKINN
PECL INPUT
PLL Differential
Output Stage–
CLKOUT/CLKOUTN
2*ITTL
80µA
OR
0µA
2*ITTL
80µA
OR
0µA
500
Ω
VCC1
VEE
VCC2
DIFFERENTIAL
OUTPUT
VEE
2.6mA
460
Ω
460
Ω
500
Ω
7.5k
Ω
7.5k
Ω
ITTL
VCC1
VEE
500
Ω
40µA
40µA
Figure 4. Simplified Schematics
VEE
14
13
12
11
16
15
10
9
8
1
2
3
4
7
6
5
VCC2
CLKOUTN
CLKOUT
CF1
CF2
MUX
CLKIN
CLKINN
AVCC1
TTL/CMOSIN
AVEE
GND
J5
MUX
EXT
+5V
AD809
16-PIN SOIC
SOLDERED TO BOARD
C1
0.1µF
R6
3.65k
Ω
R5
301
Ω
R2
49.9
Ω
R1
49.9
Ω
JUMPER
W2
R16
301
Ω
VCC1
AVCC2
GUARD RING
+5V
GND
C11
10µF
TP4
TP3
R7 100
Ω
R8 100
Ω
R12
154
Ω
R11
154
Ω
CD
TP1
TP2
C8
C7
C6
0.1µF
R4
100
Ω
R3
100
Ω
VECTOR PINS SPACED FOR THROUGH-HOLE
CAPACITOR ON VECTOR CUPS.
COMPONENT SHOWN FOR REFERENCE ONLY.
C5 0.1µF
J3
J4
C4 0.1µF
ECL INN
ECL IN
CLKOUTN
CLKOUT
J2
C3 0.1µF
J1
C2 0.1µF
50
Ω STRIP LINE
EQUAL LENGTH
JUMPER
W1
JUMPER
W3
R15
49.9
Ω
R14
49.9
Ω
J6
CLKIN
J7
CLKINN
C13 0.1µF
C14 0.1µF
J8
CMOS/TTL IN
C15 0.1µF
R13
49.9
Ω
C12
0.1µF
R17
3.65k
Ω
NOTE:
C7–C10 ARE 0.1µF BYPASS CAPACITORS
RIGHT ANGLE SMA CONNECTOR
OUTER SHELL TO GND PLANE
ALL RESISTORS ARE 1% 1/8 WATT SURFACE MOUNT
TPx
TEST POINTS ARE VECTOR PINS
C9
C10
PECLINN
PECLIN
Figure 5. Evaluation Board Schematic



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com