Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD809 Datasheet(PDF) 2 Page - Analog Devices

Part # AD809
Description  155.52 MHz Frequency Synthesizer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD809 Datasheet(HTML) 2 Page - Analog Devices

  AD809 Datasheet HTML 1Page - Analog Devices AD809 Datasheet HTML 2Page - Analog Devices AD809 Datasheet HTML 3Page - Analog Devices AD809 Datasheet HTML 4Page - Analog Devices AD809 Datasheet HTML 5Page - Analog Devices AD809 Datasheet HTML 6Page - Analog Devices AD809 Datasheet HTML 7Page - Analog Devices AD809 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AD809–SPECIFICATIONS
Parameter
Condition
Min
Typ
Max
Units
TRACKING AND CAPTURE RANGE
1
×8 Synthesis
19.42
19.46
MHz
×16 Synthesis
9.71
9.73
MHz
OUTPUT JITTER
×8 Synthesis
1.6
2.9
Degrees RMS
×16 Synthesis
1.6
2.9
Degrees RMS
JITTER TRANSFER
Bandwidth
200
kHz
Peaking
CD = 5.6 nF (
ζ = 5)
0.08
dB
CD = 22 nF (
ζ = 10)
0.02
dB
DUTY CYCLE TOLERANCE
×8 or ×16 Synthesis
Output Jitter
≤ 2.9 Degrees RMS
15
85
%
INPUT VOLTAGE LEVELS
PECL
Input Logic High, VIH
@ CLKIN/N and
3.8
VCC
Volts
Input Logic Low, VIL
PECLIN/N Inputs
3.1
3.6
Volts
TTL
Input Logic High, VIH
@ TTL/CMOSIN
2.0
Volts
Input Logic Low, VIL
and MUX Inputs
0.8
Volts
OUTPUT VOLTAGE LEVELS
Referenced to VCC
PECL
Output Logic High, VOH
–1.2
–1.0
–0.7
Volts
Output Logic Low, VOL
–2.0
–1.8
–1.7
Volts
SYMMETRY (Duty Cycle)
×8 Synthesis or
46
52
62
%
×16 Synthesis
%
OUTPUT RISE/FALL TIMES 1.5
Rise Time (tR)
20%–80%
1.1
1.5
ns
Fall Time (tF)
80%–20%
1.1
1.5
ns
POWER SUPPLY VOLTAGE
VMIN to VMAX
4.5
5.5
Volts
POWER SUPPLY CURRENT
17
26
mA
OPERATING TEMPERATURE RANGE
TMIN to TMAX
–40
+85
°C
NOTES
1Device design is guaranteed for operation over Capture Ranges and Tracking Ranges, however the device has wider capture and tracking ranges
(for both
×8 and ×16 synthesis).
Specifications subject to change without notice.
REV. A
–2–
(TA = TMIN to TMAX, VS = VMIN to VMAX, CD = 22 nF, unless otherwise noted)
ABSOLUTE MAXIMUM RATINGS*
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +12 V
Input Voltage (Pin 12 or Pin 13) . . . . . . . . . . . . . . VCC + 0.6 V
Maximum Junction Temperature. . . . . . . . . . . . . . . . . +165
°C
Storage Temperature Range . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature Range (Soldering 10 sec) . . . . . . . . +300
°C
ESD Rating (Human Body Model) . . . . . . . . . . . . . . . . 1500 V
*Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only; functional operation
of the device at these or any other conditions above those indicated in the
operational section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Thermal Characteristics:
16-Pin Narrow Body SOIC Package:
θ
JA = 110
°C/W.
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD809BR
–40
°C to +85°C
16-Pin Narrow Body SOIC
R-16A
AD809BR-REEL7
–40
°C to +85°C
750 Pieces, 7" Reel
R-16A
“ON” TIME
tON
OUTPUT 50%
(PINS 4 & 5)
PERIOD
τ
SYMMETRY = (100
× t
ON/τ)
Figure 1. Symmetry



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com