Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD809 Datasheet (PDF) - Analog Devices

AD809 Datasheet PDF - Analog Devices
Part # AD809
Download  AD809 Download
File Size   282.96 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 155.52 MHz Frequency Synthesizer

AD809 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD809 Datasheet PDF - Analog Devices

Part # AD809
Download  AD809 Click to download

File Size   282.96 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 155.52 MHz Frequency Synthesizer

AD809 Datasheet (HTML) - Analog Devices


AD809 Product details

PRODUCT DESCRIPTION
The AD809 provides a 155.52 MHz ECL/PECL output clock from either a 19.44 MHz or a 9.72 MHz TTL/CMOS/ECL/PECL reference frequency. The AD809 functionality supports a distributed timing architecture, allowing a backplane or PCB 19.44 MHz or 9.72 MHz timing reference signal to be distributed to multiple 155.52 Mbps ports. The AD809 can be applied to create the transmit bit clock for one or more ports.
   
FEATURES
    Frequency Synthesis to 155.52 MHz
    19.44 MHz or 9.72 MHz Input
    Reference Signal Select Mux
    Single Supply Operation: +5 V or –5.2 V
    Output Jitter: 2.0 Degrees RMS
    Low Power: 90 mW
    10 KH ECL/PECL Compatible Output
    10 KH ECL/PECL/TTL/CMOS Compatible Input
    Package: 16-Pin Narrow 150 Mil SOIC
   




Similar Part No. - AD809

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8091 AD-AD8091 Datasheet
229Kb / 16P
Low-Cost, High-Speed Rail-to-Rail Amplifiers
5/02-Data Sheet changed from REV. 0 to REV. A.
AD8091 AD-AD8091 Datasheet
488Kb / 20P
Low Cost, High Speed Rail-to-Rail Amplifiers
Rev. B
AD8091 AD-AD8091 Datasheet
413Kb / 20P
Low Cost, High Speed Rail-to-Rail Amplifiers
REV. C
AD8091AR AD-AD8091AR Datasheet
229Kb / 16P
Low-Cost, High-Speed Rail-to-Rail Amplifiers
5/02-Data Sheet changed from REV. 0 to REV. A.
AD8091AR AD-AD8091AR Datasheet
488Kb / 20P
Low Cost, High Speed Rail-to-Rail Amplifiers
Rev. B
More results


Similar Description - AD809

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV2105V SANYO-LV2105V Datasheet
74Kb / 7P
530 MHz PLL Frequency Synthesizer LSI
logo
Motorola, Inc
MC12181 MOTOROLA-MC12181 Datasheet
114Kb / 9P
125 - 1000 MHZ FREQUENCY SYNTHESIZER
MC12179 MOTOROLA-MC12179 Datasheet
343Kb / 11P
500 - 2800 MHz Single Channel Frequency Synthesizer
logo
Tyco Electronics
MAVC-060000-100144 MACOM-MAVC-060000-100144 Datasheet
197Kb / 3P
Synthesizer , SMT Fixed Frequency, 144 MHz
MAVC-060000-530768 MACOM-MAVC-060000-530768 Datasheet
196Kb / 3P
Synthesizer , SMT Fixed Frequency, 768 MHz
logo
LANSDALE Semiconductor ...
ML12179 LANSDALE-ML12179 Datasheet
582Kb / 11P
500-2800 MHz Single Channel Frequency Synthesizer
logo
NIHON DEMPA KOGYO
WF436B NDK-WF436B Datasheet
82Kb / 1P
155.52-MHz Timing Filter for Optical Communication
logo
TAI-SAW TECHNOLOGY CO.,...
TX0139A TAI-SAW-TX0139A Datasheet
189Kb / 4P
7.0x5.0 PECL VCXO 155.52 MHz
logo
ON Semiconductor
NBXDBB018_0910 ONSEMI-NBXDBB018_0910 Datasheet
136Kb / 7P
3.3 V, 155.52 MHz / 311.04MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 3
logo
LANSDALE Semiconductor ...
ML12179 LANSDALE-ML12179_08 Datasheet
298Kb / 11P
500-2800 MHz Single Channel Frequency Synthesizer
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com