Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD809 Datasheet(PDF) 3 Page - Analog Devices

Part # AD809
Description  155.52 MHz Frequency Synthesizer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD809 Datasheet(HTML) 3 Page - Analog Devices

  AD809 Datasheet HTML 1Page - Analog Devices AD809 Datasheet HTML 2Page - Analog Devices AD809 Datasheet HTML 3Page - Analog Devices AD809 Datasheet HTML 4Page - Analog Devices AD809 Datasheet HTML 5Page - Analog Devices AD809 Datasheet HTML 6Page - Analog Devices AD809 Datasheet HTML 7Page - Analog Devices AD809 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AD809
REV. A
–3–
Table I.
MUX Input
Input Selected
TTL “0”
CLKIN/CLKINN
TTL “1”
PECLIN/PECLINN
Table II. Applying a PECL/ECL or CMOS/TTL Reference
Input to the AD809
Input Reference
AD809 Configuration
PECL/ECL Differential
Apply the valid PECL–level reference
frequency to Pins 13 and 12.
AD809 frequency synthesizer ignores
the input at Pin 10.
TTL/CMOS
Apply the reference frequency to
Single-Ended
Pin 10.
Connect Pins 13 and 12 to AVEE
(Pins 9 and 16). The AD809 senses
the common-mode signal at these pins
as less than valid PECL and selects the
TTL/CMOS input as active.
AD809 Phase Skew
The AD809 output is in phase with the input. The falling edge
at Pin 4, CLKOUTN, occurs 700 ps before the rising edge at
Pin 10, TTL/CMOSIN at 27
°C. The phase skew remains rela-
tively constant over temperature. Refer to Table III for phase
skew data.
Table III. Phase Skew vs. Temperature
Skew (CLKOUTN, Pin 4, Relative to
Temperature
TTL/CMOSIN, Pin 10 Measured in
( C)
ps at Package Pins)
–35
–1000
–20
–950
0
–850
10
–750
30
–700
50
–600
70
–450
80
–450
90
–350
100
–250
PIN DESCRIPTIONS
Pin
No.
Mnemonic
Description
1
PECLINN
Differential 155 MHz Input
2
PECLIN
Differential 155 MHz Input
3VCC2
Digital VCC for PECL Outputs
4
CLKOUTN
Differential 155 MHz Output
5
CLKOUT
Differential 155 MHz Output
6VCC1
Digital VCC for Internal Logic
7
CF1
Loop Damping Capacitor
8
CF2
Loop Damping Capacitor
9AVEE
Analog VEE
10
TTL/CMOSIN TTL/CMOS Reference Clock Input
11
AVCC1
Analog VCC for PLL
12
CLKINN
PECL Differential Reference Clock Input
13
CLKIN
PECL Differential Reference Clock Input
14
AVCC2
Analog VCC for Input Stage
15
MUX
Input Signal Mux Control Input
16
VEE
Digital VEE
PIN CONFIGURATION
14
13
12
11
16
15
10
9
8
1
2
3
4
7
6
5
TOP VIEW
(Not to Scale)
AD809
PECLINN
CLKIN
AVCC2
MUX
VEE
PECLIN
VCC2
CLKOUTN
TTL/CMOSIN
AVCC1
CLKINN
CLKOUT
VCC1
CF1
CF2
AVEE
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD809 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com