Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD809 Datasheet(PDF) 1 Page - Analog Devices

Part # AD809
Description  155.52 MHz Frequency Synthesizer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD809 Datasheet(HTML) 1 Page - Analog Devices

  AD809 Datasheet HTML 1Page - Analog Devices AD809 Datasheet HTML 2Page - Analog Devices AD809 Datasheet HTML 3Page - Analog Devices AD809 Datasheet HTML 4Page - Analog Devices AD809 Datasheet HTML 5Page - Analog Devices AD809 Datasheet HTML 6Page - Analog Devices AD809 Datasheet HTML 7Page - Analog Devices AD809 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
155.52 MHz Frequency Synthesizer
AD809
FEATURES
Frequency Synthesis to 155.52 MHz
19.44 MHz or 9.72 MHz Input
Reference Signal Select Mux
Single Supply Operation: +5 V or –5.2 V
Output Jitter: 2.0 Degrees RMS
Low Power: 90 mW
10 KH ECL/PECL Compatible Output
10 KH ECL/PECL/TTL/CMOS Compatible Input
Package: 16-Pin Narrow 150 Mil SOIC
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
World Wide Web Site: http://www.analog.com
Fax: 617/326-8703
© Analog Devices, Inc., 1997
155.52 Mbps ports. The AD809 can be applied to create the trans-
mit bit clock for one or more ports.
An input signal multiplexer supports loop-timed applications
where a 155.52 MHz transmit bit clock is recovered from the
155.52 Mbps received data.
The low jitter VCO, low power and wide operating temperature
range make the device suitable for generating a 155.52 MHz bit
clock for SONET/SDH/Fiber in the Loop systems.
The device has a low cost, on-chip VCO that locks to either
8
× or 16× the frequency at the 19.44 MHz or 9.72 MHz input.
No external components are needed for frequency synthesis; how-
ever, the user can adjust loop dynamics through selection of a
damping factor capacitor whose value determines loop damping.
The AD809 design guarantees that the clock output frequency
will drift low (by roughly 20%) in the absence of a signal at the
input.
The AD809 consumes 90 mW and operates from a single power
supply at either +5 V or –5.2 V.
PRODUCT DESCRIPTION
The AD809 provides a 155.52 MHz ECL/PECL output clock from
either a 19.44 MHz or a 9.72 MHz TTL/CMOS/ECL/PECL refer-
ence frequency. The AD809 functionality supports a distributed
timing architecture, allowing a backplane or PCB 19.44 MHz or
9.72 MHz timing reference signal to be distributed to multiple
FUNCTIONAL BLOCK DIAGRAM
AUTO
SELECT
PFD
LOOP
FILTER
VCO
AUTO SELECT
DIVIDE BY 8/16
BW
ADJUST
MUX
CLKOUTN
(155MHz
PECL
OUTPUT)
CLKIN
TTL/CMOSIN
(155MHz)
MUX
CF1 CF2
AD809
15
1
2
10
12
13
7
8
5
4
CLKOUT
(19.44MHz
OR
9.72MHz)CLKINN
PECLIN
PECLINN


Similar Part No. - AD809

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8091 AD-AD8091 Datasheet
229Kb / 16P
Low-Cost, High-Speed Rail-to-Rail Amplifiers
5/02-Data Sheet changed from REV. 0 to REV. A.
AD8091 AD-AD8091 Datasheet
488Kb / 20P
Low Cost, High Speed Rail-to-Rail Amplifiers
Rev. B
AD8091 AD-AD8091 Datasheet
413Kb / 20P
Low Cost, High Speed Rail-to-Rail Amplifiers
REV. C
AD8091AR AD-AD8091AR Datasheet
229Kb / 16P
Low-Cost, High-Speed Rail-to-Rail Amplifiers
5/02-Data Sheet changed from REV. 0 to REV. A.
AD8091AR AD-AD8091AR Datasheet
488Kb / 20P
Low Cost, High Speed Rail-to-Rail Amplifiers
Rev. B
More results

Similar Description - AD809

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV2105V SANYO-LV2105V Datasheet
74Kb / 7P
530 MHz PLL Frequency Synthesizer LSI
logo
Motorola, Inc
MC12181 MOTOROLA-MC12181 Datasheet
114Kb / 9P
125 - 1000 MHZ FREQUENCY SYNTHESIZER
MC12179 MOTOROLA-MC12179 Datasheet
343Kb / 11P
500 - 2800 MHz Single Channel Frequency Synthesizer
logo
Tyco Electronics
MAVC-060000-100144 MACOM-MAVC-060000-100144 Datasheet
197Kb / 3P
Synthesizer , SMT Fixed Frequency, 144 MHz
MAVC-060000-530768 MACOM-MAVC-060000-530768 Datasheet
196Kb / 3P
Synthesizer , SMT Fixed Frequency, 768 MHz
logo
LANSDALE Semiconductor ...
ML12179 LANSDALE-ML12179 Datasheet
582Kb / 11P
500-2800 MHz Single Channel Frequency Synthesizer
logo
NIHON DEMPA KOGYO
WF436B NDK-WF436B Datasheet
82Kb / 1P
155.52-MHz Timing Filter for Optical Communication
logo
TAI-SAW TECHNOLOGY CO.,...
TX0139A TAI-SAW-TX0139A Datasheet
189Kb / 4P
7.0x5.0 PECL VCXO 155.52 MHz
logo
ON Semiconductor
NBXDBB018_0910 ONSEMI-NBXDBB018_0910 Datasheet
136Kb / 7P
3.3 V, 155.52 MHz / 311.04MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 3
logo
LANSDALE Semiconductor ...
ML12179 LANSDALE-ML12179_08 Datasheet
298Kb / 11P
500-2800 MHz Single Channel Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com