Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD824AR Datasheet(PDF) 9 Page - Analog Devices

Part # AD824AR
Description  Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD824AR Datasheet(HTML) 9 Page - Analog Devices

Back Button AD824AR Datasheet HTML 5Page - Analog Devices AD824AR Datasheet HTML 6Page - Analog Devices AD824AR Datasheet HTML 7Page - Analog Devices AD824AR Datasheet HTML 8Page - Analog Devices AD824AR Datasheet HTML 9Page - Analog Devices AD824AR Datasheet HTML 10Page - Analog Devices AD824AR Datasheet HTML 11Page - Analog Devices AD824AR Datasheet HTML 12Page - Analog Devices AD824AR Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AD824
REV. A
–9–
FREQUENCY – Hz
120
0
10
10M
100
1k
10k
100k
1M
100
80
60
40
20
Figure 17. Common-Mode Rejection vs. Frequency
FREQUENCY – Hz
–40
–60
–120
100
100k
1k
10k
–80
–100
Figure 18. THD vs. Frequency, 3 V rms
FREQUENCY – Hz
100
–20
10
10M
100
1k
10k
100k
1M
80
60
40
20
0
100
–20
80
60
40
20
0
±15V
+3, 0V
Figure 19. Open-Loop Gain and Phase vs. Frequency
.. .
FREQUENCY – Hz
1k
100
1
1
100k
10
100
1k
10k
10
Figure 20. Input Voltage Noise Spectral Density vs.
Frequency
FREQUENCY – Hz
120
0
10
10M
100
1k
10k
100k
1M
100
80
60
40
20
Figure 21. Power Supply Rejection vs. Frequency
INPUT FREQUENCY – Hz
30
0
1k
1M
3k
10k
30k
100k
300k
25
20
15
10
5
Figure 22. Large Signal Frequency Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com