Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD824AR Datasheet(PDF) 13 Page - Analog Devices

Part # AD824AR
Description  Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD824AR Datasheet(HTML) 13 Page - Analog Devices

Back Button AD824AR Datasheet HTML 8Page - Analog Devices AD824AR Datasheet HTML 9Page - Analog Devices AD824AR Datasheet HTML 10Page - Analog Devices AD824AR Datasheet HTML 11Page - Analog Devices AD824AR Datasheet HTML 12Page - Analog Devices AD824AR Datasheet HTML 13Page - Analog Devices AD824AR Datasheet HTML 14Page - Analog Devices AD824AR Datasheet HTML 15Page - Analog Devices AD824AR Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AD824
REV. A
–13–
3 Volt, Single Supply Stereo Headphone Driver
The AD824 exhibits good current drive and THD+N perfor-
mance, even at 3 V single supplies. At 1 kHz, total harmonic
distortion plus noise (THD+N) equals –62 dB (0.079%) for a
300 mV p-p output signal. This is comparable to other single
supply op amps that consume more power and cannot run on 3
V power supplies.
In Figure 33, each channel’s input signal is coupled via a 1
µF
Mylar capacitor. Resistor dividers set the dc voltage at the
noninverting inputs so that the output voltage is midway be-
tween the power supplies (+1.5 V). The gain is 1.5. Each half of
the AD824 can then be used to drive a headphone channel. A
5 Hz high-pass filter is realized by the 500
µF capacitors and the
headphones, which can be modeled as 32 ohm load resistors to
ground. This ensures that all signals in the audio frequency
range (20 Hz–20 kHz) are delivered to the headphones.
MYLAR
1µF
1/4
AD824
L
R
HEADPHONES
32
Ω IMPEDANCE
4.99k
MYLAR
1µF
4.99k
1/4
AD824
10k
10k
47.5k
95.3k
47.5k
500µF
500µF
+3V
0.1µF
0.1µF
CHANNEL 1
CHANNEL 2
95.3k
Figure 33. 3 Volt Single Supply Stereo Headphone Driver
Low Dropout Bipolar Bridge Driver
The AD824 can be used for driving a 350 ohm Wheatstone
bridge. Figure 34 shows one half of the AD824 being used to
buffer the AD589—a 1.235 V low power reference. The output
350
Ω
350
Ω
350
Ω
350
Ω
VREF
–VS
+VS
AD620
RG
R2
20
Ω
–4.5V
10k
10k
10k
26.4k, 1%
R1
20
Ω
TO A/D CONVERTER
REFERENCE INPUT
AD589
49.9k
+1.235V
+5V
1µF
GND
1%
1%
1%
1/4
AD824
1/4
AD824
–VS
+VS
+VS
–VS
0.1µF
–5V
1µF
0.1µF
7
6
5
4
3
2
Figure 34. Low Dropout Bipolar Bridge Driver
of +4.5 V can be used to drive an A/D converter front end. The
other half of the AD824 is configured as a unity-gain inverter
and generates the other bridge input of –4.5 V. Resistors R1 and
R2 provide a constant current for bridge excitation. The AD620
low power instrumentation amplifier is used to condition the
differential output voltage of the bridge. The gain of the AD620
is programmed using an external resistor RG and determined by:
G
=
49.4 k
Ω
RG
+ 1
A 3.3 Volt/5 Volt Precision Sample-and-Hold Amplifier
In battery-powered applications, low supply voltage operational
amplifiers are required for low power consumption. Also, low
supply voltage applications limit the signal range in precision
analog circuitry. Circuits like the sample-and-hold circuit
shown in Figure 35, illustrate techniques for designing precision
analog circuitry in low supply voltage applications. To maintain
high signal-to-noise ratios (SNRs) in a low supply voltage appli-
cation requires the use of rail-to-rail, input/output operational
amplifiers. This design highlights the ability of the AD824 to oper-
ate rail-to-rail from a single +3 V/+5 V supply, with the advantages
of high input impedance. The AD824, a quad JFET-input op
amp, is well suited to S/H circuits due to its low input bias cur-
rents (3 pA, typical) and high input impedances (3
× 1013 Ω,
typical). The AD824 also exhibits very low supply currents so
the total supply current in this circuit is less than 2.5 mA.
3.3/5V
3.3/5V
R1
50k
R2
50k
A1
3
2
4
1
11
0.1µF
FALSE GROUND (FG)
A4
12
13
14
SAMPLE/
HOLD
A3
10
9
8
A2
5
6
7
15
14
16
10
9
11
AD824B
3.3/5V
ADG513
R5
2k
Ω
AD824C
+
–
VOUT
CH
C
500pF
FG
4
5
8
6
7
23
1
AD824A
AD824D
R4
2k
Ω
FG
13
500pF
FG
Figure 35. 3.3 V/5.5 V Precision Sample and Hold
In many single supply applications, the use of a false ground
generator is required. In this circuit, R1 and R2 divide the sup-
ply voltage symmetrically, creating the false ground voltage at
one-half the supply. Amplifier A1 then buffers this voltage cre-
ating a low impedance output drive. The S/H circuit is config-
ured in an inverting topology centered around this false ground
level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com