Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD824AR Datasheet(PDF) 10 Page - Analog Devices

Part # AD824AR
Description  Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD824AR Datasheet(HTML) 10 Page - Analog Devices

Back Button AD824AR Datasheet HTML 6Page - Analog Devices AD824AR Datasheet HTML 7Page - Analog Devices AD824AR Datasheet HTML 8Page - Analog Devices AD824AR Datasheet HTML 9Page - Analog Devices AD824AR Datasheet HTML 10Page - Analog Devices AD824AR Datasheet HTML 11Page - Analog Devices AD824AR Datasheet HTML 12Page - Analog Devices AD824AR Datasheet HTML 13Page - Analog Devices AD824AR Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD824
–10–
REV. A
FREQUENCY – Hz
–80
–140
10
100
1k
10k
100k
–90
–100
–110
–120
–130
1 TO 4
1 TO 2
1 TO 3
Figure 23. Crosstalk vs. Frequency
FREQUENCY – Hz
10k
.01
10
10M
100
1k
10k
100k
1M
1k
100
10
1
.1
Figure 24. Output Impedance vs. Frequency, Gain = +1
Figure 25. Small Signal Response, Unity Gain Follower,
10k 100 pF Load
10
0%
100
90
500ns
20mV
Figure 26. Large Signal Response
TEMPERATURE –
°C
2750
1000
–60
140
–40
–20
0
20
40
60
80
100
120
2500
2250
2000
1750
1500
1250
VS = ±15V
VS = 3, 0
Figure 27. Supply Current vs. Temperature
LOAD CURRENT – mA
1000
100
0
0.01
10.0
0.10
1.0
10
VOL – VS
VS – VOH
VS = ±15V
VS = 3, 0
Figure 28. Output Saturation Voltage
10
0%
100
90
5µs
5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com