Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD824AR Datasheet(PDF) 14 Page - Analog Devices

Part # AD824AR
Description  Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD824AR Datasheet(HTML) 14 Page - Analog Devices

Back Button AD824AR Datasheet HTML 8Page - Analog Devices AD824AR Datasheet HTML 9Page - Analog Devices AD824AR Datasheet HTML 10Page - Analog Devices AD824AR Datasheet HTML 11Page - Analog Devices AD824AR Datasheet HTML 12Page - Analog Devices AD824AR Datasheet HTML 13Page - Analog Devices AD824AR Datasheet HTML 14Page - Analog Devices AD824AR Datasheet HTML 15Page - Analog Devices AD824AR Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
AD824
–14–
REV. A
A design consideration in sample-and-hold circuits is voltage
droop at the output caused by op amp bias and switch leakage
currents. By choosing a JFET op amp and a low leakage CMOS
switch, this design minimizes droop rate error to better than
0.1
µV/µs in this circuit. Higher values of C
H will yield a lower
droop rate. For best performance, CH and C2 should be poly-
styrene, polypropylene or Teflon capacitors. These types of
capacitors exhibit low leakage and low dielectric absorption. Addi-
tionally, 1% metal film resistors were used throughout the design.
In the sample mode, SW1 and SW4 are closed, and the output
is VOUT = –VIN. The purpose of SW4, which operates in paral-
lel with SW1, is to reduce the pedestal, or hold step, error by
injecting the same amount of charge into the noninverting input
of A3 that SW1 injects into the inverting input of A3. This cre-
ates a common-mode voltage across the inputs of A3 and is then
rejected by the CMR of A3; otherwise, the charge injection from
SW1 would create a differential voltage step error that would
appear at VOUT. The pedestal error for this circuit is less than 2
mV over the entire 0 V to 3.3 V/5 V signal range. Another
method of reducing pedestal error is to reduce the pulse ampli-
tude applied to the control pins. In order to control the
ADG513, only 2.4 V are required for the “ON” state and 0.8 V
for the “OFF” state. If possible, use an input control signal
whose amplitude ranges from 0.8 V to 2.4 V instead of a full
range 0 V to 3.3 V/5 V for minimum pedestal error.
Other circuit features include an acquisition time of less than
3
µs to 1%; reducing C
H and C2 will speed up the acquisition
time further, but an increased pedestal error will result. Settling
time is less than 300 ns to 1%, and the sample-mode signal BW
is 80 kHz.
The ADG513 was chosen for its ability to work with 3 V/5 V
supplies and for having normally-open and normally-closed pre-
cision CMOS switches on a dielectrically isolated process. SW2
is not required in this circuit; however, it was used in parallel
with SW3 to provide a lower RON analog switch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com