Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD824AR Datasheet(PDF) 12 Page - Analog Devices

Part # AD824AR
Description  Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD824AR Datasheet(HTML) 12 Page - Analog Devices

Back Button AD824AR Datasheet HTML 8Page - Analog Devices AD824AR Datasheet HTML 9Page - Analog Devices AD824AR Datasheet HTML 10Page - Analog Devices AD824AR Datasheet HTML 11Page - Analog Devices AD824AR Datasheet HTML 12Page - Analog Devices AD824AR Datasheet HTML 13Page - Analog Devices AD824AR Datasheet HTML 14Page - Analog Devices AD824AR Datasheet HTML 15Page - Analog Devices AD824AR Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AD824
–12–
REV. A
APPLICATIONS
Single Supply Voltage-to-Frequency Converter
The circuit shown in Figure 31 uses the AD824 to drive a low
power timer, which produces a stable pulse of width t1. The
positive going output pulse is integrated by R1-C1 and used as
one input to the AD824, which is connected as a differential
integrator. The other input (nonloading) is the unknown volt-
age, VIN. The AD824 output drives the timer trigger input, clos-
ing the overall feedback loop.
2
6
5
3
4
+10V
0.1
µF
C5
R
SCALE **
10k
R1
499k, 1%
R2
499k, 1%
0V TO 2.5V
FULL SCALE
C1
0.01
µF, 2%
C2
0.01
µF, 2%
U4
REF02
U1
43
U3B
21
U3A
C6
390pF
5%
C3
0.1
µF
THR
TR
DIS
RV+
OUT
CV
GND
48
6
2
7
1
3
5
(NPO)
C4
0.01
µF
R3
*
116k
U2
CMOS 555
OUT2
OUT1
NOTES:
f
OUT =
/(VREF*t
1), t1 = 1.1*R3*C6
* = 1% METAL FILM, <50ppm/
°C TC
** = 10%, 20T FILM, <100ppm/
°C TC
t
1 = 33µs FOR fOUT = 20kHz @
= 2.0V
= 25kHz f
S AS SHOWN.
V
REF = 5V
CMOS
74HCO4
1/4
AD824B
V
IN
V
IN
V
IN
Figure 31. Single Supply Voltage-to-Frequency Converter
Typical AD824 bias currents of 2 pA allow megaohm-range
source impedances with negligible dc errors. Linearity errors on
the order of 0.01% full scale can be achieved with this circuit.
This performance is obtained with a 5 volt single supply, which
delivers less than 3 mA to the entire circuit.
Single Supply Programmable Gain Instrumentation Amplifier
The AD824 can be configured as a single supply instrumenta-
tion amplifier that is able to operate from single supplies down
to 3 V or dual supplies up to
±15 V. AD824 FET inputs’ 2 pA
bias currents minimize offset errors caused by high unbalanced
source impedances.
An array of precision thin-film resistors sets the in amp gain to
be either 10 or 100. These resistors are laser-trimmed to ratio
match to 0.01% and have a maximum differential TC of
5 ppm/
°C.
Table I. AD824 In Amp Performance
Parameters
VS = 3 V, 0 V
VS =
5 V
CMRR
74 dB
80 dB
Common-Mode
Voltage Range
–0.2 V to +2 V
–5.2 V to +4 V
3 dB BW, G = 10
180 kHz
180 kHz
G = 100
18 kHz
18 kHz
tSETTLING
2 V Step (VS = 0 V, 3 V)
2
µs
5 V (VS = ± 5 V)
5
µs
Noise @ f = 1 kHz, G = 10
270 nV/
√Hz
270 nV/
√Hz
G = 100
2.2
µV/√Hz
2.2
µV/√Hz
10
0%
100
90
1V
5µs
Figure 32a. Pulse Response of In Amp to a 500 mV p-p
Input Signal; VS = +5 V, 0 V; Gain = 10
(G =10)
V
OUT = (VIN1 – VIN2) (1+
) +V
REF
R6
R4 + R5
(G =100)
V
OUT = (VIN1 – VIN2 ) (1+
) +V
REF
FOR R1 = R6, R2 = R5 AND R3 = R4
R5 + R6
R4
R1
R2
R3
R4
R5
R6
90k
9k
1k
1k
9k
90k
V
OUT
V
IN1
0.1
µF
8
1/4
AD824
1/4
AD824
V
IN2
R
P
1k
Ω
1
2
3
6
5
11
7
OHMTEK
PART # 1043
V
REF
G =10
G =100
R
P
1k
Ω
G =100
G =10
+V
S
Figure 32b. A Single Supply Programmable
Instrumentation Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com