Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8313 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8313
Description  0.1 GHz-2.5 GHz, 70 dB Logarithmic Detector/Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8313 Datasheet(HTML) 5 Page - Analog Devices

  AD8313 Datasheet HTML 1Page - Analog Devices AD8313 Datasheet HTML 2Page - Analog Devices AD8313 Datasheet HTML 3Page - Analog Devices AD8313 Datasheet HTML 4Page - Analog Devices AD8313 Datasheet HTML 5Page - Analog Devices AD8313 Datasheet HTML 6Page - Analog Devices AD8313 Datasheet HTML 7Page - Analog Devices AD8313 Datasheet HTML 8Page - Analog Devices AD8313 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AD8313
–5–
REV. B
INPUT AMPLITUDE – dBm
2.0
–70
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
–60
–50
–40
–30
–20
–10
0
10
VS = +5V
INPUT MATCH SHOWN IN FIGURE 27
1.9GHz
2.5GHz
900MHz
100MHz
Figure 2. VOUT vs. Input Amplitude
INPUT AMPLITUDE – dBm
6
–6
–70
10
–60
–50
–40
–30
–20
–10
0
4
2
0
–2
–4
900MHz
100MHz
100MHz
900MHz
1.9GHz
2.5GHz
2.5GHz
1.9GHz
VS = +5V
INPUT MATCH SHOWN IN FIGURE 27
Figure 3. Log Conformance vs. Input Amplitude
INPUT AMPLITUDE – dBm
2.0
–70
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
–60
–50
–40
–30
–20
–10
0
10
VS = +5V
INPUT MATCH SHOWN IN FIGURE 27
5
4
3
2
1
0
–1
–2
–3
–4
–5
–40 C
+25 C
+85 C
SLOPE AND INTERCEPT NORMALIZED AT +25 C
AND APPLIED TO –40 C AND +85 C
Figure 4. VOUT and Log Conformance vs. Input Amplitude
at 100 MHz; –40
°C, +25°C and +85°C
Typical Performance Characteristics–
INPUT AMPLITUDE – dBm
2.0
–70
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
–60
–50
–40
–30
–20
–10
0
10
VS = +5V
INPUT MATCH SHOWN IN FIGURE 27
5
4
3
2
1
0
–1
–2
–3
–4
–5
+25 C
+85 C
–40 C
SLOPE AND INTERCEPT NORMALIZED AT +25 C
AND APPLIED TO –40 C AND +85 C
Figure 5. VOUT and Log Conformance vs. Input Amplitude
at 900 MHz; –40
°C, +25°C and +85°C
INPUT AMPLITUDE – dBm
2.0
–70
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
–60
–50
–40
–30
–20
–10
0
10
VS = +5V
INPUT MATCH SHOWN IN FIGURE 27
5
4
3
2
1
0
–1
–2
–3
–4
–5
–40 C
+25 C
+85 C
SLOPE AND INTERCEPT NORMALIZED AT +25 C
AND APPLIED TO –40 C AND +85 C
Figure 6. VOUT and Log Conformance vs. Input Amplitude
at 1.9 GHz; –40
°C, +25°C and +85°C
INPUT AMPLITUDE – dBm
2.0
–70
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
–60
–50
–40
–30
–20
–10
0
10
VS = +5V
INPUT MATCH SHOWN IN FIGURE 27
5
4
3
2
1
0
–1
–2
–3
–4
–5
–40 C
+25 C
+85 C
SLOPE AND INTERCEPT
NORMALIZED AT +25 C AND
APPLIED TO –40 C AND +85 C
Figure 7. VOUT and Log Conformance vs. Input Amplitude
at 2.5 GHz; –40
°C, +25°C and +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com