Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8313 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8313
Description  0.1 GHz-2.5 GHz, 70 dB Logarithmic Detector/Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8313 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8313 Datasheet HTML 8Page - Analog Devices AD8313 Datasheet HTML 9Page - Analog Devices AD8313 Datasheet HTML 10Page - Analog Devices AD8313 Datasheet HTML 11Page - Analog Devices AD8313 Datasheet HTML 12Page - Analog Devices AD8313 Datasheet HTML 13Page - Analog Devices AD8313 Datasheet HTML 14Page - Analog Devices AD8313 Datasheet HTML 15Page - Analog Devices AD8313 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AD8313
–13–
REV. B
FREQUENCY – MHz
15
50
10
5
0
–5
100
200
Figure 35. Voltage Response of 100 MHz Narrow-Band
Matching Network
Adjusting the Log Slope
Figure 36 shows how the log slope may be adjusted to an exact
value. The idea is simple: the output at pin VOUT is attenuated
by the variable resistor R2 working against the internal 18 k
Ω
of input resistance at the VSET pin. When R2 is zero, the
attenuation it introduces is zero, and thus the slope is the basic
18 mV/dB (note that this value varies with frequency, see
Figure 8). When R2 is set to its maximum value of 10 k
Ω, the
attenuation from VOUT to VSET is the ratio 18/(18+10), and
the slope is raised to (28/18)
× 18 mV, or 28 mV/dB. At about
the midpoint, the nominal scale will be 23 mV/dB. Thus, a
70 dB input range will change the output by 70
× 23 mV, or
1.6 V.
18-30mV/dB
R2
10k
R3
10
0.1 F
R1
10
0.1 F
+VS
+VS
8
7
6
5
1
2
3
4
VPOS
VOUT
INHI
INLO
VPOS PWDN
COMM
VSET
AD8313
Figure 36. Adjusting the Log Slope
As already stated, the unadjusted log slope varies with frequency
from 17 mV/dB to 20 mV/dB, as shown in Figure 8. By placing
a resistor between VOUT and VSET, the slope can be adjusted
to a convenient 20 mV/dB as shown in Figure 37. Table II
shows the recommended values for this resistor REXT. Also
shown are values for REXT that increase the slope to approxi-
mately 50 mV/dB. The corresponding voltage swings for a
–65 dBm to 0 dBm input range are also shown in Table II.
20mV/dB
REXT
R3
10
0.1 F
R1
10
0.1 F
+VS
+VS
8
7
6
5
1
2
3
4
VPOS
VOUT
INHI
INLO
VPOS PWDN
COMM
VSET
AD8313
Figure 37. Adjusting the Log Slope to a Fixed Value
Table II. Values for REXT in Figure 37
Frequency
REXT
Slope
VOUT Swing for Pin
MHz
k
mV/dB
–65 dBm to 0 dBm – V
100
0.953
20
0.44 to 1.74
900
2.00
20
0.58 to 1.88
1900
2.55
20
0.70 to 2.00
2500
0
20
0.54 to 1.84
100
29.4
50
1.10 to 4.35
900
32.4
50.4
1.46 to 4.74
1900
33.2
49.8
1.74 to 4.98
2500
26.7
49.7
1.34 to 4.57
The value for REXT is calculated using the equation:
R
New Slope
Original Slope
Original Slope
EXT =
()
–
× 18 k
Ω
The value for the Original Slope, at a particular frequency, can
be read from Figure 8. The resulting output swing is calculated
by simply inserting the New Slope value and the intercept at that
frequency (Figures 8 and 11) into the general equation for the
AD8313’s output voltage:
VOUT = Slope (PIN – Intercept)
Increasing Output Current
Where it is necessary to drive a more substantial load, one of
two methods can be used. In Figure 38, a 1 k
Ω pull-up resistor
is added at the output which provides the load current necessary
to drive a 1 k
Ω load to +1.7 V for V
S = 2.7 V. The pull-up resis-
tor will slightly lower the intercept and the slope. As a result, the
transfer function of the AD8313 will be shifted upwards (inter-
cept shifts downward).
R2
10
0.1 F
R1
10
0.1 F
+VS
+VS
1
2
3
4
VPOS
VOUT
INHI
INLO
VPOS PWDN
COMM
VSET
8
7
6
5
AD8313
RL = 1k
20mV/dB
1k
+VS
Figure 38. Increasing AD8313 Output Current Capability
In Figure 39, an emitter-follower is used to provide current
gain, when a 100
Ω load can readily be driven to full-scale out-
put. While a high
β transistor such as the BC848BLT1 (min β =
200) is recommended, a 2 k
Ω pull-up resistor between VOUT
and +VS can provide additional base current to the transistor.
R3
10
0.1 F
R1
10
0.1 F
+VS
+VS
8
7
6
5
1
2
3
4
VPOS
VOUT
INHI
INLO
VPOS PWDN
COMM
VSET
AD8313
OUTPUT
+VS
13k
RL
100
10k
BC848BLT1
MIN = 200
Figure 39. Output Current Drive Boost Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com