Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8313 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8313
Description  0.1 GHz-2.5 GHz, 70 dB Logarithmic Detector/Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8313 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8313 Datasheet HTML 3Page - Analog Devices AD8313 Datasheet HTML 4Page - Analog Devices AD8313 Datasheet HTML 5Page - Analog Devices AD8313 Datasheet HTML 6Page - Analog Devices AD8313 Datasheet HTML 7Page - Analog Devices AD8313 Datasheet HTML 8Page - Analog Devices AD8313 Datasheet HTML 9Page - Analog Devices AD8313 Datasheet HTML 10Page - Analog Devices AD8313 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD8313
–7–
REV. B
PWDN VOLTAGE – V
0
100.00
10.00
1.00
0.10
0.01
12
3
4
5
40 A
VPOS = +5V
VPOS = +3V
20 A
13.7mA
Figure 14. Typical Supply Current vs. PWDN Voltage
CH. 1 & CH. 2: 1V/DIV
CH. 3: 5V/DIV
HORIZONTAL: 1 s/DIV
VOUT @
VS = +5.5V
VOUT @
VS = +2.7V
PWDN
CH. 1 GND
CH. 2 GND
CH. 3 GND
Figure 15. PWDN Response Time
0.1 F
54.9
0.01 F
0.01 F
10
10
0.1 F
+VS
+VS
TEK
TDS784C
SCOPE
8
7
6
5
1
2
3
4
VPOS
VOUT
INHI
INLO
VPOS PWDN
COMM
VSET
AD8313
TEK P6205
FET PROBE
TRIG
0603 SIZE SURFACE
MOUNT COMPONENTS ON
A LOW LEAKAGE PC BOARD
EXT TRIG
OUT
HP8112A
PULSE
GENERATOR
PIN = 0dBm
RF OUT
HP8648B
SIGNAL
GENERATOR
10MHz REF OUTPUT
Figure 16. Test Setup for PWDN Response Time
CH. 1
CH. 1 GND
CH. 2 GND
CH. 2
CH. 1 & CH. 2: 200mV/DIV
AVERAGE: 50 SAMPLES
VS = +5.5V
VS = +2.7V
HORIZONTAL: 50ns/DIV
PULSED RF
100MHz, –45dBm
Figure 17. Response Time, No Signal to –45 dBm
CH. 1 & CH. 2: 500mV/DIV
AVERAGE: 50 SAMPLES
HORIZONTAL: 50ns/DIV
CH. 1 GND
CH. 2 GND
PULSED RF
100MHz, 0dBm
CH. 1
CH. 2
VS = +5.5V
VS = +2.7V
Figure 18. Response Time, No Signal to +0 dBm
0.1 F
54.9
0.01 F
0.01 F
10
10
0.1 F
+VS
+VS
TEK
TDS784C
SCOPE
8
7
6
5
1
2
3
4
VPOS
VOUT
INHI
INLO
VPOS PWDN
COMM
VSET
AD8313
TEK P6205
FET PROBE
TRIG
OUT
0603 SIZE SURFACE
MOUNT COMPONENTS ON
A LOW LEAKAGE PC BOARD
EXT TRIG
HP8112A
PULSE
GENERATOR
RF OUT
10MHz REF OUTPUT
–6dB
RF
SPLITTER
–6dB
HP8648B
SIGNAL
GENERATOR
PULSE
MODULATION
MODE
PULSE MODE IN
OUT
TRIG
Figure 19. Test Setup for RSSI-Mode Pulse Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com