Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8313 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8313
Description  0.1 GHz-2.5 GHz, 70 dB Logarithmic Detector/Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8313 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8313 Datasheet HTML 6Page - Analog Devices AD8313 Datasheet HTML 7Page - Analog Devices AD8313 Datasheet HTML 8Page - Analog Devices AD8313 Datasheet HTML 9Page - Analog Devices AD8313 Datasheet HTML 10Page - Analog Devices AD8313 Datasheet HTML 11Page - Analog Devices AD8313 Datasheet HTML 12Page - Analog Devices AD8313 Datasheet HTML 13Page - Analog Devices AD8313 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD8313
–10–
REV. B
Setpoint Interface, VSET
The setpoint interface is shown in Figure 26. The voltage VSET
is divided by a factor of three in a resistive attenuator of total
resistance 18 k
Ω. The signal is converted to a current by the
action of the op amp and the resistor R3 (1.5 k
Ω), which bal-
ances the current generated by the summed output of the nine
detector cells at the input to the previous cell. The logarithmic
slope is nominally 3
× 4.0 µA/dB × 1.5 kΩ ≈ 18 mV/dB.
VSET
VPOS
R1
12k
COMM
FDBK
TO O/P
STAGE
1
R2
6k
R3
1.5k
25 A
25 A
8
6
LP
Figure 26. Setpoint Interface Circuitry
APPLICATIONS
Basic Connections for Log (RSSI) Mode
Figure 27 shows the AD8313 connected in its basic measure-
ment mode. A power supply of +2.7 V to +5.5 V is required.
The power supply to each of the VPOS pins should be decoupled
with a 0.1
µF, surface mount ceramic capacitor and a series
resistor of 10
Ω.
The PWDN pin is shown as grounded. The AD8313 may be
disabled by a logic “HI” at this pin. When disabled, the chip
current is reduced to about 20
µA from its normal value of
13.7 mA. The logic threshold is at VPOS/2 and the enable func-
tion occurs in about 1.8
µs; note, however, that further settling
time is generally needed at low input levels. While the input in
this case is terminated with a simple 50
Ω broadband resistive
match, there are a wide variety of ways in which the input termi-
nation can be accomplished. These are discussed in the Input
Coupling section.
VSET is connected to VOUT to establish a feedback path that
controls the overall scaling of the logarithmic amplifier. The
load resistance, RL, should not be lower than 5 kΩ in order that
the full-scale output of 1.75 V can be generated with the limited
available current of 400
µA max.
As stated in the Absolute Maximum Ratings, an externally ap-
plied overvoltage on the VOUT pin that is outside the range 0 V
to VPOS is sufficient to cause permanent damage to the device. If
overvoltages are expected on the VOUT pin, a series resistor
(RPROT) should be included as shown. A 500 Ω resistor is suffi-
cient to protect against overvoltage up to
±5 V; 1000 Ω should
be used if an overvoltage of up to
±15 V is expected. Since the
output stage is meant to drive loads of no more than 400
µA,
this resistor will not impact device performance for more high
impedance drive applications (higher output current applications
are discussed in the Increasing Output Current section).
R2
10
RL = 1M
0.1 F
53.6
680pF
680pF
R1
10
0.1 F
+VS
+VS
8
7
6
5
1
2
3
4
VPOS
VOUT
INHI
INLO
VPOS PWDN
COMM
VSET
AD8313
RPROT
Figure 27. Basic Connections for Log (RSSI) Mode
Operating in the Controller Mode
Figure 28 shows the basic connections for operation in control-
ler mode. The link between VOUT and VSET is broken and a
“setpoint” is applied to VSET. Any difference between VSET
and the equivalent input power to the AD8313, will drive VOUT
either to the supply rail or close to ground. If VSET is greater
than the equivalent input power, VOUT will be driven towards
ground and vice versa.
VSETPOINT
INPUT
CONTROLLER
OUTPUT
R3
10
0.1 F
R1
10
0.1 F
+VS
+VS
8
7
6
5
1
2
3
4
VPOS
VOUT
INHI
INLO
VPOS PWDN
COMM
VSET
AD8313
RPROT
Figure 28. Basic Connections for Operation in the
Controller Mode
This mode of operation is useful in applications where the out-
put power of an RF power amplifier (PA) is to be controlled by
an analog AGC loop (Figure 29). In this mode, a setpoint
voltage, proportional in dB to the desired output power, is ap-
plied to the VSET pin. A sample of the output power from the
PA, via a directional coupler or other means, is fed to the input
of the AD8313.
SETPOINT
CONTROL DAC
RFIN
VOUT
VSET
AD8313
DIRECTIONAL
COUPLER
POWER
AMPLIFIER
RF IN
ENVELOPE OF
TRANSMITTED
SIGNAL
Figure 29. Setpoint Controller Operation
VOUT is applied to the gain control terminal of the power ampli-
fier. The gain control transfer function of the power amplifier
should be an inverse relationship, i.e., increasing voltage de-
creases gain.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com