Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8313 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8313
Description  0.1 GHz-2.5 GHz, 70 dB Logarithmic Detector/Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8313 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8313 Datasheet HTML 8Page - Analog Devices AD8313 Datasheet HTML 9Page - Analog Devices AD8313 Datasheet HTML 10Page - Analog Devices AD8313 Datasheet HTML 11Page - Analog Devices AD8313 Datasheet HTML 12Page - Analog Devices AD8313 Datasheet HTML 13Page - Analog Devices AD8313 Datasheet HTML 14Page - Analog Devices AD8313 Datasheet HTML 15Page - Analog Devices AD8313 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
AD8313
–14–
REV. B
In addition to providing current gain, the resistor/potentiometer
combination between VSET and the emitter of the transistor
increases the log slope to as much as 45 mV/dB, at maximum
resistance. This will give an output voltage of 4 V for a 0 dBm
input. If no increase in the log slope is required, VSET can be
connected directly to the emitter of the transistor.
Effect of Waveform Type On Intercept
Although it is specified for input levels in dBm (dB relative to
1 mW), the AD8313 fundamentally responds to voltage and not
to power. A direct consequence of this characteristic is that
input signals of equal rms power but differing crest factors will
produce different results at the log amp’s output.
The effect of different signal waveforms is to vary the effec-
tive value of the log amp’s intercept upwards or downwards.
Graphically, this looks like a vertical shift in the log amp’s trans-
fer function. The device’s logarithmic slope, however, is in
principle not affected. For example, consider the case of the
AD8313 being alternately fed from a continuous wave and a
single CDMA channel of the same rms power. The AD8313’s
output voltage will differ by the equivalent of 3.55 dB (64 mV)
over the complete dynamic range of the device (the output for a
CDMA input being lower).
Table III shows the correction factors that should be applied to
measure the rms signal strength of a various signal types. A
continuous wave input is used as a reference. To measure the
rms power of a square-wave, for example, the mV equivalent
of the dB value given in the table (18 mV/dB times 3.01 dB)
should be subtracted from the output voltage of the AD8313.
Table III. Shift in AD8313 Output for Signals with Differing
Crest Factors
Correction Factor
Signal Type
(Add to Output Reading)
CW Sine Wave
0 dB
Square Wave or DC
–3.01 dB
Triangular Wave
+0.9 dB
GSM Channel (All Time Slots On)
+0.55 dB
CDMA Channel
+3.55 dB
PDC Channel (All Time Slots On)
+0.58 dB
Gaussian Noise
+2.51 dB
EVALUATION BOARD
Schematic and Layout
Figure 44 shows the schematic of the evaluation board that was
used to characterize the AD8313. Note that uninstalled compo-
nents are drawn in as dashed.
This is a 3-layer board (signal, ground and power), with a Duroid
dielectric (RT 5880, h = 5 mil,
ε
R = 2.2). FR4 can also be used,
but microstrip dimensions must be recalculated because of the
different dielectric constant and board height. The trace layout
and silkscreen of the signal and power layers are shown in Fig-
ures 40 to 43. A detail of the PCB footprint for the
µSOIC
package and the pads for the matching components are shown
in Figure 45.
The vacant portions of the signal and power layers are filled out
with ground plane for general noise suppression. To ensure a
low impedance connection between the planes, there are mul-
tiple through-hole connections to the RF ground plane. While
the ground planes on the power and signal planes are used as
general purpose ground returns, any RF grounds related to the
input matching network (e.g., C2) are returned directly to the
RF internal ground plane.
General Operation
The board should be powered by a single supply in the range,
+2.7 V to +5.5 V. The power supply to each of the VPOS pins
is decoupled by a 10
Ω resistor and a 0.1 µF capacitor.
The two signal inputs are ac-coupled using 680 pF high quality
RF capacitors (C1, C2). A 53.6
Ω resistor across the differential
signal inputs (INHI, INLO) combines with the internal 900
Ω
input impedance to give a broadband input impedance of 50.6
Ω.
This termination is not optimal from a noise perspective due to
the Johnson noise of the 53.6
Ω resistor. Neither does it take
account for the AD8313’s reactive input impedance or of the
decrease over frequency of the resistive component of the input
impedance. However, it does allow evaluation of the AD8313
over its complete frequency range without having to design
multiple matching networks.
For optimum performance, a narrowband match can be imple-
mented by replacing the 53.6
Ω resistor (labeled L/R) with an
RF inductor and replacing the 680 pF capacitors with appropri-
ate values. The section on Input Matching includes a table of
recommended values for selected frequencies and explains the
method of calculation.
Switch 1 is used to select between power-up and power-down
modes. Connecting the PWDN pin to ground enables normal
operation of the AD8313. In the opposite position, the PWDN
pin can either be driven externally (SMA connector labeled
EXT ENABLE) to either device state or allowed to float to a
disabled device state.
The evaluation board ships with the AD8313 configured to
operate in RSSI measurement mode, the logarithmic output
appearing on the SMA connector labeled VOUT. This mode is
set by the 0
Ω resistor (R11), which shorts the VOUT and
VSET pins to each other.
Varying the Logarithmic Slope
The slope of the AD8313 can be increased from its nominal
value of 18 mV/dB to a maximum of 40 mV/dB by removing
R11, the 0
Ω resistor, which shorts VSET to VOUT. VSET and
VOUT are now connected through a 20 k
Ω potentiometer.
Operating in Controller Mode
To put the AD8313 into controller mode, R7 and R11 should
be removed, breaking the link between VOUT and VSET. The
VSET pin can then be driven externally via the SMA connector
labeled EXT VSET IN ADJ.
Increasing Output Current
To increase the output current of VOUT, set both R3 and R11 to
0
Ω and install potentiometer R4 (1 kΩ to 5 kΩ).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com