Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8313ARM Datasheet(PDF) 4 Page - Analog Devices

Part # AD8313ARM
Description  0.1 GHz-2.5 GHz, 70 dB Logarithmic Detector/Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8313ARM Datasheet(HTML) 4 Page - Analog Devices

  AD8313ARM Datasheet HTML 1Page - Analog Devices AD8313ARM Datasheet HTML 2Page - Analog Devices AD8313ARM Datasheet HTML 3Page - Analog Devices AD8313ARM Datasheet HTML 4Page - Analog Devices AD8313ARM Datasheet HTML 5Page - Analog Devices AD8313ARM Datasheet HTML 6Page - Analog Devices AD8313ARM Datasheet HTML 7Page - Analog Devices AD8313ARM Datasheet HTML 8Page - Analog Devices AD8313ARM Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD8313
–4–
REV. B
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD8313 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high energy [>250 V HBM] electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
ABSOLUTE MAXIMUM RATINGS*
Supply Voltage VS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.5 V
VOUT, VSET, PWDN . . . . . . . . . . . . . . . . . . . . . . 0 V, VPOS
Input Power Differential (re: 50
Ω, 5.5 V) . . . . . . . . . +25 dBm
Input Power Single-Ended (re: 50
Ω, 5.5 V) . . . . . . . +19 dBm
Internal Power Dissipation . . . . . . . . . . . . . . . . . . . . . 200 mW
θ
JA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 200
°C/W
Maximum Junction Temperature . . . . . . . . . . . . . . . . +125
°C
Operating Temperature Range . . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature Range (Soldering 60 sec) . . . . . . . . +300
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may effect device reliability.
PIN CONFIGURATION
TOP VIEW
(Not to Scale)
8
7
6
5
1
2
3
4
VPOS
INHI
INLO
VPOS
VOUT
VSET
COMM
PWDN
AD8313
PIN FUNCTION DESCRIPTIONS
Pin
Name
Description
1, 4
VPOS
Positive supply voltage (VPOS), +2.7 V to
+5.5 V.
2
INHI
Noninverting Input. This input should be
ac coupled.
3
INLO
Inverting Input. This input should be ac
coupled.
5
PWDN
Connect pin to ground for normal operat-
ing mode. Connect pin to supply for power-
down mode.
6
COMM
Device Common.
7
VSET
Setpoint input for operation in controller
mode. To operate in RSSI mode, short
VSET and VOUT.
8
VOUT
Logarithmic/Error Output.
WARNING!
ESD SENSITIVE DEVICE
ORDERING GUIDE
Temperature
Package
Package
Brand
Model
Range
Descriptions
Option
Code
AD8313ARM
–40
°C to +85°C
8-Lead
µSOIC
RM-08
J1A
AD8313ARM-REEL
–40
°C to +85°C
13” Tape and Reel
RM-08
J1A
AD8313ARM-REEL7
–40
°C to +85°C
7” Tape and Reel
RM-08
J1A
AD8313-EVAL
Evaluation Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com