Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8313ARM Datasheet(PDF) 1 Page - Analog Devices

Part # AD8313ARM
Description  0.1 GHz-2.5 GHz, 70 dB Logarithmic Detector/Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8313ARM Datasheet(HTML) 1 Page - Analog Devices

  AD8313ARM Datasheet HTML 1Page - Analog Devices AD8313ARM Datasheet HTML 2Page - Analog Devices AD8313ARM Datasheet HTML 3Page - Analog Devices AD8313ARM Datasheet HTML 4Page - Analog Devices AD8313ARM Datasheet HTML 5Page - Analog Devices AD8313ARM Datasheet HTML 6Page - Analog Devices AD8313ARM Datasheet HTML 7Page - Analog Devices AD8313ARM Datasheet HTML 8Page - Analog Devices AD8313ARM Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD8313
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1999
0.1 GHz–2.5 GHz, 70 dB
Logarithmic Detector/Controller
FUNCTIONAL BLOCK DIAGRAM
++
+
+
+
AD8313
VOUT
VSET
COMM
PWDN
GAIN
BIAS
BAND-GAP
REFERENCE
SLOPE
CONTROL
INTERCEPT
CONTROL
EIGHT 8dB 3.5GHz AMPLIFIER STAGES
8dB
8dB
VPOS
INHI
INLO
VPOS
8dB
8dB
NINE DETECTOR CELLS
CINT
LP
I
vV
V
vI
FEATURES
Wide Bandwidth: 0.1 GHz to 2.5 GHz Min
High Dynamic Range: 70 dB to
3.0 dB
High Accuracy:
1.0 dB over 65 dB Range (@ 1.9 GHz)
Fast Response: 40 ns Full-Scale Typical
Controller Mode with Error Output
Scaling Stable Over Supply and Temperature
Wide Supply Range: +2.7 V to +5.5 V
Low Power: 40 mW at 3 V
Power-Down Feature: 60
W at 3 V
Complete and Easy to Use
APPLICATIONS
RF Transmitter Power Amplifier Setpoint
Control and Level Monitoring
Logarithmic Amplifier for RSSI Measurement
Cellular Base Stations, Radio Link, Radar
PRODUCT DESCRIPTION
The AD8313 is a complete multistage demodulating logarith-
mic amplifier, capable of accurately converting an RF signal at
its differential input to an equivalent decibel-scaled value at its
dc output. The AD8313 maintains a high degree of log con-
formance for signal frequencies from 0.1 GHz to 2.5 GHz and
is useful over the range of 10 MHz to 3.5 GHz. The nominal
input dynamic range is –65 dBm to 0 dBm (re: 50
Ω), and the
sensitivity can be increased by 6 dB or more with a narrow band
input impedance matching network or balun. Application is
straightforward, requiring only a single supply of 2.7 V–5.5 V
and the addition of a suitable input and supply decoupling.
Operating on a 3 V supply, its 13.7 mA consumption (for TA =
+25
°C) amounts to only 41 mW. A power-down feature is
provided; the input is taken high to initiate a low current
(20
µA) sleep mode, with a threshold at half the supply voltage.
The AD8313 uses a cascade of eight amplifier/limiter cells,
each having a nominal gain of 8 dB and a –3 dB bandwidth of
3.5 GHz, for a total midband gain of 64 dB. At each amplifier
output, a detector (rectifier) cell is used to convert the RF signal
to baseband form; a ninth detector cell is placed directly at the
input of the AD8313. The current-mode outputs of these cells
are summed to generate a piecewise linear approximation to the
logarithmic function, and converted to a low impedance voltage-
mode output by a transresistance stage, which also acts as a low-
pass filter.
When used as a log amp, the scaling is determined by a separate
feedback interface (a transconductance stage) that sets the slope
to approximately 18 mV/dB; used as a controller, this stage
accepts the setpoint input. The logarithmic intercept is posi-
tioned to nearly –100 dBm, and the output runs from about
0.45 V dc at –73 dBm input to 1.75 V dc at 0 dBm input. The
scale and intercept are supply and temperature stable.
The AD8313 is fabricated on Analog Devices’ advanced
25 GHz silicon bipolar IC process and is available in a 8-lead
µSOIC package. The operating temperature range is –40°C to
+85
°C. An evaluation board is available.
INPUT AMPLITUDE – dBm
2.0
–80
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
–70
–60
–50
–40
–30
–20
–10
0
FREQUENCY = 1.9GHz
5
4
3
2
1
0
–1
–2
–3
–4
–5
Figure 1. Typical Logarithmic Response and Error vs.
Input Amplitude


Similar Part No. - AD8313ARM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8313ARM AD-AD8313ARM Datasheet
720Kb / 24P
0.1 GHz to 2.5 GHz 70 dB Logarithmic Detector/Controller
6/04-Data Sheet Changed from Rev. C to Rev. D
AD8313ARM-REEL AD-AD8313ARM-REEL Datasheet
720Kb / 24P
0.1 GHz to 2.5 GHz 70 dB Logarithmic Detector/Controller
6/04-Data Sheet Changed from Rev. C to Rev. D
AD8313ARM-REEL7 AD-AD8313ARM-REEL7 Datasheet
720Kb / 24P
0.1 GHz to 2.5 GHz 70 dB Logarithmic Detector/Controller
6/04-Data Sheet Changed from Rev. C to Rev. D
AD8313ARMZ AD-AD8313ARMZ Datasheet
720Kb / 24P
0.1 GHz to 2.5 GHz 70 dB Logarithmic Detector/Controller
6/04-Data Sheet Changed from Rev. C to Rev. D
AD8313ARMZ AD-AD8313ARMZ Datasheet
1Mb / 23P
0.1 GHz to 2.5 GHz 70 dB Logarithmic Detector/Controller
Rev. F
More results

Similar Description - AD8313ARM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8318 AD-AD8318 Datasheet
2Mb / 24P
1 MHz - 8 GHz, 60 dB Logarithmic Detector/Controller
7/04-Revision 0
AD8313 AD-AD8313_04 Datasheet
720Kb / 24P
0.1 GHz to 2.5 GHz 70 dB Logarithmic Detector/Controller
6/04-Data Sheet Changed from Rev. C to Rev. D
logo
Hittite Microwave Corpo...
HMC602LP4 HITTITE-HMC602LP4 Datasheet
626Kb / 10P
70 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 8000 MHz
logo
Analog Devices
AD8318 AD-AD8318_07 Datasheet
1Mb / 24P
1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
REV. B
logo
Hittite Microwave Corpo...
HMC662LP3 HITTITE-HMC662LP3_09 Datasheet
317Kb / 8P
54 dB, LOGARITHMIC DETECTOR, 8 - 30 GHz
HMC602LP4 HITTITE-HMC602LP4_09 Datasheet
364Kb / 8P
70 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 8000 MHz
HMC948LP3E HITTITE-HMC948LP3E Datasheet
864Kb / 8P
54 dB, LOGARITHMIC DETECTOR, 1 - 23 GHz
logo
Analog Devices
AD8313 AD-AD8313_15 Datasheet
721Kb / 24P
0.1 GHz to 2.5 GHz 70 dB Logarithmic Detector/Controller
REV. D
AD8318-EP AD-AD8318-EP_15 Datasheet
435Kb / 12P
1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
REV. 0
AD8318 AD-AD8318_15 Datasheet
1Mb / 24P
1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com