Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8313ARM Datasheet(PDF) 16 Page - Analog Devices

Part # AD8313ARM
Description  0.1 GHz-2.5 GHz, 70 dB Logarithmic Detector/Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8313ARM Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8313ARM Datasheet HTML 8Page - Analog Devices AD8313ARM Datasheet HTML 9Page - Analog Devices AD8313ARM Datasheet HTML 10Page - Analog Devices AD8313ARM Datasheet HTML 11Page - Analog Devices AD8313ARM Datasheet HTML 12Page - Analog Devices AD8313ARM Datasheet HTML 13Page - Analog Devices AD8313ARM Datasheet HTML 14Page - Analog Devices AD8313ARM Datasheet HTML 15Page - Analog Devices AD8313ARM Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
AD8313
–16–
REV. B
8-Lead
SOIC Package
(RM-08)
8
5
4
1
0.122 (3.10)
0.114 (2.90)
0.199 (5.05)
0.187 (4.75)
PIN 1
0.0256 (0.65) BSC
0.122 (3.10)
0.114 (2.90)
SEATING
PLANE
0.006 (0.15)
0.002 (0.05)
0.018 (0.46)
0.008 (0.20)
0.043 (1.09)
0.037 (0.94)
0.120 (3.05)
0.112 (2.84)
0.011 (0.28)
0.003 (0.08)
0.028 (0.71)
0.016 (0.41)
33
27
0.120 (3.05)
0.112 (2.84)
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
C2
680pF
C1
680pF
R2
10
C3
0.1 F
R1
10
+VS
+VS
1
2
3
4
VPOS
VOUT
INHI
INLO
VPOS PWDN
COMM
VSET
AD8313
8
7
6
5
L/R
53.6
C4
0.1 F
SIG IN
R11
0
R7
0
R8
20k
R3
R4
+VS
R5
0
R6
C6
VOUT
EXT VSET
EXT ENABLE
SW1
Figure 44. Evaluation Board Schematic
48
54.4
90.6
28
20
27.5
75
50
20
19
50
35
41
22
46
48
51.7
91.3
51
10
16
126
TRACE WIDTH
15.4
NOT CRITICAL DIMENSIONS
UNIT = MILS
Figure 45. Detail of PCB Footprint for Package and Pads for Matching Network



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com