Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8313ARM Datasheet(PDF) 3 Page - Analog Devices

Part # AD8313ARM
Description  0.1 GHz-2.5 GHz, 70 dB Logarithmic Detector/Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8313ARM Datasheet(HTML) 3 Page - Analog Devices

  AD8313ARM Datasheet HTML 1Page - Analog Devices AD8313ARM Datasheet HTML 2Page - Analog Devices AD8313ARM Datasheet HTML 3Page - Analog Devices AD8313ARM Datasheet HTML 4Page - Analog Devices AD8313ARM Datasheet HTML 5Page - Analog Devices AD8313ARM Datasheet HTML 6Page - Analog Devices AD8313ARM Datasheet HTML 7Page - Analog Devices AD8313ARM Datasheet HTML 8Page - Analog Devices AD8313ARM Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
–3–
REV. B
AD8313
Parameter
Conditions
Min
2
Typ
Max
2
Units
3.5 GHz
5
±3 dB Dynamic Range
43
dB
±1 dB Dynamic Range
35
dB
Slope
24
mV/dB
Intercept
–65
dBm
CONTROL MODE
Controller Sensitivity
f = 900 MHz
23
V/dB
Low Frequency Gain
VSET to VOUT8
84
dB
Open-Loop Corner Frequency
VSET to VOUT
8
700
Hz
Open-Loop Slew Rate
f = 900 MHz
2.5
V/
µs
VSET Delay Time
150
ns
VOUT INTERFACE
Current Drive Capability
Source Current
400
µA
Sink Current
10
mA
Minimum Output Voltage
Open Loop
50
mV
Maximum Output Voltage
Open Loop
VPOS – 0.1
V
Output Noise Spectral Density
PIN = –60 dBm, fSPOT = 100 Hz
2.0
µV/√Hz
PIN = –60 dBm, fSPOT = 10 MHz
1.3
µV/√Hz
Small Signal Response Time
PIN = –60 dBm to –57 dBm, 10% to 90%
40
60
ns
Large Signal Response Time
PIN = No Signal to 0 dBm, Settled to 0.5 dB
110
160
ns
VSET INTERFACE
Input Voltage Range
0
VPOS
V
Input Impedance
18k 1
Ω pF
POWER-DOWN INTERFACE
PWDN Threshold
VPOS/2
V
Power-Up Response Time
Time delay following HI to LO transition
until device meets full specifications.
1.8
µs
PWDN Input Bias Current
PWDN = 0 V
5
µA
PWDN = VS
<1
µA
POWER SUPPLY
Operating Range
+2.7
+5.5
V
Powered Up Current
13.7
15.5
mA
+4.5 V
≤ V
S
≤ +5.5 V, –40°C ≤ T ≤ +85°C
18.5
mA
+2.7 V
≤ V
S
≤ +3.3 V, –40°C ≤ T ≤ +85°C
18.5
mA
Powered Down Current
+4.5 V
≤ V
S ≤ +5.5 V, –40°C ≤ T ≤ +85°C
50
150
µA
+2.7 V
≤ V
S
≤ +3.3 V, –40°C ≤ T ≤ +85°C20
50
µA
NOTES
1Except where otherwise noted, performance at V
S = +3.0 V is equivalent to +5.0 V operation.
2Minimum and maximum specified limits on parameters that are guaranteed but not tested are six sigma values.
3Input impedance shown over frequency range in Figure 24.
4Double slashes ( ) denote “in parallel with.”
5Linear regression calculation for error curve taken from –40 dBm to –10 dBm for all parameters.
6Dynamic range refers to range over which the linearity error remains within the stated bound.
7Linear regression calculation for error curve taken from –60 dBm to –5 dBm for 3 dB dynamic range. All other regressions taken from –40 dBm to –10 dBm.
8AC response shown in Figure 10.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com