Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8313ARM Datasheet(PDF) 9 Page - Analog Devices

Part # AD8313ARM
Description  0.1 GHz-2.5 GHz, 70 dB Logarithmic Detector/Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8313ARM Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8313ARM Datasheet HTML 5Page - Analog Devices AD8313ARM Datasheet HTML 6Page - Analog Devices AD8313ARM Datasheet HTML 7Page - Analog Devices AD8313ARM Datasheet HTML 8Page - Analog Devices AD8313ARM Datasheet HTML 9Page - Analog Devices AD8313ARM Datasheet HTML 10Page - Analog Devices AD8313ARM Datasheet HTML 11Page - Analog Devices AD8313ARM Datasheet HTML 12Page - Analog Devices AD8313ARM Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AD8313
–9–
REV. B
With Pins 7 and 8 disconnected (controller mode), the output
may be stated as
VOUT
v VS
when
VSLOPE (PIN + 100) > VSET
VOUT
v 0
when
VSLOPE (PIN + 100) < VSET
when the input is stated in terms of the power of a sinusoidal
signal across a net termination impedance of 50
Ω. The transi-
tion zone between high and low states is very narrow, since the
output stage behaves essentially as a fast integrator. The above
equations may be restated as
VOUT
v VS when
VSLOPE log (VIN/2.2
µV) > V
SET
VOUT
v 0
when
VSLOPE log (VIN/2.2
µV) < V
SET
A further use of the separate VOUT and VSET pins is in raising
the load-driving current capability by the inclusion of an ex-
ternal NPN emitter follower. More complete information about
usage in these various modes is provided in the Applications
section.
INTERFACES
This section describes the signal and control interfaces and their
behavior. On-chip resistances and capacitances exhibit varia-
tions of up to
±20%. These resistances are sometimes tempera-
ture dependent and the capacitances may be voltage dependent.
Power-Down Interface, PWDN
The power-down threshold is accurately centered at the midpoint
of the supply as shown in Figure 22. If Pin 5 is left unconnected or
tied to the supply voltage (recommended) the bias enable cur-
rent is shut off, and the current drawn from the supply is pre-
dominately through a nominal 300 k
Ω chain (20 µA at 3 V). When
grounded, the bias system is turned on. The threshold level is
accurately at VPOS/2. The input bias current at the PWDN pin
when operating in the device “ON” state is approximately
5
µA for V
POS = 3 V.
5
PWDN
VPOS
75k
6
COMM
150k
50k
150k
TO BIAS
ENABLE
4
Figure 22. Power-Down Threshold Circuitry
Signal Inputs, INHI, INLO
The simplest low frequency ac model for this interface consists
of just a 900
Ω resistance R
IN in shunt with a 1.1 pF input ca-
pacitance, CIN connected across INHI and INLO. Figure 23
shows these distributed in the context of a more complete sche-
matic. The input bias voltage shown is for the enabled chip;
when disabled, it will rise by a few hundred millivolts. If the
input is coupled via capacitors, this change may cause a low-
level signal transient to be introduced, having a time-constant
formed by these capacitors and RIN. For this reason, large-
valued coupling capacitors should be well matched; this is not
necessary when using the small capacitors found in many im-
pedance transforming networks used at high frequencies.
1.25k
COMM
VPOS
INHI
INLO
VPOS
0.5pF
0.5pF
0.7pF
2.5k
2.5k
~0.75V
(1ST DETECTOR)
250
~1.4mA
125
125
1.25k
1.24V
GAIN BIAS
TO 2ND
STAGE
TO STAGES
1 THRU 4
1
2
3
4
Figure 23. Input Interface Simplified Schematic
For high frequency use, Figure 24 shows the input impedance
plotted on a Smith chart. This measured result of a typical de-
vice includes a 191 mil 50
Ω trace and a 680 pF capacitor to
ground from the INLO pin.
1.1pF
900
1.9GHz
Frequency
100MHz
900MHz
1.9GHz
2.5GHz
R
650
55
22
23
+j X
–j 400
–j 135
–j 65
–j 43
AD8313 MEASURED
2.5GHz
900MHz
100MHz
Figure 24. Typical Input Impedance
Logarithmic/Error Output, VOUT
The rail-to-rail output interface is shown in Figure 25. VOUT
can run from within about 50 mV of ground, to within about
100 mV of the supply voltage, and is short-circuit safe to either
supply. However, the sourcing load current ISOURCE is limited by
that provided by the PNP transistor, to typically 400
µA. Larger
load currents can be provided by adding an external NPN tran-
sistor (see Applications). The dc open-loop gain of this amplifier
is high, and it may be regarded essentially as an integrator hav-
ing a capacitance of 2 pF (CINT) driven by the current-mode
signals generated by the summed outputs of the nine detector
stages, which is scaled approximately 4.0
µA/dB.
COMM
gm STAGE
CINT
LP
LM
10mA
MAX
VOUT
CL
BIAS
ISOURCE
400 A
VPOS
FROM
SET-POINT
SUMMED
DETECTOR
OUTPUTS
6
8
1
Figure 25. Output Interface Circuitry
Thus, for a midscale RF input of about 3 mV, which is some
40 dB above the minimum detector output, this current is
160
µA and the output changes by 8 V/µs. When VOUT is
connected to VSET, the rise and fall times are approximately
40 ns (for RL ≥ 10 kΩ). The nominal slew rate is ± 2.5 V/µs.
The HF compensation technique results in stable operation with
a large capacitive load, CL, though the positive-going slew rate
will then be limited by ISOURCE/CL to 1 V/µs for CL = 400 pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com