Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPX2102ASX Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MPX2102ASX
Description  100 kPa On-Chip Temperature Compensated Silicon Pressure Sensors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPX2102ASX Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MPX2102ASX Datasheet HTML 1Page - Freescale Semiconductor, Inc MPX2102ASX Datasheet HTML 2Page - Freescale Semiconductor, Inc MPX2102ASX Datasheet HTML 3Page - Freescale Semiconductor, Inc MPX2102ASX Datasheet HTML 4Page - Freescale Semiconductor, Inc MPX2102ASX Datasheet HTML 5Page - Freescale Semiconductor, Inc MPX2102ASX Datasheet HTML 6Page - Freescale Semiconductor, Inc MPX2102ASX Datasheet HTML 7Page - Freescale Semiconductor, Inc MPX2102ASX Datasheet HTML 8Page - Freescale Semiconductor, Inc MPX2102ASX Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
MPX2102
Sensors
Freescale Semiconductor, Inc.
3
Pressure
Operating Characteristics
Table 1. Operating Characteristics (VS = 10 VDC, TA = 25°C unless otherwise noted, P1 > P2)
Characteristic
Symbol
Min
Typ
Max
Units
Pressure Range(1)
Absolute Pressure Range MPX2102A
Differential Pressure Range MPX2102D
1. 1.0 kPa (kiloPascal) equals 0.145 psi.
POP
POP
20
0
—
—
100
100
kPa
kPa
Supply Voltage(2)
2. Device is ratiometric within this specified excitation range. Operating the device above the specified excitation range may induce additional
error due to device self-heating.
VS
—
10
16
VDC
Supply Current
IO
—
6.0
—
mAdc
Full Scale Span(3)
3. Full Scale Span (VFSS) is defined as the algebraic difference between the output voltage at full rated pressure and the output voltage at the
minimum related pressure.
VFSS
38.5
40
41.5
mV
Offset(4)
MPX2102D Series
MPX2102A Series
MPXM2102D/G Series
MPXM2102A Series
4. Offset (VOFF) is defined as the output voltage at the minimum rated pressure.
VOFF
VOFF
-1.0
-2.0
-1.0
-2.0
—
—
—
—
1.0
2.0
1.0
2.0
mV
mV
Sensitivity
ΔV/ΔΡ
—
0.4
—
mV/kPa
Linearity(5)
MPX2102D Series
MPX2102A Series
MPXM2102D/G Series
MPXM2102A Series
5. Accuracy (error budget) consists of the following:
Linearity: Output deviation from a straight line relationship with pressure, using end point method, over the specified pressure range.
Temperature Hysteresis:Output deviation at any temperature within the operating temperature range, after the temperature is cycled to and
from the minimum or maximum operating temperature points, with zero differential pressure applied.
Pressure Hysteresis: Output deviation at any pressure with the specified range, when this pressure is cycled to and from the minimum or
maximum rated pressure at 25
°C.
TcSpan: Output deviation at full rated pressure over the temperature range of 0 to 85
°C, relative to 25°C.
TcOffset: Output deviation with minimum rated pressure applied, over the temperature range of 0 to 85
°C, relative to 25°C.
—
—
—
—
-0.6
-1.0
-0.6
-1.0
—
—
—
—
0.4
1.0
0.4
1.0
%VFSS
%VFSS
Pressure Hysteresis(5) (0 to 100 kPa)
—
—
±0.1
—
%VFSS
Temperature Hysteresis(5)(-40
°C to +125°C)
—
—
±0.5
—
%VFSS
Temperature Coefficient of Full Scale Span(5)
TCVFSS
-2.0
—
2.0
%VFSS
Temperature Coefficient of Offset(5)
TCVOFF
-1.0
—
1.0
mV
Input Impedance
ZIN
1000
—
2500
W
Output Impedance
ZOUT
1400
—
3000
W
Response Time(6) (10% to 90%)
6. Response Time is defined as the time from the incremental change in the output to go from 10% to 90% of its final value when subjected to
a specified step change in pressure.
tR
—
1.0
—
ms
Warm-Up Time
—
—
20
—
ms
Offset Stability(7)
7. Offset stability is the product’s output deviation when subjected to 1000 hours of Pulsed Pressure, Temperature Cycling with Bias Test.
—
—
±0.5
—
%VFSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com