Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPX2102ASX Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPX2102ASX
Description  100 kPa On-Chip Temperature Compensated Silicon Pressure Sensors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPX2102ASX Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPX2102ASX Datasheet HTML 1Page - Freescale Semiconductor, Inc MPX2102ASX Datasheet HTML 2Page - Freescale Semiconductor, Inc MPX2102ASX Datasheet HTML 3Page - Freescale Semiconductor, Inc MPX2102ASX Datasheet HTML 4Page - Freescale Semiconductor, Inc MPX2102ASX Datasheet HTML 5Page - Freescale Semiconductor, Inc MPX2102ASX Datasheet HTML 6Page - Freescale Semiconductor, Inc MPX2102ASX Datasheet HTML 7Page - Freescale Semiconductor, Inc MPX2102ASX Datasheet HTML 8Page - Freescale Semiconductor, Inc MPX2102ASX Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Document Number: MPX2102
Rev 9, 01/2012
Freescale Semiconductor
© 2005-2008, 2010, 2012 Freescale Semiconductor, Inc. All rights reserved.
Pressure
100 kPa On-Chip Temperature
Compensated Silicon
Pressure Sensors
The MPX2102 series devices are silicon piezoresistive pressure sensors
providing a highly accurate and linear voltage output directly proportional to the
applied pressure. The sensor is a single, monolithic silicon diaphragm with the
strain gauge and a thin-film resistor network integrated on chip. The chip is laser
trimmed for precise span and offset calibration and temperature compensation.
Features
• Temperature Compensated Over 0
°C to +85°C
• Easy-to-Use Chip Carrier Package Options
• Available in Absolute, Differential and Gauge Configurations
• Absolute, Differential and Gauge Options
ORDERING INFORMATION
Device Name
Package
Options
Case
No.
# of Ports
Pressure Type
Device Marking
None
Single
Dual
Gauge
Differential
Absolute
Unibody Package (MPX2102 Series)
MPX2102A
Tray
344
•
•
MPX2102A
MPX2102AP
Tray
344B
•
•
MPX2102AP
MPX2102ASX
Tray
344F
•
•
MPX2102A
MPX2102DP
Tray
344C
•
•
MPX2102DP
MPX2102GP
Tray
344B
•
•
MPX2102GP
MPX2102GVP
Tray
344D
•
•
MPX2102GVP
Small Outline Package (MPXV2102G Series)
MPXV2102GP
Tray
1369
•
•
MPXV2102GP
MPAK Package (MPXM2102 Series)
MPXM2102A
Rail
1320
•
•
MPXM2102A
MPXM2102AT1
Tape and Reel
1320
•
•
MPXM2102A
MPXM2102AS
Rail
1320A
•
•
MPXM2102AS
MPXM2102AST1
Tape and Reel
1320A
•
•
MPXM2102AS
MPXM2102D
Rail
1320
•
•
MPXM2102D
MPXM2102DT1
Tape and Reel
1320
•
•
MPXM2102D
MPXM2102GS
Rail
1320A
•
•
MPXM2102GS
MPXM2102GST1
Tape and Reel
1320A
•
•
MPXM2102GS
MPX2102
0 to 100 kPa (0 to 14.5 psi)
40 mV Full Scale
(Typical)
Series
Application Examples
• Pump/Motor Control
• Robotics
• Level Detectors
• Medical Diagnostics
• Pressure Switching
• Barometers
• Altimeters


Similar Part No. - MPX2102ASX

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX2102ASX MOTOROLA-MPX2102ASX Datasheet
6Mb / 670P
Sensor
logo
Freescale Semiconductor...
MPX2102ASX FREESCALE-MPX2102ASX Datasheet
344Kb / 14P
100 kPa On-Chip Temperature Compensated AND Calibrated Silicon Pressure Sensors
MPX2102ASX FREESCALE-MPX2102ASX Datasheet
299Kb / 16P
100 kPa On-Chip Temperature Compensated Silicon Pressure Sensors
MPX2102ASX FREESCALE-MPX2102ASX Datasheet
335Kb / 16P
100 kPa On-Chip Temperature Compensated Silicon Pressure Sensors
logo
NXP Semiconductors
MPX2102ASX NXP-MPX2102ASX Datasheet
363Kb / 17P
100 kPa On-Chip Temperature Compensated Silicon Pressure Sensors
Rev 9, 01/2012
More results

Similar Description - MPX2102ASX

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPX2102 FREESCALE-MPX2102 Datasheet
344Kb / 14P
100 kPa On-Chip Temperature Compensated AND Calibrated Silicon Pressure Sensors
MPXM2102 FREESCALE-MPXM2102 Datasheet
262Kb / 9P
100 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
MPX2100 FREESCALE-MPX2100_08 Datasheet
142Kb / 10P
100 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
MPX2102 FREESCALE-MPX2102_08 Datasheet
299Kb / 16P
100 kPa On-Chip Temperature Compensated Silicon Pressure Sensors
MPX2202 FREESCALE-MPX2202_08 Datasheet
356Kb / 18P
200 kPa On-Chip Temperature Compensated Silicon Pressure Sensors
MPX2102 FREESCALE-MPX2102_10 Datasheet
335Kb / 16P
100 kPa On-Chip Temperature Compensated Silicon Pressure Sensors
MPX2202 FREESCALE-MPX2202_12 Datasheet
342Kb / 19P
200 kPa On-Chip Temperature Compensated Silicon Pressure Sensors
logo
NXP Semiconductors
MPX2202 NXP-MPX2202 Datasheet
412Kb / 19P
200 kPa On-Chip Temperature Compensated Silicon Pressure Sensors
Rev 8, 10/2012
MPX2102 NXP-MPX2102 Datasheet
363Kb / 17P
100 kPa On-Chip Temperature Compensated Silicon Pressure Sensors
Rev 9, 01/2012
MPX2200 NXP-MPX2200 Datasheet
154Kb / 8P
200 kPa On-Chip Temperature Compensated Silicon Pressure Sensors
Rev 13, 10/2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com