Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPX2102ASX Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MPX2102ASX
Description  100 kPa On-Chip Temperature Compensated Silicon Pressure Sensors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPX2102ASX Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MPX2102ASX Datasheet HTML 1Page - Freescale Semiconductor, Inc MPX2102ASX Datasheet HTML 2Page - Freescale Semiconductor, Inc MPX2102ASX Datasheet HTML 3Page - Freescale Semiconductor, Inc MPX2102ASX Datasheet HTML 4Page - Freescale Semiconductor, Inc MPX2102ASX Datasheet HTML 5Page - Freescale Semiconductor, Inc MPX2102ASX Datasheet HTML 6Page - Freescale Semiconductor, Inc MPX2102ASX Datasheet HTML 7Page - Freescale Semiconductor, Inc MPX2102ASX Datasheet HTML 8Page - Freescale Semiconductor, Inc MPX2102ASX Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
MPX2102
Sensors
4
Freescale Semiconductor, Inc.
Pressure
Maximum Ratings
Voltage Output vs. Applied Differential
The differential voltage output of the sensor is directly
proportional to the differential pressure applied.
The absolute sensor has a built-in reference vacuum. The
output voltage will decrease as vacuum, relative to ambient,
is drawn on the pressure (P1) side.
The output voltage of the differential or gauge sensor
increases with increasing pressure applied to the pressure
(P1) side relative to the vacuum (P2) side. Similarly, output
voltage increases as increasing vacuum is applied to the
vacuum (P2) side relative to the pressure (P1) side.
Figure 1 illustrates a block diagram of the internal circuitry
on the stand-alone pressure sensor chip.
Figure 1. Temperature Compensated Pressure Sensor Schematic
Table 2. Maximum Ratings(1)
1. Exposure beyond the specified limits may cause permanent damage or degradation to the device.
Rating
Symbol
Value
Unit
Maximum Pressure (P1 > P2)
PMAX
400
kPa
Storage Temperature
TSTG
-40 to +125
°C
Operating Temperature
TA
-40 to +125
°C
2
4
1
Thin Film
Temperature
Compensation
and
Calibration
Circuitry
GND
3
VS
+ VOUT
- VOUT
X-ducer
Sensing
Element



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com