Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPX2102ASX Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MPX2102ASX
Description  100 kPa On-Chip Temperature Compensated Silicon Pressure Sensors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPX2102ASX Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MPX2102ASX Datasheet HTML 1Page - Freescale Semiconductor, Inc MPX2102ASX Datasheet HTML 2Page - Freescale Semiconductor, Inc MPX2102ASX Datasheet HTML 3Page - Freescale Semiconductor, Inc MPX2102ASX Datasheet HTML 4Page - Freescale Semiconductor, Inc MPX2102ASX Datasheet HTML 5Page - Freescale Semiconductor, Inc MPX2102ASX Datasheet HTML 6Page - Freescale Semiconductor, Inc MPX2102ASX Datasheet HTML 7Page - Freescale Semiconductor, Inc MPX2102ASX Datasheet HTML 8Page - Freescale Semiconductor, Inc MPX2102ASX Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
MPX2102
Sensors
Freescale Semiconductor, Inc.
5
Pressure
On-Chip Temperature Compensation and Calibration
Figure 2 shows the output characteristics of the MPX2102
series at 25
°C. The output is directly proportional to the
differential pressure and is essentially a straight line.
The effects of temperature on Full Scale Span and Offset
are very small and are shown under Operating
Characteristics.
Figure 2. Output vs. Pressure Differential
Figure 3. Cross Sectional Diagrams (Not to Scale)
Figure 3 illustrates the absolute sensing configuration
(right) and the differential or gauge configuration in the basic
chip carrier (Case 344). A silicone gel isolates the die surface
and wire bonds from the environment, while allowing the
pressure signal to be transmitted to the silicon diaphragm.
The MPX2102 series pressure sensor operating
characteristics and internal reliability and qualification tests
are based on use of dry air as the pressure media. Media
other than dry air may have adverse effects on sensor
performance and long term reliability. Contact the factory for
information regarding media compatibility in your application.
LINEARITY
Linearity refers to how well a transducer's output follows
the equation: VOUT = VOFF + sensitivity x P over the operating
pressure range. There are two basic methods for calculating
nonlinearity: (1) end point straight line fit (see Figure 4) or (2)
a least squares best line fit. While a least squares fit gives the
“best case” linearity error (lower numerical value), the
calculations required are burdensome.
Conversely, an end point fit will give the “worst case” error
(often more desirable in error budget calculations) and the
calculations are more straightforward for the user.
Freescale’s specified pressure sensor linearities are based
on the end point straight line method measured at the
midrange pressure.
Figure 4. Linearity Specification Comparison
VS = 10 VDC
TA = 25
°C
MPX2102
P1 > P2
40
35
30
25
20
15
10
5
0
-5
TYP
MAX
MIN
Span
Range
(TYP)
Offset
(TYP)
025
50
75
100
kPa
PSI
3.62
7.25
10.88
14.5
Lead Frame
Wire Bond
Differential/Gauge
Die
Silicone Gel
Die Coat
Differential/Gauge
P2
Die
Bond
Epoxy
Case
Stainless Steel
Metal Cover
P1
Silicone Gel
Die Coat
Absolute
Die
P1
Metal Cover
Epoxy
Case
Absolute Element
P2
Lead Frame
Wire Bond
Die
Bond
Stainless Steel
Element
Least
Square
Deviation
Pressure (% Full scale)
0
50
100
End Point Straight
Line Fit
Exaggerated
Performance
Curve
Least Squares Fit
Offset
Straight Line
Deviation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com