Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPX2102ASX Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MPX2102ASX
Description  100 kPa On-Chip Temperature Compensated Silicon Pressure Sensors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPX2102ASX Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MPX2102ASX Datasheet HTML 2Page - Freescale Semiconductor, Inc MPX2102ASX Datasheet HTML 3Page - Freescale Semiconductor, Inc MPX2102ASX Datasheet HTML 4Page - Freescale Semiconductor, Inc MPX2102ASX Datasheet HTML 5Page - Freescale Semiconductor, Inc MPX2102ASX Datasheet HTML 6Page - Freescale Semiconductor, Inc MPX2102ASX Datasheet HTML 7Page - Freescale Semiconductor, Inc MPX2102ASX Datasheet HTML 8Page - Freescale Semiconductor, Inc MPX2102ASX Datasheet HTML 9Page - Freescale Semiconductor, Inc MPX2102ASX Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
MPX2102
Sensors
6
Freescale Semiconductor, Inc.
Pressure
PRESSURE (P1)/VACUUM (P2) SIDE IDENTIFICATION TABLE
Freescale designates the two sides of the pressure sensor
as the Pressure (P1) side and the Vacuum (P2) side. The
Pressure (P1) side is the side containing the silicone gel
which isolates the die. The differential or gauge sensor is
designed to operate with positive differential pressure
applied, P1 > P2. The absolute sensor is designed for
vacuum applied to P1 side.
The Pressure (P1) side may be identified by using Table 3.
Table 3. Pressure (P1) Side Delineation
Part Number
Case
Type
Pressure (P1) Side
Identifier
MPX2102A
344
Stainless Steel Cap
MPX2102DP
344C
Side with Part Marking
MPX2102AP,
MPX2102GP
344B
Side with Port Attached
MPX2102GVP
344D
Stainless Steel Cap
MPX2102ASX
344F
Side with Port Marking
MPXV2102GP
1369
Side with Port Attached
MPXM2102A,
MPX2102ATI,
MPXM2102D,
MPXM2102DT1
1320
Stainless Steel Cap
MPXM2102AS,
MPXM2102GS,
MPXM2102ASTI,
MPXM2102GSTI
1320A
Side with Port Attached



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com