Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TBJSERIES Datasheet(PDF) 2 Page - AVX Corporation

Part # TBJSERIES
Description  COTS-Plus ??DSCC Dwgs 07016 & 95158
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TBJSERIES Datasheet(HTML) 2 Page - AVX Corporation

  TBJSERIES Datasheet HTML 1Page - AVX Corporation TBJSERIES Datasheet HTML 2Page - AVX Corporation TBJSERIES Datasheet HTML 3Page - AVX Corporation TBJSERIES Datasheet HTML 4Page - AVX Corporation TBJSERIES Datasheet HTML 5Page - AVX Corporation TBJSERIES Datasheet HTML 6Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
30
TBJ Series
COTS-Plus – DSCC Dwgs 07016 & 95158
Technical Data:
Unless otherwise specified, all technical data relate to an ambient temperature of 25°C
Capacitance Range:
0.15 μF to 1000 μF
Capacitance Tolerance:
±5%; ±10%; ±20%
Rated Voltage: (VR)
85°C:
4
6
10
16
20
25
35
50
Category Voltage: (VC)
125°C:
2.7
4
7
10
13
17
23
33
Surge Voltage: (VS)
85°C:
5.2
8
13
20
26
32
46
65
125°C:
3.4
5
8
12
16
20
28
40
Temperature Range:
-55°C to +125°C
TECHNICAL SPECIFICATIONS
DSCC DWG P/N CROSS REFERENCE:
*
Capacitance
Tolerance
M = ±20%
K = ±10%
J = ±5%
Packaging
B = Bulk
R = 7" T&R
S = 13" T&R
W = Waffle
See page 6
for additional
packaging
options.
++
Surge Test
Option
00 = None
23 = 10 Cycles, +25ºC
24 = 10 Cycles,
-55ºC & +85ºC
45 = 10 cycles,
-55ºC & +85ºC
before Weibull
TBJ
Type
C
Standard or
Low ESR
Range
C = Std ESR
L = Low ESR
#
Inspection Level
S = Std.
Conformance
L = Group A
HOW TO ORDER
COTS-PLUS & DSCC DWG (95158 & 07016):
006
Voltage
Code
004 = 4Vdc
006 = 6Vdc
010 = 10Vdc
016 = 16Vdc
020 = 20Vdc
025 = 25Vdc
035 = 35Vdc
050 = 50Vdc
686
Capacitance
Code
pF code:
1st two digits
represent
significant
figures 3rd
digit represents
multiplier
(number of
zeros to follow)
@
Reliability Grade
Weibull:
B = 0.1%/1000 hrs.
90% conf.
C = 0.01%/1000 hrs.
90% conf.
Z = Non-ER
^
Termination Finish
H = Solder Plated
0 = Fused Solder
Plated
8 = Hot Solder
Dipped
9 = Gold Plated
7 = Matte Sn
(COTS-Plus only)
D = DSCC DWG
K
Capacitance
Tolerance
K = ±10%
M = ±20%
A
Surge Test
Option
A = 10 cycles, +25°C
B = 10 cycles,
-55°C & +85°C
C = 10 cycles,
-55°C & +85°C
before Weibull
Z = None required
Per MIL-PRF-55365
07016
DSCC DWG
07016
-001
Dash
Number
See Rating
Tables
B
Reliability
Grade
B = B Weibull
C = C Weibull
D = D Weibull
K
Capacitance
Tolerance
K = ±10%
M = ±20%
95158
DSCC DWG
95158
-01
Dash
Number
See Rating
Tables
H
Termination Finish
B = Gold Plated (10 microinch minimum)
H = Solder Plated (100 microinch minimum)
C
Termination Finish
B = Gold Plated (10 microinch minimum)
H = Solder Plated (50 microinch minimum)
C = Hot Solder Dip (60 microinch minimum)
D
Case
Size
0
Qualification
Level
0 = N/A
Not RoHS Compliant
Not RoHS Compliant
LEAD-FREE COMPATI-
BLE
COMPONENT
For RoHS compliant products,
please select correct termination style.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com