Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TBJSERIES Datasheet(PDF) 1 Page - AVX Corporation

Part # TBJSERIES
Description  COTS-Plus ??DSCC Dwgs 07016 & 95158
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TBJSERIES Datasheet(HTML) 1 Page - AVX Corporation

  TBJSERIES Datasheet HTML 1Page - AVX Corporation TBJSERIES Datasheet HTML 2Page - AVX Corporation TBJSERIES Datasheet HTML 3Page - AVX Corporation TBJSERIES Datasheet HTML 4Page - AVX Corporation TBJSERIES Datasheet HTML 5Page - AVX Corporation TBJSERIES Datasheet HTML 6Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TBJ Series
COTS-Plus – DSCC Dwgs 07016 & 95158
TBJ COTS-Plus series, based on the
CWR11 form factor, is a high reliability
series encompassing the current range of
EIA Low ESR ratings. Qualifications
include DSCC 95158 and DSCC 07016,
the latter having the widest range of case
sizes, capacitance / voltage ratings and
also offering Weibull Grade “B” and “C”
reliability and all MIL-PRF-55365 surge
test options (“A”, “B” & “C”).
For Space Level applications, AVX SRC
9000 qualification is recommended.
There are four termination finishes available:
solder plated, fused solder plated, hot sol-
der dipped and gold plated (these corre-
spond to “H”, “K”, “C” and “B” termination,
respectively, per MIL-PRF-55365).
The molding compound has been select-
ed to meet the requirements of UL94V-0
(Flame
Retardancy)
and
outgassing
requirements of NASA SP-R-0022A.
Please refer to the TBJ COTS-Plus
SRC9000 Datasheet for part number
availability.
MARKING
(Brown marking on gold body)
Polarity Stripe (+)
Capacitance Code
Rated Voltage
Manufacturer’s ID
Lot Number
L
S
AA
W
1
W
H
Capacitance
Rated Voltage DC (V
R) to 85ºC
μF
Code
4V (G)
6V (J)
10V (A)
16V (C)
20V (D)
25V (E)
35V (V)
50V (T)
0.15
154
A(15000)
0.22
224
A(18000)
0.47
474
A(12000)
A(9500)/B(9500)
0.68
684
A(10000)
A(8000)
A(7900)
1.0
105
A(8000)
A(7500)
A(6600)/B(7000)
1.5
155
A(6500)
A(3000,7500)
A(7500)/B(5200)
C(2000)/D(1500)
2.2
225
A(5500)
A(3000)
A(7000)/B(2000)
B(2000)
D(1200)
3.3
335
A(8000)
A(3500,5000)
B(2000)
B(1000)
D(800)
4.7
475
A(6000)
A(5000)
A(2000)
A(1800,4000)
A(3100)
B(1500)
D(300)
B(1000)
B(700,1500)
C(600)/D(450)
E(300)
6.8
685
A(5000)
A(4000)
A(1500/B(1200)
B(1000)
B(700,2800)
C(350)/D(400)
D(300,600)
C(700)
E(300)
E(400)
10
106
A(4000)
A(1800,3000)
A(3000)/B(900)
B(500,1000)
C(300,500)
C(1600)/D(125,300)
C(700)
E(250)
15
156
A(3500)
A(1000,3200)
B(500,800)
B(500)/C(450)
D(275)/E(200)
C(450)/D(100,300)
B(600)
D(275)
E(250)
22
226
A(3000)/B(600)
B(500,700)
B(600)/C(175,375)
B(600)/C(400)
C(275,400)
D(125,400)
C(300)
B(500)
D(275)
D(100,200)/E(225)
E(125,300)
33
336
A(3000)
B(600)
A(700)/B(425,650)
C(100,300)
C(300)
D(90,300)
D(200,300)
C (500)
D(250)
D(100, 200)
E(90,175)
E(300)
47
476
C(300)
C(200,350)
C(110,350)
D(100,200)
D(175,250)
E(250)/V(200)
D(200)
D(80,150)
E(150)
68
686
A(1500)
B(500)/C(200)
C(80,300)
D(150)
D(70,200)
V(95)
D(175)
D(150)/E(150)
E(125,200)
100
107
A(1400)
C(75,150)
C(75,200)
D(50,125)
V(60)
B(900)
D(50,100)/E(100)
E(100)
150
157
D(125)/E(125)
D(50,100)/E(100)
D(60,150)/V(45)
220
227
D(50,125)
D(50,150)
V(50)
E(100)
E(50,100)
330
337
E(50,150)
D(50,150)
E(50,100)/V(40)
470
477
E(50,200)/V(40)
E(50,200)/V(40)
1000
108
E(200)
CAPACITANCE AND RATED VOLTAGE, VR (EIA VOLTAGE CODE) RANGE
LETTER DENOTES CASE SIZE (ESR LIMITS IN PARENTHESES)
NOTE: EIA standards for Low ESR solid tantalum capacitors allow
an ESR movement of 1.25 times initial limit post mounting.
CASE DIMENSIONS: millimeters (inches)
Code
EIA
EIA
L±0.20
W+0.20 (0.008)
H+0.20 (0.008)
W
1±0.20
A+0.30 (0.012)
S Min.
Code
Metric
(0.008)
-0.10 (0.004)
-0.10 (0.004)
(0.008)
-0.20 (0.008)
A
1206
3216-18
3.20 (0.126)
1.60 (0.063)
1.60 (0.063)
1.20 (0.047)
0.80 (0.031)
1.10 (0.043)
B
1210
3528-21
3.50 (0.138)
2.80 (0.110)
1.90 (0.075)
2.20 (0.087)
0.80 (0.031)
1.40 (0.055)
C
2312
6032-28
6.00 (0.236)
3.20 (0.126)
2.60 (0.102)
2.20 (0.087)
1.30 (0.051)
2.90 (0.114)
D
2917
7343-31
7.30 (0.287)
4.30 (0.169)
2.90 (0.114)
2.40 (0.094)
1.30 (0.051)
4.40 (0.173)
E
2917
7343-43
7.30 (0.287)
4.30 (0.169)
4.10 (0.162)
2.40 (0.094)
1.30 (0.051)
4.40 (0.173)
V
2924
7361-38
7.30 (0.287)
6.10 (0.240)
3.55 (0.140)
3.10 (0.120)
1.30 (0.051)
4.40 (0.173)
W1 dimension applies to the termination width for A dimensional area only.
29


Similar Part No. - TBJSERIES

ManufacturerPart #DatasheetDescription
logo
France Joint
TBJ FRANCEJOINT-TBJ Datasheet
393Kb / 4P
SHAFT SEALS WITH PTFE COATING
More results

Similar Description - TBJSERIES

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
NBME687M001CSB07 AVX-NBME687M001CSB07 Datasheet
119Kb / 3P
OxiCap짰 Ultra Low ESR Capacitor COTS-Plus Weibull Grade
TAZSERIES AVX-TAZSERIES Datasheet
320Kb / 15P
CWR09 - MIL-PRF-55365/4 Established Reliability, COTS-Plus & Space Level
TBMMULTIANODE AVX-TBMMULTIANODE Datasheet
137Kb / 3P
Tantalum Ultra Low ESR COTS-Plus Weibull Grade & Space Level
TWC AVX-TWC Datasheet
123Kb / 2P
TWC-Y High Temperature Series COTS-Plus 200쨘C Wet Tantalum
NBM AVX-NBM Datasheet
118Kb / 2P
NBM Multianodes OxiCap짰 Ultra Low ESR Capacitor COTS-Plus Weibull Grade
NBS AVX-NBS Datasheet
125Kb / 3P
NBS COTS-Plus Niobium Oxide Capacitor Weibull Grade
CWR11KK106KBB AVX-CWR11KK106KBB Datasheet
233Kb / 10P
CWR11 - MIL-PRF-55365/8 Established Reliability, COTS-Plus & Space Level
TWAE407K100CBSZ0000 AVX-TWAE407K100CBSZ0000 Datasheet
126Kb / 5P
COTS-Plus Wet Electrolytic Tantalum Capacitor
COTS-PLUS AVX-COTS-PLUS Datasheet
78Kb / 6P
DSCC Dwgs 07016 & 95158
TCB AVX-TCB Datasheet
535Kb / 4P
COTS-Plus Polymer Capacitor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com