Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TBJSERIES Datasheet(PDF) 6 Page - AVX Corporation

Part # TBJSERIES
Description  COTS-Plus ??DSCC Dwgs 07016 & 95158
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TBJSERIES Datasheet(HTML) 6 Page - AVX Corporation

  TBJSERIES Datasheet HTML 1Page - AVX Corporation TBJSERIES Datasheet HTML 2Page - AVX Corporation TBJSERIES Datasheet HTML 3Page - AVX Corporation TBJSERIES Datasheet HTML 4Page - AVX Corporation TBJSERIES Datasheet HTML 5Page - AVX Corporation TBJSERIES Datasheet HTML 6Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
34
TBJ Series
COTS-Plus – DSCC Dwgs 07016 & 95158
Parametric Specifications by Rating per DSCC 95158 or 07016 where applicable
Typical Ripple Data by Rating
Cap
DC Rated
ESR @
DCL max
DF Max
Power
25ºC
85ºC
125ºC
25ºC
85ºC
125ºC
@ 120Hz
Voltage
100kHz
+25ºC
+85ºC
+125ºC
+25ºC
+(85/125)ºC
-55ºC
Dissipation
Ripple
Ripple
Ripple
Ripple
Ripple
Ripple
DSCC P/N
AVX DSCC & COTS-Plus P/N
Case
μF
V
mOhms
(μA)
(μA)
(μA)
(%)
(%)
(%)
W
AAA
V
V
V
@ 25ºC
@ +85ºC
@ +25ºC
(100kHz)
(100kHz)
(100kHz)
(100kHz)
(100kHz)
(100kHz)
95158 20 *
^
TBJ E 685 * 035 C
# @ 0 ^ ++
E
6.8
35
300
1.9
11.4
19
4
6
6
0.165
0.74
0.67
0.30
0.22
0.20
0.09
07016 144 * @ ^ +
TBJ C 106 * 035 C
# @ 0 ^ ++
C
10
35
1600
3.5
35
44
6
9
9
0.110
0.26
0.24
0.10
0.42
0.38
0.17
95158 27 *
^
TBJ D 106 * 035 C
# @ 0 ^ ++
D
10
35
300
3.5
35
44
4
6
6
0.150
0.71
0.64
0.28
0.21
0.19
0.08
07016 145 * @ ^ +
TBJ D 106 * 035 L
# @ 0 ^ ++
D
10
35
125
3.5
35
42
6
9
9
0.150
1.10
0.99
0.44
0.14
0.12
0.05
95158 21 *
^
TBJ E 106 * 035 C
# @ 0 ^ ++
E
10
35
250
2.8
16.8
28
4
6
6
0.165
0.81
0.73
0.32
0.20
0.18
0.08
07016 146 * @ ^ +
TBJ C 156 * 035 C
# @ 0 ^ ++
C
15
35
450
5.3
53
66
6
9
9
0.110
0.49
0.44
0.20
0.22
0.20
0.09
07016 147 * @ ^ +
TBJ D 156 * 035 C
# @ 0 ^ ++
D
15
35
300
5.3
53
66
6
9
9
0.150
0.71
0.64
0.28
0.21
0.19
0.08
07016 148 * @ ^ +
TBJ D 156 * 035 L
# @ 0 ^ ++
D
15
35
100
5.3
53
66
6
9
9
0.150
1.22
1.10
0.49
0.12
0.11
0.05
95158 22 *
^
TBJ E 156 * 035 C
# @ 0 ^ ++
E
15
35
250
5.3
53
65.6
6
9
9
0.165
0.81
0.73
0.32
0.20
0.18
0.08
07016 149 * @ ^ +
TBJ D 226 * 035 C
# @ 0 ^ ++
D
22
35
400
7.7
77
96
6
9
9
0.150
0.61
0.55
0.24
0.24
0.22
0.10
07016 150 * @ ^ +
TBJ D 226 * 035 L
# @ 0 ^ ++
D
22
35
125
7.7
77
96
6
9
9
0.150
1.10
0.99
0.44
0.14
0.12
0.05
95158 23 *
^
TBJ E 226 * 035 C
# @ 0 ^ ++
E
22
35
300
7.7
77
96
6
9
9
0.165
0.74
0.67
0.30
0.22
0.20
0.09
07016 151 * @ ^ +
TBJ E 226 * 035 L
# @ 0 ^ ++
E
22
35
125
7.7
77
96
6
9
9
0.165
1.15
1.03
0.46
0.14
0.13
0.06
07016 152 M @ ^ +
TBJ D 336 M 035 C
# @ 0 ^ ++
D
33
35
300
11.6
116
145
6
9
9
0.150
0.71
0.64
0.28
0.21
0.19
0.08
07016 153 M @ ^ +
TBJ D 336 M 035 L
# @ 0 ^ ++
D
33
35
200
11.6
116
145
6
9
9
0.150
0.87
0.78
0.35
0.17
0.16
0.07
07016 154 M @ ^ +
TBJ E 336 M 035 L
# @ 0 ^ ++
E
33
35
300
11.6
116
145
6
9
9
0.165
0.74
0.67
0.30
0.22
0.20
0.09
07016 155 M @ ^ +
TBJ E 476 M 035 L
# @ 0 ^ ++
E
47
35
250
16.5
165
206
6
9
9
0.165
0.81
0.73
0.32
0.20
0.18
0.08
07016 156 M @ ^ +
TBJ V 476 M 035 L
# @ 0 ^ ++
V
47
35
200
16.5
165
206
6
9
9
0.250
1.12
1.01
0.45
0.22
0.20
0.09
07016 157 M @ ^ +
TBJ A 154 M 050 C
# @ 0 ^ ++
A
0.15
50
15000
0.5
5646
6
0.075
0.07
0.06
0.03
1.06
0.95
0.42
07016 158 M @ ^ +
TBJ A 224 M 050 C
# @ 0 ^ ++
A
0.22
50
18000
0.5
5646
6
0.075
0.06
0.06
0.03
1.16
1.05
0.46
07016 159 * @ ^ +
TBJ A 474 * 050 C
# @ 0 ^ ++
A
0.47
50
9500
0.5
5646
6
0.075
0.09
0.08
0.04
0.84
0.76
0.34
07016 160 * @ ^ +
TBJ B 474 * 050 C
# @ 0 ^ ++
B
0.47
50
9500
0.5
5646
6
0.085
0.09
0.09
0.04
0.90
0.81
0.36
07016 161 * @ ^ +
TBJ A 684 * 050 C
# @ 0 ^ ++
A
0.68
50
7900
0.5
5646
6
0.075
0.10
0.09
0.04
0.77
0.69
0.31
07016 162 M @ ^ +
TBJ A 105 M 050 C
# @ 0 ^ ++
A
1.0
50
6600
0.5
5646
6
0.075
0.11
0.10
0.04
0.70
0.63
0.28
07016 163 * @ ^ +
TBJ B 105 * 050 C
# @ 0 ^ ++
B
1.0
50
7000
0.5
5646
6
0.085
0.11
0.10
0.04
0.77
0.69
0.31
07016 164 * @ ^ +
TBJ C 155 * 050 L
# @ 0 ^ ++
C
1.5
50
2000
0.8
8
10
6
8
9
0.110
0.23
0.21
0.09
0.47
0.42
0.19
07016 165 * @ ^ +
TBJ D 155 * 050 L
# @ 0 ^ ++
D
1.5
50
1500
0.8
8
10
6
8
9
0.150
0.32
0.28
0.13
0.47
0.43
0.19
07016 166 * @ ^ +
TBJ D 225 * 050 L
# @ 0 ^ ++
D
2.2
50
1200
1.1
11
14
6
8
9
0.150
0.35
0.32
0.14
0.42
0.38
0.17
07016 167 * @ ^ +
TBJ D 335 * 050 L
# @ 0 ^ ++
D
3.3
50
800
1.7
17
21
6
9
9
0.150
0.43
0.39
0.17
0.35
0.31
0.14
07016 168 * @ ^ +
TBJ D 475 * 050 L
# @ 0 ^ ++
D
4.7
50
300
2.4
24
30
6
9
9
0.150
0.71
0.64
0.28
0.21
0.19
0.08
95158 24 *
^
TBJ E 475 * 050 C
# @ 0 ^ ++
E
4.7
50
300
1.9
11.4
19
4
6
6
0.165
0.74
0.67
0.30
0.22
0.20
0.09
07016 169 * @ ^ +
TBJ D 685 * 050 C
# @ 0 ^ ++
D
6.8
50
600
3.4
34
43
6
6
6
0.150
0.50
0.45
0.20
0.30
0.27
0.12
07016 170 * @ ^ +
TBJ D 685 * 050 L
# @ 0 ^ ++
D
6.8
50
300
3.4
34
43
6
6
6
0.150
0.71
0.64
0.28
0.21
0.19
0.08
07016 171 * @ ^ +
TBJ E 685 * 050 C
# @ 0 ^ ++
E
6.8
50
400
3.4
34
43
6
6
6
0.165
0.64
0.58
0.26
0.26
0.23
0.10
RATING & PART NUMBER REFERENCE
All technical data relates to an ambient temperature of +25°C. Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts. DCL is measured at rated voltage after 5 minutes.
NOTE: AVX reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com