Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TBJSERIES Datasheet(PDF) 4 Page - AVX Corporation

Part # TBJSERIES
Description  COTS-Plus ??DSCC Dwgs 07016 & 95158
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TBJSERIES Datasheet(HTML) 4 Page - AVX Corporation

  TBJSERIES Datasheet HTML 1Page - AVX Corporation TBJSERIES Datasheet HTML 2Page - AVX Corporation TBJSERIES Datasheet HTML 3Page - AVX Corporation TBJSERIES Datasheet HTML 4Page - AVX Corporation TBJSERIES Datasheet HTML 5Page - AVX Corporation TBJSERIES Datasheet HTML 6Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
32
TBJ Series
COTS-Plus – DSCC Dwgs 07016 & 95158
All technical data relates to an ambient temperature of +25°C. Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts. DCL is measured at rated voltage after 5 minutes.
NOTE: AVX reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards.
Parametric Specifications by Rating per DSCC 95158 or 07016 where applicable
Typical Ripple Data by Rating
Cap
DC Rated
ESR @
DCL max
DF Max
Power
25ºC
85ºC
125ºC
25ºC
85ºC
125ºC
@ 120Hz
Voltage
100kHz
+25ºC
+85ºC
+125ºC
+25ºC
+(85/125)ºC
-55ºC
Dissipation
Ripple
Ripple
Ripple
Ripple
Ripple
Ripple
DSCC P/N
AVX DSCC & COTS-Plus P/N
Case
μF
V
mOhms
(μA)
(μA)
(μA)
(%)
(%)
(%)
W
AAA
V
V
V
@ 25ºC
@ +85ºC
@ +25ºC
(100kHz)
(100kHz)
(100kHz)
(100kHz)
(100kHz)
(100kHz)
95158 26 *
^
TBJ D 157 * 010 C
# @ 0 ^ ++
D
150
10
100
15
150
188
8
10
12
0.150
1.22
1.10
0.49
0.12
0.11
0.05
07016 048 * @ ^ +
TBJ D 157 * 010 L
# @ 0 ^ ++
D
150
10
50
15
150
188
8
10
12
0.150
1.73
1.56
0.69
0.09
0.08
0.03
95158 08 *
^
TBJ E 157 * 010 C
# @ 0 ^ ++
E
150
10
100
15
150
187.5
8
12
12
0.165
1.28
1.16
0.51
0.13
0.12
0.05
07016 049 * @ ^ +
TBJ D 227 * 010 C
# @ 0 ^ ++
D
220
10
150
22
220
275
8
10
12
0.150
1.00
0.90
0.40
0.15
0.14
0.06
07016 050 M @ ^ +
TBJ D 227 * 010 L
# @ 0 ^ ++
D
220
10
50
15
150
188
8
10
12
0.150
1.73
1.56
0.69
0.09
0.08
0.03
95158 28 *
^
TBJ E 227 * 010 C
# @ 0 ^ ++
E
220
10
100
15
150
188
8
10
12
0.165
1.28
1.16
0.51
0.13
0.12
0.05
07016 051 * @ ^ +
TBJ E 227 * 010 L
# @ 0 ^ ++
E
220
10
50
22
220
275
8
10
12
0.165
1.82
1.63
0.73
0.09
0.08
0.04
07016 052 M @ ^ +
TBJ D 337 M 010 C
# @ 0 ^ ++
D
330
10
150
33
330
413
8
10
12
0.150
1.00
0.90
0.40
0.15
0.14
0.06
07016 053 M @ ^ +
TBJ D 337 M 010 L
# @ 0 ^ ++
D
330
10
50
33
330
413
8
10
12
0.150
1.73
1.56
0.69
0.09
0.08
0.03
07016 054 * @ ^ +
TBJ E 337 * 010 C
# @ 0 ^ ++
E
330
10
100
33
330
413
8
10
12
0.165
1.28
1.16
0.51
0.13
0.12
0.05
07016 055 * @ ^ +
TBJ E 337 * 010 L
# @ 0 ^ ++
E
330
10
50
33
330
413
8
10
12
0.165
1.82
1.63
0.73
0.09
0.08
0.04
07016 056 * @ ^ +
TBJ V 337 * 010 L
# @ 0 ^ ++
V
330
10
40
33
330
413
8
10
12
0.250
2.50
2.25
1.00
0.10
0.09
0.04
07016 057 M @ ^ +
TBJ E 477 M 010 C
# @ 0 ^ ++
E
470
10
200
47
470
588
10
12
14
0.165
0.91
0.82
0.36
0.18
0.16
0.07
07016 058 M @ ^ +
TBJ E 477 M 010 L
# @ 0 ^ ++
E
470
10
50
47
470
588
10
12
14
0.165
1.82
1.63
0.73
0.09
0.08
0.04
07016 059 * @ ^ +
TBJ V 477 * 010 L
# @ 0 ^ ++
V
470
10
40
47
470
588
10
12
14
0.250
2.50
2.25
1.00
0.10
0.09
0.04
07016 060 * @ ^ +
TBJ A 225 * 016 C
# @ 0 ^ ++
A
2.2
16
5500
0.5
5
6
6
9
10
0.075
0.12
0.11
0.05
0.64
0.58
0.26
07016 061 * @ ^ +
TBJ A 335 * 016 C
# @ 0 ^ ++
A
3.3
16
5000
0.5
5
6
6
9
10
0.075
0.12
0.11
0.05
0.61
0.55
0.24
07016 062 * @ ^ +
TBJ A 335 * 016 L
# @ 0 ^ ++
A
3.3
16
3500
0.5
5
6
6
9
10
0.075
0.15
0.13
0.06
0.51
0.46
0.20
07016 063 * @ ^ +
TBJ A 475 * 016 C
# @ 0 ^ ++
A
4.7
16
2000
0.8
8
10
6
9
10
0.075
0.19
0.17
0.08
0.39
0.35
0.15
07016 064 * @ ^ +
TBJ A 685 * 016 C
# @ 0 ^ ++
A
6.8
16
1500
1.1
11
14
6
9
10
0.075
0.22
0.20
0.09
0.34
0.30
0.13
07016 065 * @ ^ +
TBJ B 685 * 016 C
# @ 0 ^ ++
B
6.8
16
1200
1.1
11
14
6
9
10
0.085
0.27
0.24
0.11
0.32
0.29
0.13
07016 066 * @ ^ +
TBJ A 106 * 016 C
# @ 0 ^ ++
A
10
16
3000
1.6
16
20
6
9
10
0.075
0.16
0.14
0.06
0.47
0.43
0.19
07016 067 * @ ^ +
TBJ B 106 * 016 L
# @ 0 ^ ++
B
10
16
900
1.2
12
14.4
6
9
10
0.085
0.32
0.29
0.13
0.26
0.23
0.10
07016 068 * @ ^ +
TBJ B 156 * 016 C
# @ 0 ^ ++
B
15
16
800
2.4
24
30
6
9
10
0.085
0.33
0.29
0.13
0.26
0.23
0.10
07016 069 * @ ^ +
TBJ B 156 * 016 L
# @ 0 ^ ++
B
15
16
500
2.4
24
30
6
9
10
0.085
0.41
0.37
0.16
0.21
0.19
0.08
07016 070 * @ ^ +
TBJ B 226 * 016 C
# @ 0 ^ ++
B
22
16
600
3.6
36
45
6
9
10
0.085
0.38
0.34
0.15
0.23
0.20
0.09
07016 071 * @ ^ +
TBJ C 226 * 016 C
# @ 0 ^ ++
C
22
16
375
3.6
36
45
6
9
10
0.110
0.54
0.49
0.22
0.20
0.18
0.08
07016 072 * @ ^ +
TBJ C 226 * 016 L
# @ 0 ^ ++
C
22
16
150
3.6
36
45
6
9
10
0.110
0.86
0.77
0.34
0.13
0.12
0.05
07016 073 * @ ^ +
TBJ B 336 * 016 C
# @ 0 ^ ++
B
22
16
500
3.6
36
45
6
9
10
0.085
0.41
0.37
0.16
0.21
0.19
0.08
07016 074 * @ ^ +
TBJ C 336 * 016 C
# @ 0 ^ ++
C
33
16
300
5.3
53
66
6
9
10
0.110
0.61
0.54
0.24
0.18
0.16
0.07
07016 075 * @ ^ +
TBJ C 336 * 016 L
# @ 0 ^ ++
C
33
16
100
5.3
53
66
6
9
10
0.110
1.05
0.94
0.42
0.10
0.09
0.04
95158 09 *
^
TBJ D 336 * 016 C
# @ 0 ^ ++
D
33
16
250
4.2
25.2
42
4
6
6
0.150
0.77
0.70
0.31
0.19
0.17
0.08
07016 076 * @ ^ +
TBJ C 476 * 016 C
# @ 0 ^ ++
C
47
16
350
7.6
76
95
6
9
10
0.110
0.56
0.50
0.22
0.20
0.18
0.08
07016 077 * @ ^ +
TBJ C 476 * 016 L
# @ 0 ^ ++
C
47
16
110
7.6
76
95
6
9
10
0.110
1.00
0.90
0.40
0.11
0.10
0.04
07016 078 * @ ^ +
TBJ D 476 * 016 L
# @ 0 ^ ++
D
47
16
80
7.6
76
95
6
9
10
0.150
1.37
1.23
0.55
0.11
0.10
0.04
95158 10 *
^
TBJ D 476 * 016 C
# @ 0 ^ ++
D
47
16
150
7.5
75
94
6
9
9
0.150
1.00
0.90
0.40
0.15
0.14
0.06
07016 079 * @ ^ +
TBJ D 686 * 016 C
# @ 0 ^ ++
D
68
16
150
10.9
109
136
6
9
10
0.150
1.00
0.90
0.40
0.15
0.14
0.06
07016 080 * @ ^ +
TBJ D 107 * 016 C
# @ 0 ^ ++
D
100
16
125
16
160
200
6
9
10
0.150
1.10
0.99
0.44
0.14
0.12
0.05
07016 081 * @ ^ +
TBJ D 107 * 016 L
# @ 0 ^ ++
D
100
16
50
16
160
200
6
9
10
0.150
1.73
1.56
0.69
0.09
0.08
0.03
95158 11 *
^
TBJ E 107 * 016 C
# @ 0 ^ ++
E
100
16
100
16
160
200
6
9
10
0.165
1.28
1.16
0.51
0.13
0.12
0.05
07016 082 M @ ^ +
TBJ D 157 M 016 C
# @ 0 ^ ++
D
150
16
150
24
240
300
6
9
10
0.150
1.00
0.90
0.40
0.15
0.14
0.06
07016 083 M @ ^ +
TBJ D 157 M 016 L
# @ 0 ^ ++
D
150
16
60
24
240
300
6
9
10
0.150
1.58
1.42
0.63
0.09
0.09
0.04
07016 084 * @ ^ +
TBJ V 157 * 016 L
# @ 0 ^ ++
V
150
16
45
24
480
300
6
8
10
0.250
2.36
2.12
0.94
0.11
0.10
0.04
07016 085 * @ ^ +
TBJ V 227 * 016 L
# @ 0 ^ ++
V
220
16
50
35.2
352
440
8
10
12
0.250
2.24
2.01
0.89
0.11
0.10
0.04
07016 086 * @ ^ +
TBJ A 155 * 020 C
# @ 0 ^ ++
A
1.5
20
6500
0.5
5
6
6
8
10
0.075
0.11
0.10
0.04
0.70
0.63
0.28
07016 087 * @ ^ +
TBJ A 225 * 020 C
# @ 0 ^ ++
A
2.2
20
3000
0.5
5
6
6
8
10
0.075
0.16
0.14
0.06
0.47
0.43
0.19
07016 088 * @ ^ +
TBJ A 475 * 020 C
# @ 0 ^ ++
A
4.7
20
4000
1
10
13
6
8
10
0.075
0.14
0.12
0.05
0.55
0.49
0.22
07016 089 * @ ^ +
TBJ A 475 * 020 L
# @ 0 ^ ++
A
4.7
20
1800
1
10
13
6
8
10
0.075
0.20
0.18
0.08
0.37
0.33
0.15
07016 090 * @ ^ +
TBJ B 475 * 020 C
# @ 0 ^ ++
B
4.7
20
1000
2
20
25
6
8
10
0.085
0.29
0.26
0.12
0.29
0.26
0.12
07016 091 * @ ^ +
TBJ B 685 * 020 C
# @ 0 ^ ++
B
6.8
20
1000
1.4
14
18
6
8
10
0.085
0.29
0.26
0.12
0.29
0.26
0.12
07016 092 * @ ^ +
TBJ B 106 * 020 C
# @ 0 ^ ++
B
10
20
1000
0.7
7
9
6
8
10
0.085
0.29
0.26
0.12
0.29
0.26
0.12
07016 093 * @ ^ +
TBJ B 106 * 020 L
# @ 0 ^ ++
B
10
20
500
0.7
7
9
6
8
10
0.085
0.41
0.37
0.16
0.21
0.19
0.08
07016 094 * @ ^ +
TBJ C 106 * 020 C
# @ 0 ^ ++
C
10
20
700
1.4
14
18
6
8
10
0.110
0.40
0.36
0.16
0.28
0.25
0.11
07016 095 * @ ^ +
TBJ B 156 * 020 C
# @ 0 ^ ++
B
15
20
500
3
30
38
6
8
10
0.085
0.41
0.37
0.16
0.21
0.19
0.08
07016 096 * @ ^ +
TBJ C 156 * 020 C
# @ 0 ^ ++
C
15
20
450
3
30
38
6
8
10
0.110
0.49
0.44
0.20
0.22
0.20
0.09
95158 12 *
^
TBJ D 156 * 020 C
# @ 0 ^ ++
D
15
20
275
2.4
14.4
24
4
6
6
0.150
0.74
0.66
0.30
0.20
0.18
0.08
RATING & PART NUMBER REFERENCE



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com